Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP1013 Datasheet(PDF) 3 Page - ON Semiconductor

Part # NCP1013
Description  Self-Supplied Monolithic Switcher for Low Standby- Power Offline SMPS
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1013 Datasheet(HTML) 3 Page - ON Semiconductor

  NCP1013 Datasheet HTML 1Page - ON Semiconductor NCP1013 Datasheet HTML 2Page - ON Semiconductor NCP1013 Datasheet HTML 3Page - ON Semiconductor NCP1013 Datasheet HTML 4Page - ON Semiconductor NCP1013 Datasheet HTML 5Page - ON Semiconductor NCP1013 Datasheet HTML 6Page - ON Semiconductor NCP1013 Datasheet HTML 7Page - ON Semiconductor NCP1013 Datasheet HTML 8Page - ON Semiconductor NCP1013 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
NCP1010, NCP1011, NCP1012, NCP1013, NCP1014
http://onsemi.com
3
PIN FUNCTION DESCRIPTION
Pin No.
(SOT−223)
Pin No.
(PDIP−7,
PDIP−7/Gull Wing)
Pin Name
Function
Description
1
1
VCC
Powers the Internal Circuitry
This pin is connected to an external capacitor of typi-
cally 10
mF. The natural ripple superimposed on the
VCC participates to the frequency jittering. For im-
proved standby performance, an auxiliary VCC can be
connected to Pin 1. The VCC also includes an active
shunt which serves as an opto fail−safe protection.
2
NC
3
NC
2
4
FB
Feedback Signal Input
By connecting an optocoupler to this pin, the peak
current setpoint is adjusted accordingly to the output
power demand.
3
5
Drain
Drain Connection
The internal drain MOSFET connection.
7
NC
This unconnected pin ensures adequate creepage
distance.
4
8
GND
The IC Ground
65, 100 or
130 kHz
Clock
Overload?
UVLO
Management
NC
NC
VCC
FB
Drain
NC
GND
Figure 2. Simplified Internal Circuit Architecture
2
1
3
4
IVCC
I?
Vclamp*
4 V
18 k
Error flag armed?
EMI Jittering
VCC
Startup Source
Drain
Flip−Flop
DCmax = 65%
Reset
Reset
High when VCC t 3 V
Driver
S
Q
R
+
Iref = 7.4 mA
IVCC
Set
Q
VCC
8
Rsense
250 ns
L.E.B.
7
5
+
+
Soft−Start
Startup Sequence
Overload
0.5 V
Drain
*Vclamp = VCCOFF + 200 mV (8.7 V Typical)


Similar Part No. - NCP1013

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1013 ONSEMI-NCP1013 Datasheet
476Kb / 24P
   Self?뭆upplied Monolithic Switcher for Low Standby?뭁ower Offline SMPS
December, 2010 -- Rev. 22
NCP1013 ONSEMI-NCP1013 Datasheet
3Mb / 4P
   AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
NCP1013 ONSEMI-NCP1013 Datasheet
739Kb / 6P
   Power Factor Controllers
Rev. 7, Sep-2006
NCP1013 ONSEMI-NCP1013 Datasheet
501Kb / 25P
   Self-Supplied Monolithic Switcher for Low Standby- Power Offline SMPS
August, 2021 - Rev. 25
NCP1013AP065 ONSEMI-NCP1013AP065 Datasheet
476Kb / 24P
   Self?뭆upplied Monolithic Switcher for Low Standby?뭁ower Offline SMPS
December, 2010 -- Rev. 22
More results

Similar Description - NCP1013

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1010 ONSEMI-NCP1010_14 Datasheet
351Kb / 23P
   Self-Supplied Monolithic Switcher for Low Standby-Power Offline SMPS
September, 2014 ??Rev. 23
NCP1015AP065G ONSEMI-NCP1015AP065G Datasheet
403Kb / 22P
   Self-Supplied Monolithic Switcher for Low Standby-Power Offline SMPS
March, 2011 ??Rev. 3
NCP1010 ONSEMI-NCP1010 Datasheet
591Kb / 24P
   Self--Supplied Monolithic Switcher for Low Standby--Power Offline SMPS
December, 2010 -- Rev. 22
NCP1015 ONSEMI-NCP1015 Datasheet
336Kb / 22P
   Self-Supplied Monolithic Switcher for Low Standby- Power Offline SMPS
October, 2007 - Rev. 1
NCP1010 ONSEMI-NCP1010_V01 Datasheet
501Kb / 25P
   Self-Supplied Monolithic Switcher for Low Standby- Power Offline SMPS
August, 2021 - Rev. 25
NCP1015 ONSEMI-NCP1015_11 Datasheet
403Kb / 22P
   Self-Supplied Monolithic Switcher for Low Standby-Power Offline SMPS
March, 2011 ??Rev. 3
NCP1010 ONSEMI-NCP1010 Datasheet
476Kb / 24P
   Self?뭆upplied Monolithic Switcher for Low Standby?뭁ower Offline SMPS
December, 2010 -- Rev. 22
NCP1028 ONSEMI-NCP1028_15 Datasheet
491Kb / 29P
   High-Voltage Switcher for Medium Power Offline SMPS Featuring Low Standby Power
January, 2015 ??Rev. 3
NCP1027 ONSEMI-NCP1027 Datasheet
600Kb / 30P
   High?뭋oltage Switcher for Medium Power Offline SMPS Featuring Low Standby Power
December, 2006 ??Rev. 3
NCP1027 ONSEMI-NCP1027_15 Datasheet
526Kb / 30P
   High-Voltage Switcher for Medium Power Offline SMPS Featuring Low Standby Power
January, 2015 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com