Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

227SVH063MTP Datasheet(PDF) 4 Page - Illinois Capacitor, Inc.

Part # 227SVH063MTP
Description  Long Life, 2000hours
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

227SVH063MTP Datasheet(HTML) 4 Page - Illinois Capacitor, Inc.

  227SVH063MTP Datasheet HTML 1Page - Illinois Capacitor, Inc. 227SVH063MTP Datasheet HTML 2Page - Illinois Capacitor, Inc. 227SVH063MTP Datasheet HTML 3Page - Illinois Capacitor, Inc. 227SVH063MTP Datasheet HTML 4Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
SVH
+105°C, Long Life, 2000
hours
Capacitance
(µF)
WVDC
IC PART NUMBER
Maximum
ESR (Ω)
120 Hz,
+20°C
Maximum
RMS Ripple
Current
(mA)
120 Hz,
+105°C
Dims DxL
(mm)
220
16
227SVH016MEL
1.51
105
6.3x7.7
220
25
227SVH025MFE
1.21
240
8x10.5
220
35
227SVH035MFE
1.5071
170
8x10.5
220
50
227SVH050MGE
1.06
375
10x10.5
220
63
227SVH063MTP
1.3564
470
12.5x13.5
330
6.3
337SVH6R3MEL
1.507
140
6.3x7.7
330
25
337SVH025MFE
0.8
320
8x10.5
330
35
337SVH035MGE
0.7
410
10x10.5
330
50
337SVH050MTP
0.9043
490
12.5x13.5
330
50
337SVH050MTP
0.9043
490
12.5x13.5
330
63
337SVH063MKQ
0.7033
650
16x16.5
470
16
477SVH016MFE
0.71
240
8x10.5
470
25
477SVH025MGE
0.56
450
10x10.5
470
35
477SVH035MTP
0.78
520
12.5x13.5
470
50
477SVH050MTBW 0.5644
550
12.5x16
470
63
477SVH063MKQ
0.4938
700
16x16.5
680
6.3
687SVH6R3MFE
0.73
340
8x10.5
680
25
687SVH025MGE
0.39
490
10x10.5
680
35
687SVH035MTP
0.54
590
12.5x13.5
1000
10
108SVH010MGE
0.4
450
10x10.5
1000
25
108SVH025MTP
0.43
510
12.5x13.5
1000
35
108SVH035MKQ
0.36
800
16x16.5
1000
50
108SVH050MKQ
0.3
800
16x16.5
1500
6.3
158SVH6R3MGE
0.39
460
10x10.5
1500
25
158SVH025MTBW
0.29
590
12.5x16
1500
35
158SVH035MKQ
0.24
1000
16x16.5
2200
10
228SVH010MTP
0.23
680
12.5x13.5
2200
25
228SVH025MTP
0.2
900
16x16.5


Similar Part No. - 227SVH063MTP

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
227SVH063MTP ILLINOISCAPACITOR-227SVH063MTP Datasheet
221Kb / 4P
   Small size ??Extended Life ??Low cost
227SVH063MTP ILLINOISCAPACITOR-227SVH063MTP Datasheet
119Kb / 1P
   SURFACE MOUNT
More results

Similar Description - 227SVH063MTP

ManufacturerPart #DatasheetDescription
logo
PARA LIGHT ELECTRONICS ...
EP501W1L059WHR PARALIGHT-EP501W1L059WHR Datasheet
196Kb / 13P
   Long operating life.
logo
Everlight Electronics C...
EALP05SQAGA1 EVERLIGHT-EALP05SQAGA1 Datasheet
198Kb / 8P
   Long life feature.
EALP03RDCGA7 EVERLIGHT-EALP03RDCGA7 Datasheet
247Kb / 9P
   Long life feature.
EALP03CLAGA0 EVERLIGHT-EALP03CLAGA0 Datasheet
289Kb / 8P
   Long life feature.
EALP05RDHRA4 EVERLIGHT-EALP05RDHRA4 Datasheet
351Kb / 9P
   Long life feature.
logo
TT Electronics.
P232 TTELEC-P232 Datasheet
607Kb / 3P
   Long life element
logo
Nais(Matsushita Electri...
NR-HD-5V NAIS-NR-HD-5V Datasheet
121Kb / 8P
   LONG LIFE RELAY
logo
Everlight Electronics C...
EALP03RDGRA1 EVERLIGHT-EALP03RDGRA1 Datasheet
191Kb / 9P
   Long life feature.
EALP03RDGGA0 EVERLIGHT-EALP03RDGGA0 Datasheet
455Kb / 9P
   Long life feature.
EALP03RDAGA5 EVERLIGHT-EALP03RDAGA5 Datasheet
342Kb / 9P
   Long life feature.
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com