Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCM43353 Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # BCM43353
Description  Single-Chip 5G WiFi IEEE 802.11ac MAC/Baseband/Radio with Integrated Bluetooth 4.1 for Automotive and Industrial Applications
Download  143 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

BCM43353 Datasheet(HTML) 6 Page - Cypress Semiconductor

Back Button BCM43353 Datasheet HTML 2Page - Cypress Semiconductor BCM43353 Datasheet HTML 3Page - Cypress Semiconductor BCM43353 Datasheet HTML 4Page - Cypress Semiconductor BCM43353 Datasheet HTML 5Page - Cypress Semiconductor BCM43353 Datasheet HTML 6Page - Cypress Semiconductor BCM43353 Datasheet HTML 7Page - Cypress Semiconductor BCM43353 Datasheet HTML 8Page - Cypress Semiconductor BCM43353 Datasheet HTML 9Page - Cypress Semiconductor BCM43353 Datasheet HTML 10Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 143 page
background image
Revision History
BCM43353 Data Sheet
Broadcom®
November 14, 2014 • 43353-DS104-R
Page 5
Revision History
Revision
Date
Change Description
43353-DS104-R
11/14/14
Updated:
• The state of the data sheet from Advance Data Sheet to Data
Sheet.
• Table 47: “SDIO Bus Input Timing Parameters (SDR Modes),” on
page 128.
43353-DS103-R
10/16/14
Updated:
• Cover page.
43353-DS102-R
05/28/14
Updated:
• The Features listed in the front matter of the document.
• By changing all instances of Bluetooth 4.0 to Bluetooth 4.1
throughout the document.
• By removing the word draft after all instances of IEEE 802.11ac
throughout the document.
• “Features” on page 20.
• “External 32.768 kHz Low-Power Oscillator” on page 32.
• “Advanced Bluetooth/WLAN Coexistence” on page 44.
• “SDIO v3.0” on page 59.
• Table 15: “WLBGA Signal Descriptions,” on page 78 by fixing an
incorrect WLBGA ball. The second instance of M12 was changed
to M10.
• Table 16: “WLAN GPIO Functions and Strapping Options,” on
page 85.
• Table 18: “Host Interface Selection (WLBGA Package),” on
page 85.
• Table 19: “GPIO Multiplexing Matrix,” on page 86.
• “Description of Control Signals” on page 135.
• Figure 45: “WLAN = ON, Bluetooth = OFF,” on page 137.


Similar Part No. - BCM43353

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
BCM43353 CYPRESS-BCM43353 Datasheet
2Mb / 113P
   Single-Chip 5G MAC/Baseband/Radio with Integrated Bluetooth 4.1 for Automotive and Industrial Applications
BCM43353LIUBG CYPRESS-BCM43353LIUBG Datasheet
2Mb / 113P
   Single-Chip 5G MAC/Baseband/Radio with Integrated Bluetooth 4.1 for Automotive and Industrial Applications
BCM43353LIUBGT CYPRESS-BCM43353LIUBGT Datasheet
3Mb / 143P
   Single-Chip 5G WiFi IEEE 802.11ac MAC/Baseband/Radio with Integrated Bluetooth 4.1 for Automotive and Industrial Applications
More results

Similar Description - BCM43353

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
BCM43353LIUBGT CYPRESS-BCM43353LIUBGT Datasheet
3Mb / 143P
   Single-Chip 5G WiFi IEEE 802.11ac MAC/Baseband/Radio with Integrated Bluetooth 4.1 for Automotive and Industrial Applications
CYW4339 CYPRESS-CYW4339 Datasheet
2Mb / 133P
   Single-Chip 5G WiFi IEEE 802.11ac MAC/ Baseband/Radio with Integrated Bluetooth 4.1
BCM43455 CYPRESS-BCM43455 Datasheet
2Mb / 159P
   Single-Chip 5G WiFi IEEE 802.11ac MAC/Baseband/ Radio with Integrated Bluetooth 4.1 and FM Receiver
BCM4339 CYPRESS-BCM4339 Datasheet
4Mb / 183P
   Single-Chip 5G WiFi IEEE 802.11ac MAC/Baseband/Radio with Integrated Bluetooth 4.1 and FM Receiver
BCM4339XKWBGT CYPRESS-BCM4339XKWBGT Datasheet
4Mb / 183P
   Single-Chip 5G WiFi IEEE 802.11ac MAC/Baseband/Radio with Integrated Bluetooth 4.1 and FM Receiver
BCM4339XKUBGT CYPRESS-BCM4339XKUBGT Datasheet
4Mb / 183P
   Single-Chip 5G WiFi IEEE 802.11ac MAC/Baseband/Radio with Integrated Bluetooth 4.1 and FM Receiver
BCM43455XKUBGT CYPRESS-BCM43455XKUBGT Datasheet
2Mb / 159P
   Single-Chip 5G WiFi IEEE 802.11ac MAC/Baseband/ Radio with Integrated Bluetooth 4.1 and FM Receiver
BCM88335 CYPRESS-BCM88335 Datasheet
2Mb / 140P
   Single-Chip 5G Wi-Fi IEEE 802.11ac MAC/Baseband/ Radio with Integrated Bluetooth 4.1 for Automotive Applications
BCM88335L2CUBGT CYPRESS-BCM88335L2CUBGT Datasheet
2Mb / 140P
   Single-Chip 5G Wi-Fi IEEE 802.11ac MAC/Baseband/ Radio with Integrated Bluetooth 4.1 for Automotive Applications
CYW43353 CYPRESS-CYW43353 Datasheet
2Mb / 113P
   Single-Chip 5G MAC/Baseband/Radio with Integrated Bluetooth 4.1 for Automotive and Industrial Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com