Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S6E2C1 Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # S6E2C1
Description  32-bit ARM짰 Cortex짰-M4F FM4 Microcontroller
Download  191 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S6E2C1 Datasheet(HTML) 1 Page - Cypress Semiconductor

  S6E2C1 Datasheet HTML 1Page - Cypress Semiconductor S6E2C1 Datasheet HTML 2Page - Cypress Semiconductor S6E2C1 Datasheet HTML 3Page - Cypress Semiconductor S6E2C1 Datasheet HTML 4Page - Cypress Semiconductor S6E2C1 Datasheet HTML 5Page - Cypress Semiconductor S6E2C1 Datasheet HTML 6Page - Cypress Semiconductor S6E2C1 Datasheet HTML 7Page - Cypress Semiconductor S6E2C1 Datasheet HTML 8Page - Cypress Semiconductor S6E2C1 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 191 page
background image
S6E2C1 Series
32-bit ARM
® Cortex®-M4F
FM4 Microcontroller
Cypress Semiconductor Corporation
198 Champion Court
San Jose
, CA 95134-1709
408-943-2600
Document Number: 002-05032 Rev.*A
Revised February 5, 2016
Devices in the S6E2C1 Series are highly integrated 32-bit microcontrollers with high performance and competitive cost. This
series is based on the ARM Cortex-M4F processor with on-chip flash memory and SRAM. The series has peripherals such as
motor control timers, A/D converters, and communications interfaces (USB, CAN, UART, CSIO (SPI), I
2C, LIN). The products that
are described in this data sheet are placed into TYPE3-M4 product categories "FM4 Family Peripheral Manual Main Part
(002-04856)."
Features
32-bit ARM Cortex-M4F Core
Processor version: r0p1
Up to 200 MHz frequency operation
FPU built-in
Support DSP instructions
Memory protection unit (MPU): improves the reliability of an
embedded system
Integrated nested vectored interrupt controller (NVIC): 1 NMI
(non-maskable interrupt) and 128 peripheral interrupts and
16 priority levels
24-bit system timer (Sys Tick): system timer for OS task
management
On-chip Memories
Flash memory
This series is based on two independent on-chip flash
memories.
Up to 2048 Kbytes
Built-in flash accelerator system with 16 Kbytes trace buffer
memory
Read access to flash memory that can be achieved without
wait-cycle up to an operating frequency of 72 MHz. Even at
the operating frequency more than 72 MHz, an equivalent
single cycle access to flash memory can be obtained by
the flash accelerator system.
Security function for code protection
SRAM
This is composed of three independent SRAMs (SRAM0,
SRAM1 and SRAM2). SRAM0 is connected to the I-code bus
and D-code bus of Cortex-M4F core. SRAM1 and SRAM2
are connected to system bus of Cortex-M4F core.
SRAM0: up to 192 Kbytes
SRAM1: 32 Kbytes
SRAM2: 32 Kbytes
External Bus Interface
Supports SRAM, NOR, NAND flash and SDRAM device
Up to 9 chip selects CS0 to CS8 (CS8 is only for SDRAM)
8-/16-/32-bit data width
Up to 25-bit address bus
Supports address/data multiplexing
Supports external RDY function
Supports scramble function
Possible to set the validity/invalidity of the scramble
function for the external areas 0x6000_0000 to
0xDFFF_FFFF in 4 Mbytes units.
Possible to set two kinds of the scramble key
Note: It is necessary to use the Cypress provided software
library to use the scramble function.
Multi-function Serial Interface (Max 16 Channels)
Separate 64 byte receive and transmit FIFO buffers for
channels 0 to 7.
Operation mode is selectable for each channel from the
following:
UART
CSIO (SPI)
LIN
I
2C
UART
Full-duplex double buffer
Selection with or without parity supported
Built-in dedicated baud rate generator
External clock available as a serial clock
Various error detect functions available (parity errors,
framing errors, and overrun errors)
CSIO (SPI)
Full-duplex double buffer
Built-in dedicated baud rate generator
Overrun error detect function available
Serial chip select function (ch 6 and ch 7 only)
Supports high-speed SPI (ch 4 and ch 6 only)
Data length 5 to 16-bit


Similar Part No. - S6E2C1

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
S6E2C2 CYPRESS-S6E2C2 Datasheet
5Mb / 207P
   32-bit ARM짰 Cortex짰-M4F FM4 Microcontroller
logo
Texas Instruments
S6E2C2AL0AGL20000 TI1-S6E2C2AL0AGL20000 Datasheet
5Mb / 207P
[Old version datasheet]   32-bit ARM짰 Cortex짰-M4F FM4 Microcontroller
logo
Cypress Semiconductor
S6E2C3 CYPRESS-S6E2C3 Datasheet
5Mb / 198P
   32-bit ARM짰 Cortex짰-M4F FM4 Microcontroller
S6E2C4 CYPRESS-S6E2C4 Datasheet
447Kb / 3P
   32-bit Microcontroller FM4 Family
S6E2C48H0AGV20000 CYPRESS-S6E2C48H0AGV20000 Datasheet
447Kb / 3P
   32-bit Microcontroller FM4 Family
More results

Similar Description - S6E2C1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
S6E2C2AL0AGL20000 TI1-S6E2C2AL0AGL20000 Datasheet
5Mb / 207P
[Old version datasheet]   32-bit ARM짰 Cortex짰-M4F FM4 Microcontroller
logo
Cypress Semiconductor
S6E2C3 CYPRESS-S6E2C3 Datasheet
5Mb / 198P
   32-bit ARM짰 Cortex짰-M4F FM4 Microcontroller
MB9B460L CYPRESS-MB9B460L Datasheet
1Mb / 122P
   32-Bit Arm짰 Cortex짰-M4F FM4 Microcontroller
MB9B560R CYPRESS-MB9B560R Datasheet
3Mb / 169P
   32-Bit ARM짰 Cortex짰 - M4F FM4 Microcontroller
logo
Texas Instruments
S6E2C49J0AGB10000 TI1-S6E2C49J0AGB10000 Datasheet
4Mb / 193P
[Old version datasheet]   32-bit ARM짰 Cortex짰-M4F FM4 Microcontroller
logo
Cypress Semiconductor
MB9B360R CYPRESS-MB9B360R Datasheet
3Mb / 166P
   32-Bit ARM짰 Cortex짰 - M4F FM4 Microcontroller
MB9B160L CYPRESS-MB9B160L Datasheet
2Mb / 118P
   32-Bit ARM짰 Cortex짰 - M4F FM4 Microcontroller
MB9BF564KQN CYPRESS-MB9BF564KQN Datasheet
2Mb / 124P
   32-Bit ARM짰 Cortex짰 - M4F FM4 Microcontroller
S6E2C5 CYPRESS-S6E2C5 Datasheet
5Mb / 200P
   32-bit ARM짰 Cortex짰-M4F FM4 Microcontroller
MB9B360L CYPRESS-MB9B360L Datasheet
1Mb / 128P
   32-Bit Arm짰 Cortex짰-M4F FM4 Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com