Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S6E2C3 Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # S6E2C3
Description  32-bit ARM짰 Cortex짰-M4F FM4 Microcontroller
Download  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S6E2C3 Datasheet(HTML) 3 Page - Cypress Semiconductor

  S6E2C3 Datasheet HTML 1Page - Cypress Semiconductor S6E2C3 Datasheet HTML 2Page - Cypress Semiconductor S6E2C3 Datasheet HTML 3Page - Cypress Semiconductor S6E2C3 Datasheet HTML 4Page - Cypress Semiconductor S6E2C3 Datasheet HTML 5Page - Cypress Semiconductor S6E2C3 Datasheet HTML 6Page - Cypress Semiconductor S6E2C3 Datasheet HTML 7Page - Cypress Semiconductor S6E2C3 Datasheet HTML 8Page - Cypress Semiconductor S6E2C3 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 198 page
background image
Document Number: 002-04988 Rev.*A
Page 3 of 198
S6E2C3 Series
Multi-function Timer (Max three Units)
The multi-function timer is composed of the following blocks:
Minimum resolution: 5.00 ns
16-bit free-run timer × 3 ch/unit
Input capture × 4 ch/unit
Output compare × 6 ch/unit
A/D activation compare × 6 ch/unit
Waveform generator × 3 ch/unit
16-bit PPG timer × 3 ch/unit
The following functions can be used to achieve the motor
control:
PWM signal output function
DC chopper waveform output function
Dead time function
Input capture function
A/D convertor activate function
DTIF (motor emergency stop) interrupt function
Real-Time Clock (RTC)
The real-time clock can count year, month, day, hour, minute,
second, or day of the week from 00 to 99.
Interrupt function with specifying date and time
(year/month/day/hour/minute/second/day of the week) is
available. This function is also available by specifying only
year, month, day, hour, or minute.
Timer interrupt function after set time or each set time.
Capable of rewriting the time with continuing the time count.
Leap year automatic count is available.
Quadrature Position/Revolution Counter (QPRC;
Max four Channels)
The Quadrature Position/Revolution Counter (QPRC) is used
to measure the position of the position encoder. It is also
possible to use up/down counter.
The detection edge of the three external event input pins AIN,
BIN and ZIN is configurable.
16-bit position counter
16-bit revolution counter
Two 16-bit compare registers
Dual Timer (32-/16-bit Down Counter)
The dual timer consists of two programmable 32/16-bit down
counters.
Operation mode is selectable from the following for each
channel:
Free-running
Periodic (= Reload)
One shot
Watch Counter
The watch counter is used for wake up from low-power
consumption mode. It is possible to select the main clock,
sub clock, built-in High-speed CR clock, or built-in low-speed
CR clock as the clock source.
Interval timer: up to 64 s (max) with a sub clock of 32.768
kHz
External Interrupt Controller Unit
External interrupt input pin: Max 32 pins
Include one non-maskable interrupt (NMI)
Watchdog Timer (2 Channels)
A watchdog timer can generate interrupts or a reset when a
time-out value is reached.
This series consists of two different watchdogs: a "hardware"
watchdog and a "software" watchdog.
The hardware watchdog timer is clocked by low-speed
internal CR oscillator. The hardware watchdog is thus active
in any power saving mode except RTC mode and Stop mode.
Cyclic Redundancy Check (CRC) Accelerator
The CRC accelerator helps to verify data transmission or
storage integrity.
CCITT CRC16 and IEEE-802.3 CRC32 are supported.
CCITT CRC16 generator polynomial: 0x1021
IEEE-802.3 CRC32 generator polynomial: 0x04C11DB7


Similar Part No. - S6E2C3

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
S6E2C1 CYPRESS-S6E2C1 Datasheet
4Mb / 191P
   32-bit ARM짰 Cortex짰-M4F FM4 Microcontroller
S6E2C2 CYPRESS-S6E2C2 Datasheet
5Mb / 207P
   32-bit ARM짰 Cortex짰-M4F FM4 Microcontroller
logo
Texas Instruments
S6E2C2AL0AGL20000 TI1-S6E2C2AL0AGL20000 Datasheet
5Mb / 207P
[Old version datasheet]   32-bit ARM짰 Cortex짰-M4F FM4 Microcontroller
logo
Cypress Semiconductor
S6E2C4 CYPRESS-S6E2C4 Datasheet
447Kb / 3P
   32-bit Microcontroller FM4 Family
S6E2C48H0AGV20000 CYPRESS-S6E2C48H0AGV20000 Datasheet
447Kb / 3P
   32-bit Microcontroller FM4 Family
More results

Similar Description - S6E2C3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
S6E2C2AL0AGL20000 TI1-S6E2C2AL0AGL20000 Datasheet
5Mb / 207P
[Old version datasheet]   32-bit ARM짰 Cortex짰-M4F FM4 Microcontroller
logo
Cypress Semiconductor
MB9B460L CYPRESS-MB9B460L Datasheet
1Mb / 122P
   32-Bit Arm짰 Cortex짰-M4F FM4 Microcontroller
MB9B560R CYPRESS-MB9B560R Datasheet
3Mb / 169P
   32-Bit ARM짰 Cortex짰 - M4F FM4 Microcontroller
S6E2C1 CYPRESS-S6E2C1 Datasheet
4Mb / 191P
   32-bit ARM짰 Cortex짰-M4F FM4 Microcontroller
logo
Texas Instruments
S6E2C49J0AGB10000 TI1-S6E2C49J0AGB10000 Datasheet
4Mb / 193P
[Old version datasheet]   32-bit ARM짰 Cortex짰-M4F FM4 Microcontroller
logo
Cypress Semiconductor
MB9B360R CYPRESS-MB9B360R Datasheet
3Mb / 166P
   32-Bit ARM짰 Cortex짰 - M4F FM4 Microcontroller
MB9B160L CYPRESS-MB9B160L Datasheet
2Mb / 118P
   32-Bit ARM짰 Cortex짰 - M4F FM4 Microcontroller
MB9BF564KQN CYPRESS-MB9BF564KQN Datasheet
2Mb / 124P
   32-Bit ARM짰 Cortex짰 - M4F FM4 Microcontroller
S6E2C5 CYPRESS-S6E2C5 Datasheet
5Mb / 200P
   32-bit ARM짰 Cortex짰-M4F FM4 Microcontroller
MB9B360L CYPRESS-MB9B360L Datasheet
1Mb / 128P
   32-Bit Arm짰 Cortex짰-M4F FM4 Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com