Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S6E2C5 Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # S6E2C5
Description  32-bit ARM짰 Cortex짰-M4F FM4 Microcontroller
Download  200 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S6E2C5 Datasheet(HTML) 5 Page - Cypress Semiconductor

  S6E2C5 Datasheet HTML 1Page - Cypress Semiconductor S6E2C5 Datasheet HTML 2Page - Cypress Semiconductor S6E2C5 Datasheet HTML 3Page - Cypress Semiconductor S6E2C5 Datasheet HTML 4Page - Cypress Semiconductor S6E2C5 Datasheet HTML 5Page - Cypress Semiconductor S6E2C5 Datasheet HTML 6Page - Cypress Semiconductor S6E2C5 Datasheet HTML 7Page - Cypress Semiconductor S6E2C5 Datasheet HTML 8Page - Cypress Semiconductor S6E2C5 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 200 page
background image
Document Number: 002-04984 Rev.*A
Page 5 of 200
S6E2C5 Series
Low-power Consumption Mode
Six low power consumption modes are supported.
Sleep
Timer
RTC
Stop
Deep standby RTC (selectable from with/without RAM
retention)
Deep standby stop (selectable from with/without RAM
retention)
Peripheral Clock Gating
The system can reduce the current consumption of the total
system with gating the operation clocks of peripheral
functions not used.
VBAT
The consumption power during the RTC operation can be
reduced by supplying the power supply independent from the
RTC (calendar circuit)/32 kHz oscillation circuit. The following
circuits can also be used.
RTC
32-kHz oscillation circuit
Power-on circuit
Back up register: 32 bytes
Port circuit
Debug
Serial wire JTAG debug port (SWJ-DP)
Embedded trace macrocells (ETM) provide comprehensive
debug and trace facilities.
AHB trace macrocells (HTM)
Unique ID
Unique value of the device (41-bit) is set.
Power Supply
Five power supplies
Wide range voltage:
VCC
= 2.7 V to 5.5 V
Power supply for USB ch 0 I/O:
USBVCC0 = 3.0 V to 3.6 V (when USB is used)
= 2.7 V to 5.5 V (when GPIO is used)
Power supply for USB ch 1 I/O:
USBVCC1 = 3.0 V to 3.6 V (when USB is used)
= 2.7 V to 5.5 V (when GPIO is used)
Power supply for VBAT:
VBAT
= 1.65 V to 5.5 V


Similar Part No. - S6E2C5

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
S6E2C58L0AGL20000 TI1-S6E2C58L0AGL20000 Datasheet
5Mb / 200P
[Old version datasheet]   32-bit ARM짰 Cortex짰-M4F FM4 Microcontroller
More results

Similar Description - S6E2C5

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
S6E2C2AL0AGL20000 TI1-S6E2C2AL0AGL20000 Datasheet
5Mb / 207P
[Old version datasheet]   32-bit ARM짰 Cortex짰-M4F FM4 Microcontroller
logo
Cypress Semiconductor
S6E2C3 CYPRESS-S6E2C3 Datasheet
5Mb / 198P
   32-bit ARM짰 Cortex짰-M4F FM4 Microcontroller
MB9B460L CYPRESS-MB9B460L Datasheet
1Mb / 122P
   32-Bit Arm짰 Cortex짰-M4F FM4 Microcontroller
MB9B560R CYPRESS-MB9B560R Datasheet
3Mb / 169P
   32-Bit ARM짰 Cortex짰 - M4F FM4 Microcontroller
S6E2C1 CYPRESS-S6E2C1 Datasheet
4Mb / 191P
   32-bit ARM짰 Cortex짰-M4F FM4 Microcontroller
logo
Texas Instruments
S6E2C49J0AGB10000 TI1-S6E2C49J0AGB10000 Datasheet
4Mb / 193P
[Old version datasheet]   32-bit ARM짰 Cortex짰-M4F FM4 Microcontroller
logo
Cypress Semiconductor
MB9B360R CYPRESS-MB9B360R Datasheet
3Mb / 166P
   32-Bit ARM짰 Cortex짰 - M4F FM4 Microcontroller
MB9B160L CYPRESS-MB9B160L Datasheet
2Mb / 118P
   32-Bit ARM짰 Cortex짰 - M4F FM4 Microcontroller
MB9BF564KQN CYPRESS-MB9BF564KQN Datasheet
2Mb / 124P
   32-Bit ARM짰 Cortex짰 - M4F FM4 Microcontroller
MB9B360L CYPRESS-MB9B360L Datasheet
1Mb / 128P
   32-Bit Arm짰 Cortex짰-M4F FM4 Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com