Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S6E2DF5G0AGV20000 Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # S6E2DF5G0AGV20000
Description  S6E2DF Series 32-bit ARM짰 Cortex짰-M4F based Microcontroller
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S6E2DF5G0AGV20000 Datasheet(HTML) 3 Page - Cypress Semiconductor

  S6E2DF5G0AGV20000 Datasheet HTML 1Page - Cypress Semiconductor S6E2DF5G0AGV20000 Datasheet HTML 2Page - Cypress Semiconductor S6E2DF5G0AGV20000 Datasheet HTML 3Page - Cypress Semiconductor S6E2DF5G0AGV20000 Datasheet HTML 4Page - Cypress Semiconductor S6E2DF5G0AGV20000 Datasheet HTML 5Page - Cypress Semiconductor S6E2DF5G0AGV20000 Datasheet HTML 6Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Errata Document
S6E2DF Series
December 4, 2015
Document No. 002-05043 Rev. *A
3
Page
Item
Description
178
15. Ordering
Information
Ordering Information should be corrected as indicated by the shading below.
(Error)
Part Number
Package
S6E2DF5G0AGV20000
Plastic・LQFP (0.5 mm pitch), 120 pin
(FPT-120P-M21)
S6E2DF5GJAMV20000
S6E2DF5J0AGV20000
Plastic・LQFP (0.5 mm pitch), 176 pin
(FPT-176P-M07)
S6E2DF5G0AGB30000
Plastic・PFBGA (0.5 mm pitch), 161 pin
(FDJ161)
S6E2DF5G0AGZ20000
Plastic・Ex-LQFP (0.5 mm pitch), 120 pin
(LEM120)
(Correct)
Part Number
Package
S6E2DF5G0AGV20000
Plastic・LQFP (0.5 mm pitch), 120 pin
(FPT-120P-M21)
S6E2DF5GJAMV20000
S6E2DF5J0AGV20000
Plastic・LQFP (0.5 mm pitch), 176 pin
(FPT-176P-M07)
S6E2DF5G0AGB30000
Plastic・PFBGA (0.5 mm pitch), 161 pin
(FDJ161)
S6E2DF5G0AGE20000
Plastic・Ex-LQFP (0.5 mm pitch), 120 pin
(LEM120)


Similar Part No. - S6E2DF5G0AGV20000

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
S6E2D3 CYPRESS-S6E2D3 Datasheet
175Kb / 6P
   S6E2D3 Series 32-bit ARM짰 Cortex짰-M4F, FM4 Microcontroller
S6E2D35G0AGB30000 CYPRESS-S6E2D35G0AGB30000 Datasheet
175Kb / 6P
   S6E2D3 Series 32-bit ARM짰 Cortex짰-M4F, FM4 Microcontroller
S6E2D35G0AGE20000 CYPRESS-S6E2D35G0AGE20000 Datasheet
175Kb / 6P
   S6E2D3 Series 32-bit ARM짰 Cortex짰-M4F, FM4 Microcontroller
S6E2D35G0AGV20000 CYPRESS-S6E2D35G0AGV20000 Datasheet
175Kb / 6P
   S6E2D3 Series 32-bit ARM짰 Cortex짰-M4F, FM4 Microcontroller
S6E2D35G0AGZ20000 CYPRESS-S6E2D35G0AGZ20000 Datasheet
175Kb / 6P
   S6E2D3 Series 32-bit ARM짰 Cortex짰-M4F, FM4 Microcontroller
More results

Similar Description - S6E2DF5G0AGV20000

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
S6E2D5 CYPRESS-S6E2D5 Datasheet
262Kb / 5P
   S6E2D5 Series 32-bit ARM짰 Cortex짰-M4F based Microcontroller
S6E2CC CYPRESS-S6E2CC Datasheet
117Kb / 3P
   S6E2CC Series 32-bit ARM짰 Cortex짰-M4F based Microcontroller
S6E2DH CYPRESS-S6E2DH Datasheet
280Kb / 6P
   S6E2DH Series 32-bit ARM짰 Cortex짰-M4F based Microcontroller
logo
Nuvoton Technology Corp...
M480 NUVOTON-M480 Datasheet
8Mb / 401P
   32-bit ARM짰 Cortex짰-M4F Microcontroller
logo
Texas Instruments
S6E2C2AL0AGL20000 TI1-S6E2C2AL0AGL20000 Datasheet
5Mb / 207P
[Old version datasheet]   32-bit ARM짰 Cortex짰-M4F FM4 Microcontroller
logo
Cypress Semiconductor
S6E2C3 CYPRESS-S6E2C3 Datasheet
5Mb / 198P
   32-bit ARM짰 Cortex짰-M4F FM4 Microcontroller
logo
Texas Instruments
S6E2C49J0AGB10000 TI1-S6E2C49J0AGB10000 Datasheet
4Mb / 193P
[Old version datasheet]   32-bit ARM짰 Cortex짰-M4F FM4 Microcontroller
logo
Cypress Semiconductor
MB9B360R CYPRESS-MB9B360R Datasheet
3Mb / 166P
   32-Bit ARM짰 Cortex짰 - M4F FM4 Microcontroller
MB9B160L CYPRESS-MB9B160L Datasheet
2Mb / 118P
   32-Bit ARM짰 Cortex짰 - M4F FM4 Microcontroller
MB9BF564KQN CYPRESS-MB9BF564KQN Datasheet
2Mb / 124P
   32-Bit ARM짰 Cortex짰 - M4F FM4 Microcontroller
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com