Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M37736MHL Datasheet(PDF) 6 Page - Mitsubishi Electric Semiconductor

Part # M37736MHL
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M37736MHL Datasheet(HTML) 6 Page - Mitsubishi Electric Semiconductor

Back Button M37736MHL Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M37736MHL Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M37736MHL Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M37736MHL Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M37736MHL Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M37736MHL Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M37736MHL Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M37736MHL Datasheet HTML 9Page - Mitsubishi Electric Semiconductor M37736MHL Datasheet HTML 10Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
PRELIMINARY
Notice:
This
is not
a final
specification.
Some
parametric
limits
are
subject
to change.
6
MITSUBISHI MICROCOMPUTERS
M37736MHLXXXHP
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Limits
Min.
Typ.
Max.
f(XIN) : Operating
2.7
5.5
f(XIN) : Stopped, f(XCIN) = 32.768 kHz
2.7
5.5
AVcc
Analog power source voltage
Vcc
V
Vss
Power source voltage
0V
AVss
Analog power source voltage
0
V
High-level input voltage P00 – P07, P30 – P33, P40 – P47, P50 – P57, P60 – P67,
_____
P70 – P77, P80 – P87, P90 – P92, P100 – P107, XIN, RESET,
CNVss, BYTE, BSEL, XCIN (Note 3)
High-level input voltage P10 – P17, P20 – P27 (in single-chip mode)
High-level input voltage P10 – P17, P20 – P27
(in memory expansion mode and microprocessor mode)
Low-level input voltage P00 – P07, P30 – P33, P40 – P47, P50 – P57, P60 – P67,
_____
P70 – P77, P80 – P87, P90 – P92, P100 – P107, XIN, RESET,
CNVss, BYTE, BSEL, XCIN (Note 3)
Low-level input voltage P10 – P17, P20 – P27 (in single-chip mode)
Low-level input voltage P10 – P17, P20 – P27
(in memory expansion mode and microprocessor mode)
High-level peak output current P00 – P07, P10 – P17, P20 – P27, P30 – P33,
P40 – P47, P50 – P57, P60 – P67, P70 – P77,
P80 – P87, P90 – P97, P100 – P107
High-level average output current P00 – P07, P10 – P17, P20 – P27, P30 – P33,
P40 – P47, P50 – P57, P60 – P67, P70 – P77,
P80 – P87, P90 – P97, P100 – P107
Low-level peak output current P00 – P07, P10 – P17, P20 – P27, P30 – P33,
P40 – P43, P54 – P57, P60 – P67, P70 – P77,
P80 – P87, P90 – P97, P104 – P107
Low-level peak output current P44 – P47, P100 – P103
Low-level average output current P00 – P07, P10 – P17, P20 – P27, P30 – P33,
P40 – P43, P50 – P57, P60 – P67, P70 – P77,
P80 – P87, P90 – P97, P104 – P107
IOL(avg)
Low-level average output current P44 – P47, P100 – P103
12
mA
f(XIN)
Main-clock oscillation frequency (Note 4)
12
MHz
f(XCIN)
Sub-clock oscillation frequency
32.768
50
kHz
Symbol
Parameter
Conditions
Ratings
Unit
Vcc
Power source voltage
–0.3 to +7
V
AVcc
Analog power source voltage
–0.3 to +7
V
VI
_____
Input voltage RESET, CNVss, BYTE
–0.3 to +12
V
Input voltage P00 – P07, P10 – P17, P20 – P27,
P30 – P33, P40 – P47, P50 – P57,
P60 – P67, P70 – P77, P80 – P87,
P90 – P92, P100 – P107, VREF,
XIN, BSEL
Output voltage P00 – P07, P10 – P17, P20 – P27,
P30 – P33, P40 – P47, P50 – P57,
P60 – P67, P70 – P77, P80 – P87,
_
P90 – P97, P100 – P107, XOUT, E
Pd
Power dissipation
Ta = 25 °C
200
mW
Topr
Operating temperature
–40 to +85
°C
Tstg
Storage temperature
–65 to +150
°C
VI
VO
ABSOLUTE MAXIMUM RATINGS
Unit
Symbol
Parameter
RECOMMENDED OPERATING CONDITIONS (Vcc = 2.7 – 5.5 V, Ta = –40 to +85 °C, unless otherwise noted)
V
Vcc
Power source voltage
–0.3 to Vcc + 0.3
V
–0.3 to Vcc + 0.3
V
0.8 Vcc
0.8 Vcc
0.5 Vcc
0
0
0
Vcc
Vcc
Vcc
0.2Vcc
0.2Vcc
0.16Vcc
–10
–5
10
16
5
Notes 1. Average output current is the average value of a 100 ms interval.
2. The sum of IOL(peak) for ports P0, P1, P2, P3, P8, and P9 must be 80 mA or less,
the sum of IOH(peak) for ports P0, P1, P2, P3, P8, and P9 must be 80 mA or less,
the sum of IOL(peak) for ports P4, P5, P6, P7, and P10 must be 100 mA or less, and
the sum of IOH(peak) for ports P4, P5, P6, P7, and P10 must be 80 mA or less.
3. Limits VIH and VIL for XCIN are applied when the sub clock external input selection bit = “1”.
4. The maximum value of f(XIN) = 6 MHz when the main clock division selection bit = “1”.
V
V
V
V
V
V
mA
mA
mA
mA
mA
VIH
VIH
VIH
VIL
VIL
VIL
IOH(peak)
IOH(avg)
IOL(peak)
IOL(peak)
IOL(avg)


Similar Part No. - M37736MHL

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M37736MHLXXXHP MITSUBISHI-M37736MHLXXXHP Datasheet
538Kb / 29P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
More results

Similar Description - M37736MHL

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP922000 SONY-CXP922000 Datasheet
146Kb / 6P
   CMOS 16-bit Single Chip Microcomputer
logo
Mitsubishi Electric Sem...
M30621FCMGP MITSUBISHI-M30621FCMGP Datasheet
594Kb / 24P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
logo
Sony Corporation
CXP913040 SONY-CXP913040 Datasheet
307Kb / 26P
   CMOS 16-bit Single Chip Microcomputer
logo
Mitsubishi Electric Sem...
M32C MITSUBISHI-M32C Datasheet
5Mb / 441P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M30620MCM MITSUBISHI-M30620MCM Datasheet
414Kb / 33P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M37735MHB MITSUBISHI-M37735MHB Datasheet
1Mb / 90P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M37733M4LXXXHP MITSUBISHI-M37733M4LXXXHP Datasheet
469Kb / 31P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
logo
Renesas Technology Corp
16C26 RENESAS-16C26 Datasheet
238Kb / 39P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M306V8FJFP RENESAS-M306V8FJFP Datasheet
3Mb / 365P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M16C30 RENESAS-M16C30_02 Datasheet
2Mb / 178P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M16C62 RENESAS-M16C62 Datasheet
3Mb / 231P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com