Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

865090640004 Datasheet(PDF) 7 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 865090640004
Description  WCAP-ASLU Aluminum Electrolytic Capacitors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

865090640004 Datasheet(HTML) 7 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  865090640004 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 865090640004 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 865090640004 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 865090640004 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. 865090640004 Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany. 865090640004 Datasheet HTML 6Page - Wurth Elektronik GmbH & Co. KG, Germany. 865090640004 Datasheet HTML 7Page - Wurth Elektronik GmbH & Co. KG, Germany. 865090640004 Datasheet HTML 8Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
1.0
REV
2014-11-11
DATE
SSt
BY
PSL
CHECKED
Würth Elektronik eiSos GmbH & Co. KG
EMC & Inductive Solutions
Max-Eyth-Str. 1
74638 Waldenburg
Germany
Tel. +49 (0) 79 42 945 - 0
www.we-online.com
eiSos@we-online.com
DESCRIPTION
WCAP-ASLU Aluminum Electrolytic
Capacitors
Order.- No.
865090640004
SIZE
A4
Size: 4.0 x 5.5
1.15 Emergency Case
In case of excessive pressure within the capacitor the vent may operate and release this pressure. In case of vent operation gas becomes visi-
ble, when the component is in operation. If so, directly turn off the application and disconnect it from the power source. If the application will
not be turned off, a possible short circuit of capacitor or a short circuit due to bridging of liquefied gas can possibly damage the circuit and in
worst case the application may be dramatically damaged.
Do not stay or position body or face above or in direction of the vent, because in the event of any vent operation, the releasing gas temperature
may have over 100 °C.
In case of contact with the electrolyte on skin, wash the skin immediately with soap and water. If the eyes will get in contact with the releasing
gas, immediately wash the eyes with water. Whether the gas was inhaled, directly use gargle.
1.16 Disposal
Please contact your local responsible or organization for proper disposal of capacitor.
Also take care to be compliant in order to your local governmental law and restrictions. In case incineration, it should be done with more than
800 °C. Lower temperatures at incineration can result in toxic gases (e.g. chlorine). To avoid any explosion of capacitor, punch holes into the
can or crush the capacitor before incineration.
I Cautions and Warnings (3):
The following conditions apply to all goods within the product series of WCAP-ASLU
of Würth Elektronik eiSos GmbH & Co. KG:
This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use.
Moreover Würth Elektronik eiSos GmbH & Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before
the design-in stage. In addition, sufficient reliability evaluation checks for safety must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.


Similar Part No. - 865090640004

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
865090640001 WURTH-865090640001 Datasheet
1Mb / 8P
   WCAP-ASLU Aluminum Electrolytic Capacitors
865090640002 WURTH-865090640002 Datasheet
1Mb / 8P
   WCAP-ASLU Aluminum Electrolytic Capacitors
865090640003 WURTH-865090640003 Datasheet
1Mb / 8P
   WCAP-ASLU Aluminum Electrolytic Capacitors
865090640005 WURTH-865090640005 Datasheet
1Mb / 8P
   WCAP-ASLU Aluminum Electrolytic
865090640006 WURTH-865090640006 Datasheet
1Mb / 8P
   WCAP-ASLU Aluminum Electrolytic Capacitors
More results

Similar Description - 865090640004

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
865090549007 WURTH-865090549007 Datasheet
1Mb / 8P
   WCAP-ASLU Aluminum Electrolytic Capacitors
865090340001 WURTH-865090340001 Datasheet
1Mb / 8P
   WCAP-ASLU Aluminum Electrolytic Capacitors
865090340002 WURTH-865090340002 Datasheet
1Mb / 8P
   WCAP-ASLU Aluminum Electrolytic Capacitors
865090640002 WURTH-865090640002 Datasheet
1Mb / 8P
   WCAP-ASLU Aluminum Electrolytic Capacitors
865090640003 WURTH-865090640003 Datasheet
1Mb / 8P
   WCAP-ASLU Aluminum Electrolytic Capacitors
865090643009 WURTH-865090643009 Datasheet
1Mb / 8P
   WCAP-ASLU Aluminum Electrolytic Capacitors
865090145008 WURTH-865090145008 Datasheet
1Mb / 8P
   WCAP-ASLU Aluminum Electrolytic Capacitors
865090543005 WURTH-865090543005 Datasheet
1Mb / 8P
   WCAP-ASLU Aluminum Electrolytic Capacitors
865090442004 WURTH-865090442004 Datasheet
1Mb / 8P
   WCAP-ASLU Aluminum Electrolytic Capacitors
865090449009 WURTH-865090449009 Datasheet
1Mb / 8P
   WCAP-ASLU Aluminum Electrolytic Capacitors
1.0 2014-11-11
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com