Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SBL1050FCT Datasheet(PDF) 3 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

Part # SBL1050FCT
Description  SCHOTTKY BARRIER RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Direct Link  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

SBL1050FCT Datasheet(HTML) 3 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  SBL1050FCT Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd SBL1050FCT Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd SBL1050FCT Datasheet HTML 3Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
www.cj-elec.com
3
C,Apr,2016
TO-220F Package Outline Dimensions
Min.
Max.
Min.
Max.
A
4.300
4.700
0.169
0.185
A1
A2
2.800
3.200
0.110
0.126
A3
2.500
2.900
0.098
0.114
b
0.500
0.750
0.020
0.030
b1
1.100
1.350
0.043
0.053
b2
1.500
1.750
0.059
0.069
c
0.500
0.750
0.020
0.030
D
9.960
10.360
0.392
0.408
E
14.800
15.200
0.583
0.598
e
F
Ф
h
0.000
0.300
0.000
0.012
h1
h2
L
28.000
28.400
1.102
1.118
L1
1.700
1.900
0.067
0.075
L2
0.900
1.100
0.035
0.043
2.700 REF.
3.500 REF.
0.138 REF.
0.106 REF.
0.800 REF.
0.500 REF.
0.031 REF.
0.020 REF.
Symbol
Dimensions In Millimeters
Dimensions In Inches
2.540 TYP.
0.100 TYP.
1.300 REF.
0.051 REF.


Similar Part No. - SBL1050FCT

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBL1050 DIODES-SBL1050 Datasheet
65Kb / 2P
   10A SCHOTTKY BARRIER RECTIFIER
DS23042 Rev. C-2
logo
Micro Commercial Compon...
SBL1050 MCC-SBL1050 Datasheet
391Kb / 2P
   10 Amp Schottky Barrier Rectifier 20 to 100 Volts
logo
Diodes Incorporated
SBL1050 DIODES-SBL1050 Datasheet
75Kb / 3P
   10A SCHOTTKY BARRIER RECTIFIER
DS23042 Rev. 4 - 2
logo
Galaxy Semi-Conductor H...
SBL1050 BILIN-SBL1050 Datasheet
177Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Sirectifier Semiconduct...
SBL1050 SIRECTIFIER-SBL1050 Datasheet
82Kb / 2P
   Low VF Schottky Barrier Rectifiers
More results

Similar Description - SBL1050FCT

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
CRS14 TOSHIBA-CRS14 Datasheet
191Kb / 6P
   Schottky Barrier Rectifier Schottky Barrier Type
logo
Shenzhen Ping Sheng Ele...
SS12 PFS-SS12 Datasheet
559Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Sanken electric
FMW-2156 SANKEN-FMW-2156 Datasheet
209Kb / 4P
   Schottky Barrier Rectifier
logo
Micro Commercial Compon...
1N60 MCC-1N60 Datasheet
419Kb / 3P
   Schottky Barrier Rectifier
LL60 MCC-LL60 Datasheet
400Kb / 3P
   Schottky Barrier Rectifier
logo
Vishay Siliconix
1N5820 VISHAY-1N5820_09 Datasheet
68Kb / 4P
   Schottky Barrier Rectifier
Revision: 20-Oct-09
logo
Galaxy Semi-Conductor H...
S5817 BILIN-S5817 Datasheet
57Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Vishay Siliconix
SBL1030 VISHAY-SBL1030 Datasheet
142Kb / 5P
   Schottky Barrier Rectifier
Revision: 25-Apr-08
logo
Chenmko Enterprise Co. ...
MPL1035PT CHENMKO-MPL1035PT Datasheet
260Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
SPL270CTPT CHENMKO-SPL270CTPT Datasheet
161Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
SPL320LLPT CHENMKO-SPL320LLPT Datasheet
153Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com