Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PEH200UU4470MB2 Datasheet(PDF) 1 Page - Kemet Corporation

Part # PEH200UU4470MB2
Description  High CV value
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

PEH200UU4470MB2 Datasheet(HTML) 1 Page - Kemet Corporation

  PEH200UU4470MB2 Datasheet HTML 1Page - Kemet Corporation PEH200UU4470MB2 Datasheet HTML 2Page - Kemet Corporation PEH200UU4470MB2 Datasheet HTML 3Page - Kemet Corporation PEH200UU4470MB2 Datasheet HTML 4Page - Kemet Corporation PEH200UU4470MB2 Datasheet HTML 5Page - Kemet Corporation PEH200UU4470MB2 Datasheet HTML 6Page - Kemet Corporation PEH200UU4470MB2 Datasheet HTML 7Page - Kemet Corporation PEH200UU4470MB2 Datasheet HTML 8Page - Kemet Corporation PEH200UU4470MB2 Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
A4034_PEH200 • 3/30/2016
One world. One KEMET
Benefits
• High CV value
• Long life, up to 29,000 hours at +85ºC (V
R, IR applied)
• Low ESR and ESL
• Compact size
• Optimized designs available upon request
Overview
KEMET's PEH200 Series of capacitors has a polarized all-
welded design, heavy duty screw terminals, extended cathode
construction, safety vent, and plastic insulation. The sealing
system is designed for electrolyte leakage-free operation and
a very low gas-diffusion rate of electrolyte. Mechanical contact
between the winding and aluminum case allows excellent heat
transfer from the winding hot-spot to the ambient, which means
cooler operation and very high current ratings.
Applications
Typical applications for KEMET's PEH200 capacitor include
uninterruptible power supplies (UPS), ground power units
(GPU), welding equipment, and drives where high current
ratings and compact size are important.
Screw Terminal Aluminum Electrolytic Capacitors
PEH200 Series, +85°C
Part Number System
PEH200
H
A
515
0
M
U2
Series
Rated Voltage (VDC)
Size Code
Capacitance Code
(µF)
Version
Capacitance
Tolerance
Stud Option
Screw Terminal
Aluminum
Electrolytic
H = 25
K = 40
M = 63
P = 100
S = 250
U = 350
X = 385
V = 400
O = 420
Y = 450
Z = 500
See Dimension
table
The last two
digits represent
significant
figures. The first
digit specifies the
total number of
digits.
0 = Standard
M = ±20%
U2 = Plain Can
B2 = Threaded
mounting stud
Click image above for interactive 3D content
Open PDF in Adobe Reader for full functionality


Similar Part No. - PEH200UU4470MB2

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
PEH200 KEMET-PEH200 Datasheet
5Mb / 66P
   Aluminum Electrolytic Capacitors
PEH200 KEMET-PEH200 Datasheet
295Kb / 5P
   IEC 60384-4 Long Life Grade 40/85/56, DIN 41240
More results

Similar Description - PEH200UU4470MB2

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
RT MERITEK-RT Datasheet
151Kb / 2P
   Wide CV value range
RB MERITEK-RB Datasheet
1Mb / 8P
   This series has high value of CV for general purposes
logo
Nichicon corporation
UUR1E101MCL1GS NICHICON-UUR1E101MCL1GS Datasheet
53Kb / 2P
   Chip Type, High CV
logo
Texas Instruments
UCC28704 TI1-UCC28704 Datasheet
1Mb / 44P
[Old version datasheet]   High-Efficiency Off-Line CV
logo
Bookly Micro electronic
BM2490 BOOKLY-BM2490 Datasheet
565Kb / 8P
   CV Buck
logo
Shenzhen Titan Micro El...
TM5201 TITAN-TM5201 Datasheet
355Kb / 10P
   CV/CC
logo
Thermtrol Corporation
932A-100 THERMTROL-932A-100 Datasheet
305Kb / 2P
   SURFACE MOUNT FILM PET HIGH CV
logo
AVX Corporation
F98 AVX-F98_15 Datasheet
117Kb / 3P
   Resin-Molded Chip, High CV Undertab
F98 AVX-F98 Datasheet
87Kb / 1P
   Resin-Molded Chip, High CV Frameless
logo
HolyStone International
RXX HOLYSTONECAPS-RXX Datasheet
274Kb / 4P
   High CV Conformal Coated Radial Leaded Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com