Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

827UER2R5MEF Datasheet(PDF) 1 Page - Illinois Capacitor, Inc.

Part # 827UER2R5MEF
Description  5000 hour Low ESR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

827UER2R5MEF Datasheet(HTML) 1 Page - Illinois Capacitor, Inc.

  827UER2R5MEF Datasheet HTML 1Page - Illinois Capacitor, Inc. 827UER2R5MEF Datasheet HTML 2Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
High temperature Very Low ESR – High ripple current –
stable with temperature – High frequency
APPLICATIONS
DC-DC converters Voltage regulators Decoupling
Operating Temperature Range
-55°C to +105°C
Capacitance Tolerance
+20% at 120 Hz, 20°C
Surge Voltage
WVDC
2.5
4
10
16
SVDC
1.15 x rated WVDC
Dissipation Factor
120 Hz, 20°C
10% MAX
Leakage Current
2 Minutes
0.2CV or 280uA, whichever is greater
Low Temperature
Stability
Impedance Ratio
(100 kHz)
-55°C/ +20°C
<1.25
+105°C/ +20°C
<1.25
Load Life
5000 hours at 105°C with rated WVDC applied
Capacitance Change
<20% of initial measured value
Dissipation Factor
<150% of maximum specified value
ESR
<150% of maximum specified value
Leakage Current
<100% of maximum specified value
Damp Heat test
1000 hours at 60°C with rated voltage applied at 90-95% R.H.
Capacitance Change
<20% of initial measured value
Dissipation Factor
<150% of maximum specified value
ESR
<150% of maximum specified value
Leakage Current
<100% of maximum specified value
Surge Voltage test
1000 cycles at 105°C with rated surge voltage applied for 30 seconds through a 1kΩ resistor
and discharged for 5 minutes and 30 seconds
Capacitance Change
<20% of initial measured value
Dissipation Factor
<150% of maximum specified value
ESR
<150% of maximum specified value
Leakage Current
<100% of maximum specified value
Ripple Current Multipliers
Frequency (Hz)
120Hz<f<1kHz
1kHz<f<10kHz
10kHz<f<100kHz
100kHz<f<500kHz
0.05
0.3
0.7
1.0
D+0.5
5
6.3
8
10
S+0.5
2
2.5
3.5
5.0
d
0.5 L<7mm)
0.6( L>7mm)
0.45 L<6mm)
0.6( L>6mm)
0.6
0.6
L1=L+1.0 mm MAX L<11mm
L1=L+1.5 mm MAX, L>11 mm


Similar Part No. - 827UER2R5MEF

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
827UER2R5MEF ILLINOISCAPACITOR-827UER2R5MEF Datasheet
256Kb / 2P
   High temperature ??Very Low ESR ??High ripple current ?뱒table with temperature ??High frequency
827UER2R5MEF ILLINOISCAPACITOR-827UER2R5MEF Datasheet
299Kb / 2P
   High Temperature . Very Low ESR . High Ripple Current . Stable with Temperature . High Frequency
827UER2R5MEF ILLINOISCAPACITOR-827UER2R5MEF Datasheet
126Kb / 1P
   Radial lead aluminum polymer capacitors
More results

Similar Description - 827UER2R5MEF

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
226ULR010MEF ILLINOISCAPACITOR-226ULR010MEF_16 Datasheet
264Kb / 3P
   2000 hour Low ESR
335TXK450M ILLINOISCAPACITOR-335TXK450M_13 Datasheet
205Kb / 2P
   5000 hour Radial Lead Aluminum Electrolytic Capacitors
476LMX450M2BC ILLINOISCAPACITOR-476LMX450M2BC Datasheet
239Kb / 4P
   105째C 5000 hour Snap-Mount Aluminum Electrolytic Capacitors
476LMX450M2BC ILLINOISCAPACITOR-476LMX450M2BC_13 Datasheet
452Kb / 4P
   105C 5000 hour Snap mount Aluminum Electrolytic Capacitors
logo
AVX Corporation
TPSX157M010R0100 AVX-TPSX157M010R0100 Datasheet
146Kb / 11P
   Low ESR
TPSB226K016R0400 AVX-TPSB226K016R0400 Datasheet
146Kb / 11P
   Low ESR
TPSV107M020R0085 AVX-TPSV107M020R0085 Datasheet
159Kb / 11P
   Low ESR
TPSC107K002R0100V AVX-TPSC107K002R0100V Datasheet
137Kb / 11P
   Low ESR
logo
Nichicon corporation
RR7 NICHICON-RR7 Datasheet
652Kb / 2P
   Low ESR
logo
AVX Corporation
TPSC336M016R0225 AVX-TPSC336M016R0225 Datasheet
199Kb / 16P
   Low ESR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com