Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

337UVR6R3MEW Datasheet(PDF) 2 Page - Illinois Capacitor, Inc.

Part # 337UVR6R3MEW
Description  Low ESR, High Ripple Current
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

337UVR6R3MEW Datasheet(HTML) 2 Page - Illinois Capacitor, Inc.

  337UVR6R3MEW Datasheet HTML 1Page - Illinois Capacitor, Inc. 337UVR6R3MEW Datasheet HTML 2Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
UVR
+105°C Low ESR, High Ripple
Current
Capacitance
(µF)
WVDC
IC PART NUMBER
Maximum
ESR (Ω)
120 Hz,
+20°C
Maximum
ESR (mΩ)
100 kHz,
+20°C
Leakage
Current
(μA)
Maximum
RMS
Ripple
Current
(mA)
120 kHz,
+105°C
Dims DxL
(mm)
39
16
396UVR016MEW
5.101
50
280
1620
6.3x6
47
10
476UVR010MEW
4.233
50
280
1620
6.3x6
68
6.3
686UVR016MEW
2.926
30
280
2200
6.3x6
100
6.3
108UVR6R3MFE
0.1989
15
1260
3500
8x10.2
100
6.3
107UVR6R3MEW
1
50
280
1620
6.3x6
100
16
107UVR016MEW
1.9894
25
320
2700
6.3x6
120
10
127UVR010MEW
1.6579
25
280
2320
6.3x6
150
6.3
157UVR6R3MEW
1.3263
50
280
1620
6.3x6
150
10
157UVR010MEW
1.3263
27
300
2320
6.3x6
150
16
157UVR016MFF
1.3263
22
480
3150
8x8
180
16
187UVR016MFBJ
1.1052
16
576
4040
8x12
220
6.3
227UVR6R3MEW
0.9043
15
280
2450
6.3x6
220
16
227UVR016MFF
0.9043
22
704
3150
8x8
220
16
227UVR016MFE
0.9043
22
704
3450
8x10.2
270
16
277UVR016MFE
0.7368
20
864
3600
8x10.2
270
16
277UVR016MFBJ
0.7368
13
864
5200
8x12
330
2.5
337UVR2R5MEW
0.6029
17
280
2900
6.3x6
330
4
337UVR004MEW
0.6029
17
280
2900
6.3x6
330
6.3
337UVR6R3MEW
0.6029
25
416
2200
6.3x6
330
6.3
337UVR6R3MEF
0.6029
15
416
2700
6.3x8
330
10
337UVR010MFBJ
0.6029
14
660
4390
8x12
330
16
337UVR016MFBJ
0.6029
16
1056
4720
8x12
330
16
337UVR016MGU
0.6029
13
1056
4100
10x12.5
390
2.5
397UVR2R5MEW
0.5101
17
280
3390
6.3x6
470
6.3
477UVR6R3MFBJ
0.4233
12
592
4780
8x12
470
6.3
477UVR6R3MEK
0.4233
15
582
2700
6.3x9
470
16
477UVR016MGU
0.4233
13
1504
4100
10x12.5
470
16
477UVR016MFBJ
0.4233
14
1504
4040
8x12
560
2.5
567UVR2R5MFE
0.3553
12
280
4210
8x10.2
560
2.5
567UVR2R5MEW
0.3553
16
280
3500
6.3x6
560
4
567UVR004MFBJ
0.3553
13
448
4520
8x12
560
4
567UVR004MFE
0.3553
14
544
3950
8x10.2
560
6.3
567UVR6R3MFF
0.3553
20
706
2500
8x8
560
6.3
567UVR6R3MFBJ
0.3553
12
706
4780
8x12
680
2.5
687UVR2R5MFBJ
0.2926
10
340
5020
8x12
680
4
687UVR004MFF
0.2926
13
544
3950
8x8
680
6.3
687UVR6R3MGE
0.2926
15
857
3500
10x10.2
820
2.5
827UVR2R5MFE
0.2426
12
410
4210
8x10.2
820
6.3
827UVR6R3MFBJ
0.2426
12
1033
4260
8x12
1000
2.5
108UVR2R5MFF
0.1989
12
500
4260
8x8
1000
4
108UVR004MGE
0.1989
140
800
4850
10x10.2
1500
6.3
158UVR6R3MGE 0.13263
10
1890
4850
10x10.2


Similar Part No. - 337UVR6R3MEW

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
337UVR6R3MEW ILLINOISCAPACITOR-337UVR6R3MEW Datasheet
177Kb / 2P
   High temperature ??Very Low ESR ??High ripple current ??stable with temperature ??High frequency
337UVR6R3MEW ILLINOISCAPACITOR-337UVR6R3MEW Datasheet
259Kb / 2P
   High Temperature ??Very Low ESR ??High Ripple Current ??Stable with Temperature ??High Frequency
337UVR6R3MEW ILLINOISCAPACITOR-337UVR6R3MEW Datasheet
124Kb / 1P
   SMD ALUMINUM POLYMER CAPACITORS
More results

Similar Description - 337UVR6R3MEW

ManufacturerPart #DatasheetDescription
logo
Surge Components
HBW SURGE-HBW Datasheet
486Kb / 3P
   low esr and high ripple current
HBV SURGE-HBV Datasheet
501Kb / 3P
   low esr and high ripple current
logo
Illinois Capacitor, Inc...
MPP ILLINOISCAPACITOR-MPP Datasheet
167Kb / 2P
   High Ripple Current ??Low ESR ??High Reliability
logo
Nippon Precision Circui...
APSG250ELL331MJB5S NPC-APSG250ELL331MJB5S Datasheet
342Kb / 2P
   Super low ESR, high ripple current capability
logo
Cornell Dubilier Electr...
HZA CDE-HZA Datasheet
777Kb / 7P
   Very Low ESR and High Ripple Current
logo
List of Unclassifed Man...
APSGXXXEXXXXXMXXXS ETC2-APSGXXXEXXXXXMXXXS Datasheet
86Kb / 2P
   Super low ESR, high ripple current capability
logo
Illinois Capacitor, Inc...
JZM ILLINOISCAPACITOR-JZM Datasheet
207Kb / 2P
   Very Low ESR - High Frequency ??High Ripple Current
ULG ILLINOISCAPACITOR-ULG Datasheet
149Kb / 2P
   Small size - High ripple current ??super low ESR
474RZM050M ILLINOISCAPACITOR-474RZM050M_16 Datasheet
87Kb / 2P
   Low ESR - High Ripple Current ??Multiple case sizes
logo
Cornell Dubilier Electr...
T495D686K006AS CDE-T495D686K006AS Datasheet
251Kb / 3P
   Low ESR, High Ripple Current, Solid Tantalum Chip Capacitors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com