Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCM1753 Datasheet(PDF) 8 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # PCM1753
Description  24-BIT, 192 kHz SAMPLING ENHANCED MULTI-LEVEL, DELTA-SIGMA, AUDIO DIGITAL-TO-ANALOG CONVERTER
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

PCM1753 Datasheet(HTML) 8 Page - Burr-Brown (TI)

Back Button PCM1753 Datasheet HTML 4Page - Burr-Brown (TI) PCM1753 Datasheet HTML 5Page - Burr-Brown (TI) PCM1753 Datasheet HTML 6Page - Burr-Brown (TI) PCM1753 Datasheet HTML 7Page - Burr-Brown (TI) PCM1753 Datasheet HTML 8Page - Burr-Brown (TI) PCM1753 Datasheet HTML 9Page - Burr-Brown (TI) PCM1753 Datasheet HTML 10Page - Burr-Brown (TI) PCM1753 Datasheet HTML 11Page - Burr-Brown (TI) PCM1753 Datasheet HTML 12Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 33 page
background image
PCM1753
PCM1754
PCM1755
SLES092A – OCTOBER 2003 – REVISED AUGUST 2004
www.ti.com
8
DE-EMPHASIS CURVES
−10
−9
−8
−7
−6
−5
−4
−3
−2
−1
0
02
46
8
10
12
14
Figure 5
f – Frequency – kHz
DE-EMPHASIS LEVEL
vs
FREQUENCY
fS = 32 kHz
f – Frequency – kHz
−0.5
−0.4
−0.3
−0.2
−0.1
0.0
0.1
0.2
0.3
0.4
0.5
0
2
4
6
8
10
12
14
DE-EMPHASIS ERROR
vs
FREQUENCY
fS = 32 kHz
Figure 6
f – Frequency – kHz
−10
−9
−8
−7
−6
−5
−4
−3
−2
−1
0
0
2468
10
12
14
16
18
20
DE-EMPHASIS LEVEL
vs
FREQUENCY
fS = 44.1 kHz
Figure 7
f – Frequency – kHz
−0.5
−0.4
−0.3
−0.2
−0.1
0.0
0.1
0.2
0.3
0.4
0.5
0
2
4
6
8
1012
141618
20
DE-EMPHASIS ERROR
vs
FREQUENCY
fS = 44.1 kHz
Figure 8
All specifications at TA = 25_C, VCC = 5 V, fS = 44.1 kHz, system clock = 384 fS, and 24-bit data, unless otherwise noted


Similar Part No. - PCM1753

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM1753 TI1-PCM1753 Datasheet
1Mb / 38P
[Old version datasheet]   Multi-Level Delta-Sigma Audio Digital-to- Analog Converter
PCM1753-Q1 TI1-PCM1753-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   Audio Digital-to-Analog Converter
PCM1753DBQ TI1-PCM1753DBQ Datasheet
1Mb / 38P
[Old version datasheet]   Multi-Level Delta-Sigma Audio Digital-to- Analog Converter
PCM1753DBQG4 TI1-PCM1753DBQG4 Datasheet
1Mb / 38P
[Old version datasheet]   Multi-Level Delta-Sigma Audio Digital-to- Analog Converter
PCM1753DBQR TI1-PCM1753DBQR Datasheet
1Mb / 38P
[Old version datasheet]   Multi-Level Delta-Sigma Audio Digital-to- Analog Converter
More results

Similar Description - PCM1753

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM1754-Q1 TI1-PCM1754-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   24-BIT 192-kHz SAMPLING ENHANCED MULTI-LEVEL DELTA-SIGMA AUDIO DIGITAL-TO-ANALOG CONVERTER
PCM1742 TI-PCM1742_15 Datasheet
673Kb / 38P
[Old version datasheet]   24-Bit, 192-kHz Sampling, Enhanced Multilevel, Delta-Sigma,Audio Digital-to-Analog Converter
PCM1742KE TI-PCM1742KE Datasheet
788Kb / 39P
[Old version datasheet]   24-Bit, 192-kHz Sampling, Enhanced Multilevel, Delta-Sigma, Audio Digital-to-Analog Converter
PCM1680 TI-PCM1680_15 Datasheet
730Kb / 39P
[Old version datasheet]   24-Bit, 192-kHz Sampling, Enhanced Multilevel, Delta-Sigma, Audio Digital-to-Analog Converter
PCM1680 TI-PCM1680 Datasheet
427Kb / 33P
[Old version datasheet]   24-Bit, 192-kHz Sampling, Enhanced Multilevel, Delta-Sigma, Audio Digital-to-Analog Converter
PCM1780 TI-PCM1780 Datasheet
439Kb / 31P
[Old version datasheet]   24-Bit, 192-kHz Sampling, Enhanced Multilevel, Delta-Sigma, Audio Digital-to-Analog Converter
PCM1681 TI-PCM1681 Datasheet
1Mb / 43P
[Old version datasheet]   24-Bit, 192-kHz Sampling, Enhanced Multilevel Delta-Sigma, Eight-Channel Audio Digital-to-Analog Converter
logo
Burr-Brown (TI)
PCM1737 BURR-BROWN-PCM1737 Datasheet
180Kb / 27P
   24-Bit, 192kHz Sampling Enhanced Multi-Level, Delta-Sigma, Audio DIGITAL-TO-ANALOG CONVERTER
PCM1739 BURR-BROWN-PCM1739 Datasheet
140Kb / 16P
   24-Bit, 192kHz Sampling, Enhanced Multi-Level, Delta-Sigma, Audio DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
PCM1681PWPR TI1-PCM1681PWPR Datasheet
1Mb / 43P
[Old version datasheet]   24-Bit, 192-kHz Sampling, Enhanced Multilevel Delta-Sigma, Eight-Channel Audio Digital-to-Analog Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com