Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APMA200ARA390MF35S Datasheet(PDF) 3 Page - Nippon Precision Circuits Inc

Part # APMA200ARA390MF35S
Description  Low profile and higher capacitance with the new structure.
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

APMA200ARA390MF35S Datasheet(HTML) 3 Page - Nippon Precision Circuits Inc

  APMA200ARA390MF35S Datasheet HTML 1Page - Nippon Precision Circuits Inc APMA200ARA390MF35S Datasheet HTML 2Page - Nippon Precision Circuits Inc APMA200ARA390MF35S Datasheet HTML 3Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Engineering Bulletin Introductory
No.824S/Jul.2015
Conductive Polymer
Aluminum Solid Capacitors
Please contact us for mass production schedule.
Specifications in this bulletin are subject to change without notice.
NIPPON CHEMI-CON CORPORATION
1777
3
NPCAP
TM
-PMA Series
◆ CARRIER TAPE [mm]
◆ REEL DIMENSIONS [mm]
◆ POLARITY
◆ Storage
Size
Code
Quantity
(pcs./reel)
Quantity
(pcs./reel)
W1
(mm)
F35
1,000
7,000
18
Items
Size Code
W
A
B
F
P
t
±0.3
±0.2
±0.2
±0.1
±0.1
±0.2
F35
16.0
7.5
8.0
7.5
12.0
4.4
4±0.1
2±0.1
C’
Φ1.5
0
+0.1
引き出し方向
4±0.1
2±0.1
引き出し方向
C’
Φ1.5
0
+0.1
断面C-C’
断面C-C’
F40用
F60用
0.6以下
0.6以下
t
t
4±0.1
2±0.1
C’
Φ1.5
-0
+0.1
引き出し方向
断面C-C'
F35用
0.6以下
t
Φ1.5
4±0.1
2±0.1
C’
Φ1.5
-0
+0.1
Feed direction
Cross section (C-C')
F35用
0.6max.
t
Φ1.5
4±0.1
2±0.1
C’
Φ1.5
-0
+0.1
Feed direction
Cross section(C-C')
F35用
0.6max.
t
Φ1.5
PMA
Series
NPCAPTM-
NIPPON CHEMI-CON CORPORATION
1595
3
Specifications in this bulletin are subject to change without notice.
Please ask us for technical specifications before purchase and use.
WA
B
F
P
t
Items
Size Code
±0.3
±0.2
±0.2
±0.1
±0.1
±0.2
Fig.
F40
F60
Size
Code
Quantity
(pcs./reel)
Quantity
(pcs./reel)
W1
(mm)
Fig.2
φ1. 5 +0. 1
-0
t
t
◆CARRIER TAPE [mm]
Fig.1
◆REEL DIMENSIONS [mm]
◆POLARITY
1
2
4.9
6.7
12.0
16.0
7.5
11.5
8.0
8.0
7.5
7.5
16.0
24.0
18
26
7,000
3,000
1,000
500
F40
F60
4±0.1
2±0.05
A
P
C'
C
0.6max
Feed direction
Cross section (C-C' )
2±0.05
A
P
C'
Feed direction
Cross section (C-C' )
0.6max
13±0.5
W1
Feed Direction
382max.
C
φ1. 5 +0. 1
-0
Engineering Bulletin
Conductive Polymer
Aluminum Solid Capacitors
No.824C / Oct.2012
Tentative
4±0.1
PMA
Series
NPCAPTM-
NIPPON CHEMI-CON CORPORATION
1595
3
Specifications in this bulletin are subject to change without notice.
Please ask us for technical specifications before purchase and use.
WA
B
F
P
t
Items
Size Code
±0.3
±0.2
±0.2
±0.1
±0.1
±0.2
Fig.
F40
F60
Size
Code
Quantity
(pcs./reel)
Quantity
(pcs./reel)
W1
(mm)
Fig.2
φ1. 5 +0. 1
-0
t
t
◆CARRIER TAPE [mm]
Fig.1
◆REEL DIMENSIONS [mm]
◆POLARITY
1
2
4.9
6.7
12.0
16.0
7.5
11.5
8.0
8.0
7.5
7.5
16.0
24.0
18
26
7,000
3,000
1,000
500
F40
F60
4±0.1
2±0.05
A
P
C'
C
0.6max
Feed direction
Cross section (C-C' )
2±0.05
A
P
C'
Feed direction
Cross section (C-C' )
0.6max
13±0.5
W1
Feed Direction
382max.
C
φ1. 5 +0. 1
-0
Engineering Bulletin
Conductive Polymer
Aluminum Solid Capacitors
No.824C / Oct.2012
Tentative
4±0.1
Store PMA series capacitors in a cool, dry place. Store at a temperature between 5 and 35 ℃ , with a humidity of
75%RH or less. PMA series capacitors are sealed in a special laminated aluminum bag. Use all capacitors once the
bag is opened. Return unused capacitors to the bag, and seal it with a zipper. Please refer to the following storage
conditions.
Maximum storage term before the bag is opened
:Within 2 years after manufacturing
Maximum storage condition after the bag is opened : Within 7 days after the bag is opened


Similar Part No. - APMA200ARA390MF35S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
APMA200ARA151MF60S ETC2-APMA200ARA151MF60S Datasheet
283Kb / 2P
   Conductive Polymer Hybrid Aluminum Electrolytic Capacitors
logo
Nippon Precision Circui...
APMA200ARA151MF60S NPC-APMA200ARA151MF60S Datasheet
362Kb / 2P
   Conductive Polymer Hybrid Aluminum Electrolytic Capacitors
logo
List of Unclassifed Man...
APMA200ARA470MF40S ETC2-APMA200ARA470MF40S Datasheet
283Kb / 2P
   Conductive Polymer Hybrid Aluminum Electrolytic Capacitors
logo
Nippon Precision Circui...
APMA200ARA470MF40S NPC-APMA200ARA470MF40S Datasheet
362Kb / 2P
   Conductive Polymer Hybrid Aluminum Electrolytic Capacitors
More results

Similar Description - APMA200ARA390MF35S

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
PCJ NICHICON-PCJ Datasheet
1,001Kb / 2P
   Chip Type, Low ESR, Higher Capacitance
logo
TDK Electronics
MLK1005S1N0ST000 TDK-MLK1005S1N0ST000 Datasheet
127Kb / 10P
   With the adoption of a giga-spiral laminated structure, a self-resonant frequency higher than that of the MLG structure can be obtained,
logo
Nichicon corporation
PCG NICHICON-PCG Datasheet
960Kb / 2P
   Chip Type, Higher Capacitance
logo
IK Semicon Co., Ltd
IL9002 IKSEMICON-IL9002 Datasheet
386Kb / 4P
   As per the structure and the performed functions
logo
TOKYO SEIMITSU CO., LTD
PS300 ACCRETECH-PS300 Datasheet
684Kb / 2P
   The optical system comes with a wider visual field and higher
logo
Nichicon corporation
PLG NICHICON-PLG Datasheet
889Kb / 2P
   Radial Lead Type, Higher Capacitance
UUJ2A470MNQ1MS NICHICON-UUJ2A470MNQ1MS Datasheet
368Kb / 3P
   Chip Type, Higher Capacitance Range
logo
Cornell Dubilier Electr...
381LQ CDE-381LQ_16 Datasheet
622Kb / 11P
   Higher Capacitance per Case Size
logo
Omron Electronics LLC
G3VM-41QR10 OMRON-G3VM-41QR10 Datasheet
261Kb / 4P
   World?셲 smallest class* New S-VSON Package with Low Output Capacitance and Low ON Resistance
logo
TOKYO SEIMITSU CO., LTD
SS10 ACCRETECH-SS10 Datasheet
574Kb / 2P
   New standard for the semi-automatic dicer with new operability
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com