Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM15 Datasheet(PDF) 1 Page - Union Semiconductor, Inc.

Part # SM15
Description  Low Capacitance Dual Line ESD Protection Diode Array
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNIONSEMI [Union Semiconductor, Inc.]
Direct Link  http://www.union-ic.com
Logo UNIONSEMI - Union Semiconductor, Inc.

SM15 Datasheet(HTML) 1 Page - Union Semiconductor, Inc.

  SM15 Datasheet HTML 1Page - Union Semiconductor, Inc. SM15 Datasheet HTML 2Page - Union Semiconductor, Inc. SM15 Datasheet HTML 3Page - Union Semiconductor, Inc. SM15 Datasheet HTML 4Page - Union Semiconductor, Inc. SM15 Datasheet HTML 5Page - Union Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
________________________________________________________________________
http://www.union-ic.com Rev.03 May.2016
1/5
SM12/SM15
Low Capacitance Dual Line ESD Protection Diode Array
SM12/SM15 SOT23-3
General Description
The SM12/SM15 of transient voltage suppressors (TVS) are designed to protect components
which are connected to data and transmission lines from voltage surges caused by electrostatic
discharge (ESD). TVS diodes are characterized by their high surge capability, low operating and
clamping voltages, and fast response time. This makes them ideal for use as board level protection
of sensitive semiconductor components. The dual-junction common-anode design allows the user
to protect one bidirectional data line or two unidirectional lines. The low profile SOT23-3 package
allows flexibility in the design of “crowded” circuit boards. The SM12/SM15 will meet the surge
requirements of IEC 61000-4-2 (Formerly IEC801-2), Level 4, “Human Body Model” for air and
contact discharge.
Applications
Features
Cellular Handsets and Accessories
Portable Electronics
Industrial Controls
Set-Top Box
Servers, Notebook and Desktop PC
Transient Protection for Data & Power Lines
to IEC 61000-4-2 (ESD) ±15kV (Air), ±8kV
(Contact)
Protects One Bidirectional Line or Two
Unidirectional Lines
Working Voltages: 12V (SM12)
15V (SM15)
Low Clamping Voltage
Solid-State Silicon Avalanche Technology
Pin Configurations
Top View
1
2
3
M: Month Code
SM12
SOT23-3
M: Month Code
SM15
SOT23-3


Similar Part No. - SM15

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SM15 SEMTECH-SM15 Datasheet
171Kb / 7P
   TVS Diode Array
logo
Guangdong Youtai Semico...
SM15 UMW-SM15 Datasheet
425Kb / 3P
   TVS Diode Array
logo
Micro Commercial Compon...
SM15 MCC-SM15 Datasheet
416Kb / 2P
   Transient Voltage Suppressor 500 Watt
logo
Guangdong Youtai Semico...
SM15 UMW-SM15 Datasheet
425Kb / 3P
   TVS Diode Array
logo
Microsemi Corporation
SM15 MICROSEMI-SM15 Datasheet
138Kb / 2P
   TVSarray Series
More results

Similar Description - SM15

ManufacturerPart #DatasheetDescription
logo
Union Semiconductor, In...
SM12 UNIONSEMI-SM12 Datasheet
134Kb / 5P
   Low Capacitance Dual Line ESD Protection Diode Array
SM05 UNIONSEMI-SM05_16 Datasheet
292Kb / 6P
   Low Capacitance Quad Line ESD Protection Diode Array
UESD6V8L1F UNIONSEMI-UESD6V8L1F Datasheet
217Kb / 7P
   Low Capacitance Single Line ESD Protection Diode Array
logo
Diodes Incorporated
DESD1P0RFW DIODES-DESD1P0RFW Datasheet
90Kb / 4P
   LOW CAPACITANCE, ESD PROTECTION DIODE ARRAY
logo
Vishay Siliconix
GMF05MC VISHAY-GMF05MC Datasheet
147Kb / 4P
   Low Capacitance ESD Protection Diode Array
Rev. 1.1, 02-Mar-05
logo
Diodes Incorporated
DESD1P0RFWA DIODES-DESD1P0RFWA Datasheet
459Kb / 5P
   LOW CAPACITANCE ESD PROTECTION DIODE ARRAY
Rev. 1 - 2 September 2022
logo
Union Semiconductor, In...
UESD6V8S2B UNIONSEMI-UESD6V8S2B_15 Datasheet
175Kb / 6P
   Dual Line ESD Protection Diode Array
UM5062 UNIONSEMI-UM5062 Datasheet
194Kb / 6P
   Dual Line ESD Protection Diode Array
UM5062 UNIONSEMI-UM5062_16 Datasheet
202Kb / 6P
   Dual Line ESD Protection Diode Array
UM5082 UNIONSEMI-UM5082 Datasheet
165Kb / 5P
   Dual Line ESD Protection Diode Array
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com