Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UESD6V8V4A Datasheet(PDF) 7 Page - Union Semiconductor, Inc.

Part # UESD6V8V4A
Description  Quad Channel Low Capacitance ESD Protection Array
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNIONSEMI [Union Semiconductor, Inc.]
Direct Link  http://www.union-ic.com
Logo UNIONSEMI - Union Semiconductor, Inc.

UESD6V8V4A Datasheet(HTML) 7 Page - Union Semiconductor, Inc.

  UESD6V8V4A_15 Datasheet HTML 1Page - Union Semiconductor, Inc. UESD6V8V4A_15 Datasheet HTML 2Page - Union Semiconductor, Inc. UESD6V8V4A_15 Datasheet HTML 3Page - Union Semiconductor, Inc. UESD6V8V4A_15 Datasheet HTML 4Page - Union Semiconductor, Inc. UESD6V8V4A_15 Datasheet HTML 5Page - Union Semiconductor, Inc. UESD6V8V4A_15 Datasheet HTML 6Page - Union Semiconductor, Inc. UESD6V8V4A_15 Datasheet HTML 7Page - Union Semiconductor, Inc. UESD6V8V4A_15 Datasheet HTML 8Page - Union Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
___________________________________________________________________________
http://www.union-ic.com Rev.03 Sep.2015
7/8
UESD6V8V4X
UESD6V8V4C TSOP-6/SOT23-6
Outline Drawing
b
D
e
e1
θ
c
20
1
2
3
4
5
6
Top View
End View
Side View
DIMENSIONS
Symbol
MILLIMETERS
INCHES
Min
Max
Min
Max
A
1.050
1.250
0.041
0.049
A1
0.000
0.100
0.000
0.004
A2
1.050
1.150
0.041
0.045
b
0.300
0.500
0.012
0.020
c
0.100
0.200
0.004
0.008
D
2.820
3.020
0.111
0.119
E
1.500
1.700
0.059
0.067
E1
2.650
2.950
0.104
0.116
e
0.950REF
0.037REF
e1
1.800
2.000
0.071
0.079
L
0.600REF
0.023REF
L1
0.300
0.600
0.012
0.024
θ
Land Pattern
0.7
0.95
0.95
NOTES:
1. Compound dimension: 2.92×1.60;
2. Unit: mm;
3. General tolerance ±0.05mm unless otherwise
specified;
4. The layout is just for reference.
Tape and Reel Orientation
UCE


Similar Part No. - UESD6V8V4A_15

ManufacturerPart #DatasheetDescription
logo
Union Semiconductor, In...
UESD6V8V4A UNIONSEMI-UESD6V8V4A Datasheet
382Kb / 8P
   Quad Channel Low Capacitance ESD Protection Array
More results

Similar Description - UESD6V8V4A_15

ManufacturerPart #DatasheetDescription
logo
Union Semiconductor, In...
UM5204EECD UNIONSEMI-UM5204EECD Datasheet
198Kb / 6P
   Quad Channel Low Capacitance ESD Protection Array
UM5204 UNIONSEMI-UM5204_16 Datasheet
314Kb / 11P
   Quad Channel Low Capacitance ESD Protection Array
UM5204EEXF UNIONSEMI-UM5204EEXF Datasheet
255Kb / 8P
   Quad Channel Low Capacitance ESD Protection Array
UM5304EEXF UNIONSEMI-UM5304EEXF Datasheet
217Kb / 8P
   Quad Channel Low Capacitance ESD Protection Array
UM5304 UNIONSEMI-UM5304 Datasheet
334Kb / 8P
   Quad Channel Low Capacitance ESD Protection Array
UM5204 UNIONSEMI-UM5204 Datasheet
393Kb / 8P
   Quad Channel Low Capacitance ESD Protection Array
UESD6V8V4A UNIONSEMI-UESD6V8V4A Datasheet
382Kb / 8P
   Quad Channel Low Capacitance ESD Protection Array
UM5204EECE UNIONSEMI-UM5204EECE Datasheet
186Kb / 6P
   Quad Channel Low Capacitance ESD Protection Array
logo
WILLAS ELECTRONIC CORP
MSEMFXXLC WILLAS-MSEMFXXLC Datasheet
301Kb / 4P
   Low Capacitance Quad Array for ESD Protection
logo
ON Semiconductor
NSQA6V8AW5T2 ONSEMI-NSQA6V8AW5T2_06 Datasheet
54Kb / 4P
   Low Capacitance Quad Array for ESD Protection
December, 2006 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com