Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UESD6V85CT36 Datasheet(PDF) 1 Page - Union Semiconductor, Inc.

Part # UESD6V85CT36
Description  5 Line ESD Protection Diode Array
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNIONSEMI [Union Semiconductor, Inc.]
Direct Link  http://www.union-ic.com
Logo UNIONSEMI - Union Semiconductor, Inc.

UESD6V85CT36 Datasheet(HTML) 1 Page - Union Semiconductor, Inc.

  UESD6V85CT36_14 Datasheet HTML 1Page - Union Semiconductor, Inc. UESD6V85CT36_14 Datasheet HTML 2Page - Union Semiconductor, Inc. UESD6V85CT36_14 Datasheet HTML 3Page - Union Semiconductor, Inc. UESD6V85CT36_14 Datasheet HTML 4Page - Union Semiconductor, Inc. UESD6V85CT36_14 Datasheet HTML 5Page - Union Semiconductor, Inc. UESD6V85CT36_14 Datasheet HTML 6Page - Union Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
________________________________________________________________________
http://www.union-ic.com Rev.03 Nov.2014
1/6
UESD6V85CT36
5 Line ESD Protection Diode Array
UESD6V85CT36 SC70-6/SC88/SOT363
General Description
The UESD6V85CT36 of TVS array is designed to protect sensitive electronics from damage or
latch-up due to ESD, for use in applications where board space is at a premium. It is unidirectional
device and may be used on lines where the signal polarities are above ground, each device will protect
up to five lines.
TVS diodes are solid-state devices feature large cross-sectional area junctions for conducting high
transient currents, specifically for transient suppression. It offers desirable characteristics for board
level protection including fast response time, low clamping voltage, and no device degradation.
The UESD6V85CT36 may be used to meet the ESD immunity requirements of IEC 61000-4-2, Level
4. The small package makes them ideal for use in portable electronics such as cell phones, PDAs,
notebook computers, and digital cameras.
Applications
Features
Cellular Handsets & Accessories
Cordless Phones
Personal Digital Assistants(PDAs)
Notebooks & Handhelds
Portable Instrumentation
Digital Cameras
Peripherals
MP3 Players
Transient Protection for Data Lines to IEC
61000-4-2
(ESD)
±15kV
(Air),
±8kV
(Contact)
Protects Five I/O Lines
Ultra-Small SC70-6/SC88/SOT363 Package
Working Voltages: 5V
Low Leakage Current
Low Operating and Clamping Voltage
Solid-State Silicon Avalanche Technology
Pin Configurations
Top View
1
2
3
4
5
6
1
2
3
4
5
6
52C
Marking Pin 1
M: Month Code
UESD6V85CT36
SC70-6/SC88/SOT363
Ordering Information
Part Number
Working
Voltage
Packaging Type
Channel
Marking
Code
Shipping Qty
UESD6V85CT36
5.0V
SC70-6/SC88/SOT363
5
52C
3000pcs/7Inch
Tape & Reel


Similar Part No. - UESD6V85CT36_14

ManufacturerPart #DatasheetDescription
logo
Union Semiconductor, In...
UESD6V85CT36 UNIONSEMI-UESD6V85CT36 Datasheet
307Kb / 6P
   5 Line ESD Protection Diode Array
More results

Similar Description - UESD6V85CT36_14

ManufacturerPart #DatasheetDescription
logo
Union Semiconductor, In...
UESD6V85CT36 UNIONSEMI-UESD6V85CT36 Datasheet
307Kb / 6P
   5 Line ESD Protection Diode Array
logo
SYNC POWER Crop.
SPE0525_0911 SYNC-POWER-SPE0525_0911 Datasheet
197Kb / 7P
   5-Line ESD Protection Array
SPE1225 SYNC-POWER-SPE1225 Datasheet
229Kb / 7P
   5-Line ESD Protection Array
SPE0515 SYNC-POWER-SPE0515 Datasheet
222Kb / 7P
   5-Line ESD Protection Array
SPE0506 SYNC-POWER-SPE0506_10 Datasheet
189Kb / 7P
   5-Line ESD Protection Array
SPE0515 SYNC-POWER-SPE0515_10 Datasheet
192Kb / 7P
   5-Line ESD Protection Array
SPE0505 SYNC-POWER-SPE0505 Datasheet
221Kb / 7P
   5-Line ESD Protection Array
SPE1225 SYNC-POWER-SPE1225_10 Datasheet
199Kb / 7P
   5-Line ESD Protection Array
SPE0523 SYNC-POWER-SPE0523_10 Datasheet
196Kb / 7P
   5-Line ESD Protection Array
SPE0523 SYNC-POWER-SPE0523 Datasheet
233Kb / 7P
   5-Line ESD Protection Array
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com