Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UESD57B Datasheet(PDF) 6 Page - Union Semiconductor, Inc.

Part # UESD57B
Description  Quad/Five/Six Line ESD Protection Diode Array
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNIONSEMI [Union Semiconductor, Inc.]
Direct Link  http://www.union-ic.com
Logo UNIONSEMI - Union Semiconductor, Inc.

UESD57B Datasheet(HTML) 6 Page - Union Semiconductor, Inc.

Back Button UESD57B Datasheet HTML 2Page - Union Semiconductor, Inc. UESD57B Datasheet HTML 3Page - Union Semiconductor, Inc. UESD57B Datasheet HTML 4Page - Union Semiconductor, Inc. UESD57B Datasheet HTML 5Page - Union Semiconductor, Inc. UESD57B Datasheet HTML 6Page - Union Semiconductor, Inc. UESD57B Datasheet HTML 7Page - Union Semiconductor, Inc. UESD57B Datasheet HTML 8Page - Union Semiconductor, Inc. UESD57B Datasheet HTML 9Page - Union Semiconductor, Inc. UESD57B Datasheet HTML 10Page - Union Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
___________________________________________________________________________
http://www.union-ic.com Rev.02 Nov.2014
6/10
UESD54B/55B/56B/57B/64B
UESD55B SC89-6/SOT563/SOT666
Outline Drawing
DIMENSIONS
Symbol
MILLIMETERS
INCHES
Min
Max
Min
Max
A
0.525
0.600
0.021
0.024
A1
0.000
0.050
0.000
0.002
b
0.150
0.300
0.006
0.012
c
0.090
0.180
0.004
0.007
D
1.500
1.700
0.059
0.067
E
1.100
1.300
0.043
0.051
E1
1.500
1.700
0.059
0.067
e
0.450
0.550
0.018
0.022
L
0.100
0.300
0.004
0.012
θ
7°REF
7°REF
Land Pattern
NOTES:
1. Compound dimension: 1.60×1.20;
2. Unit: mm;
3.General tolerance ±0.05mm unless otherwise
specified;
4. The layout is just for reference.
Tape and Reel Orientation


Similar Part No. - UESD57B

ManufacturerPart #DatasheetDescription
logo
Union Semiconductor, In...
UESD57B UNIONSEMI-UESD57B Datasheet
263Kb / 11P
   Quad/Five/Six Line ESD Protection Diode Array
More results

Similar Description - UESD57B

ManufacturerPart #DatasheetDescription
logo
Union Semiconductor, In...
UESD54B UNIONSEMI-UESD54B Datasheet
263Kb / 11P
   Quad/Five/Six Line ESD Protection Diode Array
logo
Stanson Technology
STE0515 STANSON-STE0515 Datasheet
88Kb / 5P
   Five-Line ESD Protection Array
logo
Vishay Siliconix
VESD05A5-06G VISHAY-VESD05A5-06G Datasheet
140Kb / 8P
   Five-Line ESD Protection Diode Array in SOT-363
Rev. 1.0, 14-Feb-2019
logo
Union Semiconductor, In...
UESD16V8S4C UNIONSEMI-UESD16V8S4C_16 Datasheet
163Kb / 6P
   Quad Line 12V ESD Protection Diode Array
UESD16V8S4C UNIONSEMI-UESD16V8S4C Datasheet
208Kb / 5P
   Quad Line 12V ESD Protection Diode Array
SM05 UNIONSEMI-SM05_16 Datasheet
292Kb / 6P
   Low Capacitance Quad Line ESD Protection Diode Array
logo
Diodes Incorporated
DMF05LCFLP DIODES-DMF05LCFLP Datasheet
82Kb / 4P
   FIVE ELEMENT COMMON ANODE ESD-PROTECTION DIODE ARRAY
logo
Union Semiconductor, In...
UM5075 UNIONSEMI-UM5075 Datasheet
232Kb / 8P
   Single Line ESD Protection Diode Array
UESD6V8S2B UNIONSEMI-UESD6V8S2B_15 Datasheet
175Kb / 6P
   Dual Line ESD Protection Diode Array
UM50125 UNIONSEMI-UM50125_14 Datasheet
283Kb / 7P
   Single Line ESD Protection Diode Array
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com