Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM202EEUE Datasheet(PDF) 9 Page - Union Semiconductor, Inc.

Part # UM202EEUE
Description  High ESD-Protected, Fail-Safe, Single Supply RS-232 Transceivers
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNIONSEMI [Union Semiconductor, Inc.]
Direct Link  http://www.union-ic.com
Logo UNIONSEMI - Union Semiconductor, Inc.

UM202EEUE Datasheet(HTML) 9 Page - Union Semiconductor, Inc.

Back Button UM202EEUE Datasheet HTML 3Page - Union Semiconductor, Inc. UM202EEUE Datasheet HTML 4Page - Union Semiconductor, Inc. UM202EEUE Datasheet HTML 5Page - Union Semiconductor, Inc. UM202EEUE Datasheet HTML 6Page - Union Semiconductor, Inc. UM202EEUE Datasheet HTML 7Page - Union Semiconductor, Inc. UM202EEUE Datasheet HTML 8Page - Union Semiconductor, Inc. UM202EEUE Datasheet HTML 9Page - Union Semiconductor, Inc. UM202EEUE Datasheet HTML 10Page - Union Semiconductor, Inc. UM202EEUE Datasheet HTML 11Page - Union Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
________________________________________________________________________
http://www.union-ic.com Rev.05 Nov.2014
9/11
UM202EExE
UM202EEPE DIP16
Outline Drawing
D
D1
e
b
b1
E1
E
eA
eB
C
DIMENSIONS
Symbol
MILLIMETERS
INCHES
Min
Max
Min
Max
A
-
5.08
-
0.200
A1
0.38
-
0.015
-
A2
3.18
4.45
0.125
0.175
A3
1.40
2.03
0.055
0.080
b
0.41
0.56
0.016
0.022
b1
1.14
1.65
0.045
0.065
C
0.20
0.30
0.008
0.012
D
18.92
19.43
0.745
0765
D1
0.13
2.03
0.005
0.080
E
7.62
8.26
0.300
0.325
E1
6.10
7.87
0.240
0.310
e
2.54
-
0.100
-
eA
7.62
-
0.300
-
eB
-
10.16
-
0.400
L
2.92
3.81
0.115
0.150
Tape and Reel Orientation


Similar Part No. - UM202EEUE

ManufacturerPart #DatasheetDescription
logo
Union Semiconductor, In...
UM202EEUE UNIONSEMI-UM202EEUE Datasheet
263Kb / 11P
   High ESD-Protected, Fail-Safe, Single Supply RS-232 Transceivers
More results

Similar Description - UM202EEUE

ManufacturerPart #DatasheetDescription
logo
Union Semiconductor, In...
UM232EESE UNIONSEMI-UM232EESE Datasheet
263Kb / 11P
   High ESD-Protected, Fail-Safe, Single Supply RS-232 Transceivers
logo
List of Unclassifed Man...
STC232E ETC1-STC232E Datasheet
79Kb / 6P
   High ESD-Protected, Fail-Safe , Single Supply RS-232 Transceivers
logo
Union Semiconductor, In...
UM202EESE UNIONSEMI-UM202EESE Datasheet
263Kb / 11P
   High ESD-Protected, Fail-Safe, Single Supply RS-232 Transceivers
UM232EESE UNIONSEMI-UM232EESE_15 Datasheet
318Kb / 11P
   High ESD-Protected, Fail-Safe, Single Supply RS-232 Transceivers
UM3221E UNIONSEMI-UM3221E Datasheet
236Kb / 15P
   Fail-Safe, Single Supply RS-232 Transceivers
UM3221E UNIONSEMI-UM3221E_16 Datasheet
365Kb / 16P
   Fail-Safe, Single Supply RS-232 Transceivers
UM3488 UNIONSEMI-UM3488 Datasheet
363Kb / 17P
   Low Power, ESD-Protected, Fail-Safe, RS-422 Transceivers
logo
Maxim Integrated Produc...
MAX13442E MAXIM-MAX13442E Datasheet
250Kb / 18P
   ±15kV ESD-Protected, ±80V Fault-Protected, Fail-Safe RS-485/J1708 Transceivers
Rev 1; 3/06
MAX13442E MAXIM-MAX13442E_11 Datasheet
298Kb / 18P
   ±15kV ESD-Protected, ±80V Fault-Protected, Fail-Safe RS-485/J1708 Transceivers
Rev 3; 3/11
logo
Shenzhen Huazhimei Semi...
HM3085 HMSEMI-HM3085 Datasheet
715Kb / 12P
   짹15kV ESD-Protected ,Fail-Safe Slew-Rate-Limited RS-485 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com