Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM491 Datasheet(PDF) 4 Page - Union Semiconductor, Inc.

Part # UM491
Description  Enhanced Slew-Rate Limiting Facilitates Error-Free Data Transmission
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNIONSEMI [Union Semiconductor, Inc.]
Direct Link  http://www.union-ic.com
Logo UNIONSEMI - Union Semiconductor, Inc.

UM491 Datasheet(HTML) 4 Page - Union Semiconductor, Inc.

  UM491 Datasheet HTML 1Page - Union Semiconductor, Inc. UM491 Datasheet HTML 2Page - Union Semiconductor, Inc. UM491 Datasheet HTML 3Page - Union Semiconductor, Inc. UM491 Datasheet HTML 4Page - Union Semiconductor, Inc. UM491 Datasheet HTML 5Page - Union Semiconductor, Inc. UM491 Datasheet HTML 6Page - Union Semiconductor, Inc. UM491 Datasheet HTML 7Page - Union Semiconductor, Inc. UM491 Datasheet HTML 8Page - Union Semiconductor, Inc. UM491 Datasheet HTML 9Page - Union Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
________________________________________________________________________
http://www.union-ic.com Rev.05 Dec.2014
4/17
UM488/UM491
DC Electrical Characteristics (Continued)
(VCC = +5V ± 5%, TA = TMIN to TMAX, unless otherwise noted. Typical values are at VCC = +5V
and TA = +25°C.) (Note 1)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
RECEIVER
Receiver Differential
Threshold Voltage
V
TH
-7V≤VCM≤12V
-200
-125
-50
mV
Receiver Input Hysteresis
ΔV
TH
25
mV
Receiver Output High Voltage
V
OH
I
O = -4mA, VID = -50mV
VCC-1.5
V
Receiver Output Low Voltage
V
OL
I
O = 4mA, VID = -200mV
0.4
V
Three-State Output Current at
Receiver
I
OZR
0.4V ≤ V
O ≤ 2.4V
±1
µA
Receiver Input Resistance
R
IN
-7V≤V
CM≤12V
96
Receiver Output Short Circuit
Current
I
OSR
0V≤V
RO ≤VCC
±7
±95
mA
SUPPLY CURRENT
Supply Current
I
CC
No load,
RE
_______
= DI =
GND or V
CC
DE = V
CC
430
900
µA
DE = GND
375
600
Supply Current in Shutdown
Mode
I
SHDN
DE = GND, V
RE = VCC
0.001
10
µA
ESD Protection for Y, Z, A, B
Human Body Model
±15
kV
Note 1: All currents into the device are positive; all currents out of the device are negative. All
voltages are referred to device ground unless otherwise noted.
Note 2: ΔVOD and ΔVOC are the changes in VOD and VOC, respectively, when the DI input changes
state.
Note 3: Maximum current level applies to peak current just prior to foldback-current limiting;
minimum current level applies during current limiting.


Similar Part No. - UM491

ManufacturerPart #DatasheetDescription
logo
Union Semiconductor, In...
UM491 UNIONSEMI-UM491 Datasheet
324Kb / 17P
   짹15kV ESD-Protected, Fail-Safe, Slew-Rate-Limited RS-422
UM491EEPE UNIONSEMI-UM491EEPE Datasheet
324Kb / 17P
   짹15kV ESD-Protected, Fail-Safe, Slew-Rate-Limited RS-422
UM491EESE UNIONSEMI-UM491EESE Datasheet
324Kb / 17P
   짹15kV ESD-Protected, Fail-Safe, Slew-Rate-Limited RS-422
More results

Similar Description - UM491

ManufacturerPart #DatasheetDescription
logo
Xilinx, Inc
DS635 XILINX-DS635 Datasheet
723Kb / 37P
   Enhanced Double Data Rate (DDR) support
logo
Intersil Corporation
ISL55033IRTZ INTERSIL-ISL55033IRTZ Datasheet
877Kb / 13P
   400MHz Slew Rate Enhanced, Rail-to-Rail Output Gain Block
June 29, 2015
ISL55036 INTERSIL-ISL55036 Datasheet
687Kb / 11P
   400MHz Slew Rate Enhanced Rail-to-Rail Output Gain Block
logo
CML Microcircuits
EV9902A CMLMICRO-EV9902A Datasheet
484Kb / 23P
   Measures Bit Error Rate
logo
Intersil Corporation
ISL55033 INTERSIL-ISL55033 Datasheet
1Mb / 12P
   400MHz Slew Rate Enhanced Rail-to-Rail Output Gain Block
logo
Renesas Technology Corp
ISL55036 RENESAS-ISL55036 Datasheet
885Kb / 12P
   400MHz Slew Rate Enhanced Rail-to-Rail Output Gain Block
logo
TEKTRONIX, INC.
BSX TEKTRONIX-BSX Datasheet
1Mb / 38P
   Bit Error Rate Tester
logo
Renesas Technology Corp
ISL55033 RENESAS-ISL55033 Datasheet
1Mb / 13P
   400MHz Slew Rate Enhanced, Rail-to-Rail Output Gain Block
logo
Texas Instruments
CC2560-PAN1315 TI1-CC2560-PAN1315 Datasheet
43Kb / 2P
[Old version datasheet]   Bluetooth짰 v2.1 Enhanced Data Rate (EDR) Module
logo
NXP Semiconductors
MC33661 NXP-MC33661 Datasheet
1Mb / 22P
   Local Interconnect Network (LIN) Enhanced Physical Interface with Selectable Slew-Rate
Rev. 8.0, 4/2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com