Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

128ULR010MEF Datasheet(PDF) 2 Page - Illinois Capacitor, Inc.

Part # 128ULR010MEF
Description  2000 hour Low ESR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

128ULR010MEF Datasheet(HTML) 2 Page - Illinois Capacitor, Inc.

  128ULR010MEF Datasheet HTML 1Page - Illinois Capacitor, Inc. 128ULR010MEF Datasheet HTML 2Page - Illinois Capacitor, Inc. 128ULR010MEF Datasheet HTML 3Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ULR
+105°C 2000 hour Low ESR
Capacitance
(µF)
WVDC
IC PART NUMBER
Maximum
ESR (Ω)
120 Hz,
+20°C
Maximum
ESR (mΩ)
100 kHz,
+20°C
Leakage
Current
(μA)
Maximum
RMS
Ripple
Current
(mA)
100 kHz,
+105°C
Dims DxL
(mm)
22
10
226ULR010MEF
7.54
45
280
1870
6.3x8
22
25
226ULR025MEF
7.54
45
280
1870
6.3x8
33
10
336ULR010MEF
5.02
35
280
2000
6.3x8
33
20
336ULR020MEF
5.02
35
280
2000
6.3x8
33
25
336ULR025MFF
5.02
40
280
2050
8x8
47
10
476ULR010MEF
3.53
32
800
2100
6.3x8
47
20
476ULR020MFF
3.53
33
280
2100
8x8
47
25
476ULR025MFF
3.53
36
280
2100
8x8
100
16
107ULR016MEH
1.66
24
320
2820
6.3x11
100
16
107ULR016MEF
1.66
24
320
2820
6.3x8
100
20
107ULR020MFH
1.66
32
400
2750
8x11.5
100
25
107ULR025MFH
1.66
10
500
2750
8x11.5
100
35
107ULR035MGU
1.66
60
700
2000
10x12.5
150
20
157ULR020MGU
1.11
28
600
2900
10x12.5
180
16
187ULR016MFH
0.92
13
576
5000
8x11.5
220
2.5
227ULR2R5MEW
0.75
15
280
3400
6.3x6
220
10
227ULR010MEF
0.75
12
440
3200
6.3x8
220
10
227ULR010MEW
0.75
15
440
2700
6.3x6
220
16
227ULR016MFH
0.75
13
704
5000
8x11.5
220
16
227ULR016MEH
0.75
20
704
3100
6.3x11
220
16
227ULR016MFF
0.75
13
704
4300
8x8
220
35
227ULR035MGU
0.75
50
1540
2500
10x12.5
270
4
277ULR4R0MEF
0.61
12
280
3200
6.3x8
270
6.3
277ULR6R3MDY
0.61
11
340
3700
5x7
270
10
277ULR010MFH
0.61
11
540
5100
8x11.5
270
10
277ULR010MFF
0.61
14
540
4420
8x8
270
16
277ULR016MFH
0.61
13
864
5000
8x11.5
270
16
277ULR016MFF
0.61
13
864
4300
8x8
330
6.3
337ULR6R3MEF
0.5
10
416
4500
6.3x8
330
6.3
337ULR6R3MFF
0.5
8
416
5700
8x8
330
6.3
337ULR6R3MEW
0.5
20
416
3160
6.3x6
330
16
337ULR016MFF
0.5
13
1056
4300
8x8
330
16
337ULR016MGU
0.5
10
1056
6100
10x12.5
330
25
337ULR025MGU
0.5
45
1650
2700
10x12.5
390
2.5
397ULR2R5MEW
0.43
15
280
3400
6.3x6
390
6.3
397ULR6R3MFF
0.43
8
492
5700
8x8
390
10
397ULR010MFF
0.43
11
780
5000
8x8
390
10
397ULR010MFH
0.43
9
780
6100
8x11.5
470
2.5
477ULR2R5MDK
0.35
7
280
4180
5x9
470
6.3
477ULR6R3MFH
0.35
7
592
6100
8x11.5
470
6.3
477ULR6R3MEF
0.35
8
592
4700
6.3x8
470
6.3
477ULR6R3MFF
0.35
8
593
5700
8x8
470
10
477ULR010MFF
0.35
11
940
5000
8x8
470
10
477ULR010MGH
0.35
9
940
5650
8x11.5
470
10
477ULR010MGU
0.35
8
940
6100
10x12.5
470
16
477ULR016MGU
0.35
10
1504
6100
10x12.5
470
16
477ULR016MFH
0.35
11
1504
5100
8x11.5
560
2.5
567ULR2R5MFF
0.3
7
280
4000
6.3x8
560
2.5
567ULR2R5MDF
0.3
7
280
4180
5x8
560
2.5
567ULR2R5MDK
0.3
7
280
4180
5x9
560
2.5
567ULR2R5MEF
0.3
7
280
6100
8x8
560
4
567ULR4R0MEF
0.3
7
448
5600
6.3x8
560
4
567ULR4R0MFH
0.3
7
448
6100
8x11.5
560
4
567ULR4R0MFF
0.3
7
448
6100
8x8
560
6.3
567ULR6R3MEF
0.3
8
706
4700
6.3x8
560
6.3
567ULR6R3MFF
0.3
8
706
5700
8x8
560
10
567ULR010MFF
0.3
9
1120
5600
8x8
680
4
687ULR4R0MFH
0.24
7
544
6100
8x11.5


Similar Part No. - 128ULR010MEF

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
128ULR010MEF ILLINOISCAPACITOR-128ULR010MEF Datasheet
259Kb / 3P
   High temperature ??Very Low ESR ??High ripple current ??stable with temperature ??High frequency
128ULR010MEF ILLINOISCAPACITOR-128ULR010MEF Datasheet
125Kb / 1P
   Radial lead aluminum polymer capacitors
More results

Similar Description - 128ULR010MEF

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
107UER6R3MEW ILLINOISCAPACITOR-107UER6R3MEW_16 Datasheet
261Kb / 2P
   5000 hour Low ESR
104CKR050M ILLINOISCAPACITOR-104CKR050M_16 Datasheet
293Kb / 3P
   Standard 2000 hour
104CKH050M ILLINOISCAPACITOR-104CKH050M_16 Datasheet
310Kb / 3P
   Extended life 2000 hour
logo
Cornell Dubilier Electr...
SH470M6R3ST CDE-SH470M6R3ST_15 Datasheet
364Kb / 7P
   2000 Hour Long Life, Aluminum Electrolytic
SK101M6R3ST CDE-SK101M6R3ST_18 Datasheet
551Kb / 8P
   2000 Hour Long Life, General Purpose Aluminum Electrolytic
logo
AVX Corporation
TPSX157M010R0100 AVX-TPSX157M010R0100 Datasheet
146Kb / 11P
   Low ESR
TPSB226K016R0400 AVX-TPSB226K016R0400 Datasheet
146Kb / 11P
   Low ESR
TPSV107M020R0085 AVX-TPSV107M020R0085 Datasheet
159Kb / 11P
   Low ESR
TPSC107K002R0100V AVX-TPSC107K002R0100V Datasheet
137Kb / 11P
   Low ESR
logo
Nichicon corporation
RR7 NICHICON-RR7 Datasheet
652Kb / 2P
   Low ESR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com