Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NDBA116T-E Datasheet(PDF) 1 Page - NICHIA CORPORATION

Part # NDBA116T-E
Description  Blue Laser Diode for External Cavity
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NDBA116T-E Datasheet(HTML) 1 Page - NICHIA CORPORATION

  NDBA116T-E Datasheet HTML 1Page - NICHIA CORPORATION NDBA116T-E Datasheet HTML 2Page - NICHIA CORPORATION NDBA116T-E Datasheet HTML 3Page - NICHIA CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
-1-
[ YTB-SC0014-03 ]
2012/10/16
Blue Laser Diode for External Cavity
NDBA116T
Test Sample
Features
• For External Cavity Laser with Low Reflection Coating on front facet
• Optical Output Power: 30mW (Pulse)
• Can Type:
5.6 mm Floating Mounted with Photo Diode and Zener Diode
Absolute Maximum Ratings
(Pulse *1)
Item
Symbol
Absolute Maximum
Ratings
Unit
Optical Output Power
Po
45
mW
LD Forward Current
If
280
mA
Allowable Reverse Current
Ir (LD)
85
mA
PD Reverse Voltage
Vr (PD)
20
V
Storage Temperature
Tstg
-25 ~ 75
C
Operating Case Temperature
Tc
10 ~ 30
C
*Pulse Condition: Pulse Width 2.5μs, Duty 5%
Initial Electrical/Optical Characteristics
(Pulse*1 Ta=23
C *2)
Item
Condition
Symbol
Min
Typ.
Max
Unit
Optical Output Power
Pulse
Po
-
-
30
mW
Peak Wavelength
Po=30mW
p
450
-
455
nm
Threshold Current
Pulse
Ith
-
210
-
mA
Operating Current
Po=30mW
Iop
-
230
-
mA
Slope Efficiency
Pulse
-
1.5
-
W/A
Operating Voltage
Po=30mW
Vop
-
7.1
-
V
Beam Divergence*3
Po=30mW
//
7
-
12
deg.

15
-
25
deg.
Emission
Point
Accuracy
Angle
Po=30mW
//
-2.0
-
2.0
deg.

-3.0
-
3.0
deg.
Monitor Current*4
Po=30mW
Im
-
-
1
mA
*1 The Laser can NOT be lasing under CW operating without External Cavity. Pulse 0.5μs,
Duty 20%
*2 There is some range in ambient temperature. *3 Full angle at 50% from peak intensity.
*4 Monitor Current is short time power reference purpose only. Not guaranteed for
accuracy. This value must be affected intensely by feedback from composing optics.
All figures in this specification are measured by Nichia's method and may contain measurement deviations.
Diffractive feedback efficiency to the Laser diode must be limited less than 30 % under the External cavity configuration.
This model can only be performed under CW operating with External Cavity.
This model is Test Sample for evaluation or design purpose only. Life time is not guaranteed.
The above specifications are for reference purpose only and subjected to change without prior notice.
Safety of Laser light
Laser Light can damege the human eyes and skin. Do not expose the eye or skin to any
laser light directly and/or through optical lens. When handling the LDs, wear appropriate
safety glasses to prevent laser light, even any reflections from entering to the eye. Focused
laser beam through optical instruments will increase the chance of eye hazard.
These LDs are classified in Class 4 of IEC60825-1 and 21 CFR Part 1040.10 Safety
Standards. It is absolutely necessary to take overall safety measures against User's
modules, equipment and systems into which Nichia LDs are incorporated and/or integrated.
NICHIA CORPORATION
http://www.nichia.co.jp
HEADQUARTERS
491 Oka, Kaminaka-Cho, Anan-Shi, TOKUSHIMA 774-8601, JAPAN
PHONE: +81-884-22-2311
FAX: +81-884-21-0148
CONTACT
TOKYO SALES OFFICE
13F Tamachi Center Building 34-7, Shiba 5-Chome, Minato-Ku, TOKYO 108-0014, JAPAN
PHONE: +81-3-3456-3108
FAX: +81-3-5440-7330
Outline Dimension
Unit (mm)
( ) are reference figures
Pin Connection
This model has a zener diode built in
as protection circuit against static
electricity.


Similar Part No. - NDBA116T-E

ManufacturerPart #DatasheetDescription
logo
NICHIA CORPORATION
NDBA116T NICHIA-NDBA116T Datasheet
189Kb / 1P
   Blue Laser Diode for External Cavity
More results

Similar Description - NDBA116T-E

ManufacturerPart #DatasheetDescription
logo
NICHIA CORPORATION
NDBA116T NICHIA-NDBA116T Datasheet
189Kb / 1P
   Blue Laser Diode for External Cavity
NDVA316T NICHIA-NDVA316T Datasheet
175Kb / 3P
   Violet Laser Diode for External Cavity
NDVA111T-E NICHIA-NDVA111T-E Datasheet
117Kb / 3P
   Violet Laser Diode for External Cavity
NDVA216T-E NICHIA-NDVA216T-E Datasheet
198Kb / 3P
   Violet Laser Diode for External Cavity
NDVA316T-E NICHIA-NDVA316T-E Datasheet
198Kb / 3P
   Violet Laser Diode for External Cavity
NDVA216T NICHIA-NDVA216T Datasheet
175Kb / 3P
   Violet Laser Diode for External Cavity
NDVA111T NICHIA-NDVA111T Datasheet
192Kb / 3P
   Violet Laser Diode for External Cavity
NDUA116T-E NICHIA-NDUA116T-E Datasheet
197Kb / 3P
   Ultra Violet Laser Diode for External Cavity
NDUA116T NICHIA-NDUA116T Datasheet
177Kb / 3P
   Ultra Violet Laser Diode for External Cavity
logo
Emcore Corporation
1792-SMF-40-10-10-FA EMCORE-1792-SMF-40-10-10-FA Datasheet
115Kb / 2P
   Narrow Linewidth CW External Cavity Laser Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com