Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM805TE Datasheet(PDF) 9 Page - Union Semiconductor, Inc.

Part # UM805TE
Description  Voltage Monitors with Manual Reset Input
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNIONSEMI [Union Semiconductor, Inc.]
Direct Link  http://www.union-ic.com
Logo UNIONSEMI - Union Semiconductor, Inc.

UM805TE Datasheet(HTML) 9 Page - Union Semiconductor, Inc.

Back Button UM805TE Datasheet HTML 5Page - Union Semiconductor, Inc. UM805TE Datasheet HTML 6Page - Union Semiconductor, Inc. UM805TE Datasheet HTML 7Page - Union Semiconductor, Inc. UM805TE Datasheet HTML 8Page - Union Semiconductor, Inc. UM805TE Datasheet HTML 9Page - Union Semiconductor, Inc. UM805TE Datasheet HTML 10Page - Union Semiconductor, Inc. UM805TE Datasheet HTML 11Page - Union Semiconductor, Inc. UM805TE Datasheet HTML 12Page - Union Semiconductor, Inc. UM805TE Datasheet HTML 13Page - Union Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
________________________________________________________________________
http://www.union-ic.com Rev.01 Jan.2015
9/14
UM805/811/812
Applications Information
Negative-Going VCC Transients
In addition to issuing a reset to the µP during power-up, power-down, and brownout conditions, the
UM805/811/812 are relatively immune to short-duration negative-going VCC transients (glitches).
Figure 3 shows typical transient duration vs. reset comparator overdrive, for which the
UM805/811/812 do not generate a reset pulse. The graph was generated using a negative-going
pulse applied to VCC, starting above the actual reset threshold and ending below it by the magnitude
indicated (reset comparator overdrive). The graph indicates the typical maximum pulse width a
negative-going VCC transient may have without causing a reset pulse to be issued. As the magnitude
of the transient increases (goes farther below the reset threshold), the maximum allowable pulse
width decreases. Typically, for the UM8_ _LE/ME/JE, a VCC transient that goes 125mV below the
reset threshold and lasts 40µs or less will not cause a reset pulse to be issued. A 0.1µF capacitor
mounted as close as possible to the VCC provides additional transient immunity.
Figure 3. Maximum Transient Duration without Causing a Reset Pulse
vs. Reset Comparator Overdrive
Ensuring a Valid RESET
______________
Output Down to VCC = 0V
When VCC falls below 1V, the UM811 RESET
_____________
output no longer sinks current—it becomes an open
circuit. Therefore, high-impedance CMOS-logic inputs connected to RESET
_____________
can drift to
undetermined voltages. This presents no problem in most applications since most µP and other
circuitry is inoperative with VCC below 1V. However, in applications where RESET
_____________
must be valid
down to 0V, adding a pull-down resistor to RESET
_____________
pin will causes any stray leakage currents to
flow to ground, holding RESET
_____________
low (Figure 4). R1’s value is not critical; 100kΩ is large enough
not to load RESET
_____________
and small enough to pull RESET
_____________
to ground.
A 100kΩ pull-up resistor to VCC is also recommended for the UM812 if RESET is required to
remain valid for VCC < 1V.
UM8_ _LE/ME/JE
UM8_ _TE/SE/RE/ZE


Similar Part No. - UM805TE

ManufacturerPart #DatasheetDescription
logo
Union Semiconductor, In...
UM803 UNIONSEMI-UM803 Datasheet
332Kb / 11P
   3-Pin Microprocessor Reset Circuits
UM803JP UNIONSEMI-UM803JP Datasheet
332Kb / 11P
   3-Pin Microprocessor Reset Circuits
UM803JS UNIONSEMI-UM803JS Datasheet
332Kb / 11P
   3-Pin Microprocessor Reset Circuits
UM803LP UNIONSEMI-UM803LP Datasheet
332Kb / 11P
   3-Pin Microprocessor Reset Circuits
UM803LS UNIONSEMI-UM803LS Datasheet
332Kb / 11P
   3-Pin Microprocessor Reset Circuits
More results

Similar Description - UM805TE

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UIC812 UTC-UIC812 Datasheet
218Kb / 5P
   4-PIN VOLTAGE MONITORS WITH MANUAL RESET INPUT
logo
Global Mixed-mode Techn...
G632 GMT-G632 Datasheet
34Kb / 1P
   4-Pin P Voltage Monitors with Manual Reset Input
logo
Maxim Integrated Produc...
MAX812LEUS-T MAXIM-MAX812LEUS-T Datasheet
144Kb / 8P
   4-Pin μP Voltage Monitors with Manual Reset Input
Rev 4; 12/05
logo
List of Unclassifed Man...
G692 ETC-G692 Datasheet
171Kb / 7P
   4-Pin UP Voltage Monitors with Manual Reset Input
logo
Fitipower Integrated Te...
FP6811 FITIPOWER-FP6811 Datasheet
581Kb / 12P
   Microprocessor Voltage Monitors with Manual Reset
logo
Maxim Integrated Produc...
MAX811REUS-T MAXIM-MAX811REUS-T Datasheet
144Kb / 8P
   4-Pin μP Voltage Monitors with Manual Reset Input
Rev 4; 12/05
MAX812LEUS MAXIM-MAX812LEUS Datasheet
144Kb / 8P
   4-Pin uP Voltage Monitors with Manual Reset Input
Rev 4; 12/05
logo
Tiger Electronic Co.,Lt...
MAX811 TGS-MAX811 Datasheet
1Mb / 8P
   4-Pin 關P Voltage Monitors with Manual Reset Input
logo
Maxim Integrated Produc...
MAX811 MAXIM-MAX811 Datasheet
185Kb / 8P
   4-Pin 關P Voltage Monitors with Manual Reset Input
Rev 4; 12/05
logo
Unisonic Technologies
83CXXX UTC-83CXXX_11 Datasheet
152Kb / 5P
   4-PIN 關P VOLTAGE MONITORS WITH MANUAL RESET INPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com