Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI5C16861V Datasheet(PDF) 3 Page - Pericom Semiconductor Corporation

Part # PI5C16861V
Description  20-Bit, 2-Port Bus Switch
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI5C16861V Datasheet(HTML) 3 Page - Pericom Semiconductor Corporation

  PI5C16861V Datasheet HTML 1Page - Pericom Semiconductor Corporation PI5C16861V Datasheet HTML 2Page - Pericom Semiconductor Corporation PI5C16861V Datasheet HTML 3Page - Pericom Semiconductor Corporation PI5C16861V Datasheet HTML 4Page - Pericom Semiconductor Corporation PI5C16861V Datasheet HTML 5Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
PS7026E
09/13/04
PI5C16861/162861
20-Bit, 2-Port Bus Switch
Power Supply Characteristics
Parameters
Description
Test Conditions(1)
Min. Typ(2) Max. Units
ICC
Quiescent Power
Supply Current
VCC = Max.
VIN = GND
or VCC
0.1
10
µA
ΔICC
Supply Current per
Input @ TTL HIGH
VCC = Max.
VIN = 3.4V(3)
2.5
mA
ICCD
Supply Current per
Input per MHz(4)
VCC = Max., A and B Pins Open
BEX = GND, Control Input Toggling
50% Duty Cycle
0.25
mA/
MHz
Notes:
1. For Max. or Min. conditions, use appropriate value specified under Electrical Characteristics for the applicable device.
2. Typical values are at VCC = 5.0V, +25°C ambient.
3. Per TTL driven input (VIN= 3.4V, control inputs only); A and B pins do not contribute to ICC.
4. This current applies to the control inputs only and represent the current required to switch internal capacitance at the specified frequency. The
A and B inputs generate no significant AC or DC currents as they transition. This parameter is not tested, but is guaranteed by design.
Notes:
1. See test circuit and waveforms.
2. This parameter is guaranteed but not tested on Propagation Delays.
3. The bus switch contributes no propagational delay other than the RC delay of the On-Resistance of the switch and the load capacitance. The
time constant for the switch alone is of the order of 0.25ns for 50pF load. Since this time constant is much smaller than the rise/fall times of
typical driving signals, it adds very little propagational delay to the system. Propagational delay of the bus switch when used in a system is
determined by the driving circuit on the driving side of the switch and its interaction with the load on the driven side.
PI5C16861 Switching Characteristics over Operating Range
Parameters
Description
Conditions(1)
PI5C16861
Unit
Com.
Min
Max
tPLH
tPHL
Propagation Delay(2,3)
Ax to Bx, Bx to Ax
CL = 50pF
RL = 500Ω
1.25
ns
tPZH
tPZL
Bus Enable Time
BEx to Ax or Bx
1.5
6.5
tPHZ
tPLZ
Bus Disable Time
BEx to Ax or Bx
1.5
5.5
PI5C162861 Switching Characteristics over Operating Range
Parameters
Description
Conditions(1)
PI5C162861
Unit
Com.
Min
Max
tPLH
tPHL
Propagation Delay(2,3)
Ax to Bx, Bx to Ax
CL = 50pF
RL = 500Ω
1.25
ns
tPZH
tPZL
Bus Enable Time
BEx to Ax or Bx
1.5
6.5
tPHZ
tPLZ
Bus Disable Time
BEx to Ax or Bx
1.5
5.5


Similar Part No. - PI5C16861V

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI5C16861AE PERICOM-PI5C16861AE Datasheet
519Kb / 4P
   20-Bit, 2-Port Bus Switch
PI5C16861 PERICOM-PI5C16861_10 Datasheet
519Kb / 4P
   20-Bit, 2-Port Bus Switch
More results

Similar Description - PI5C16861V

ManufacturerPart #DatasheetDescription
logo
Potato Semiconductor Co...
PO3B16861A POTATO-PO3B16861A Datasheet
548Kb / 6P
   20-Bit, 2-Port Bus Switch
logo
Pericom Semiconductor C...
PI5C32X384 PERICOM-PI5C32X384_06 Datasheet
464Kb / 5P
   20-Bit, 2-Port Bus Switch
PI5C16210 PERICOM-PI5C16210 Datasheet
78Kb / 6P
   20-Bit, 2-Port Bus Switch
PI5C32X384 PERICOM-PI5C32X384 Datasheet
327Kb / 5P
   20-Bit, 2-Port Bus Switch
PI5C16861 PERICOM-PI5C16861_10 Datasheet
519Kb / 4P
   20-Bit, 2-Port Bus Switch
logo
Potato Semiconductor Co...
PO3B16861A POTATO-PO3B16861A_14 Datasheet
1,007Kb / 5P
   20-Bit, 2-Port Bus Switch
logo
Pericom Semiconductor C...
PI5C16862C PERICOM-PI5C16862C Datasheet
129Kb / 4P
   20-Bit, 2-Port Bus Switch with Undershoot Protection
PI5C162862C PERICOM-PI5C162862C Datasheet
324Kb / 3P
   20-Bit, 2-Port Bus Switch with Undershoot Protection
PI3C16210 PERICOM-PI3C16210 Datasheet
304Kb / 4P
   3.3V, High Bandwidths 20-Bit, 2-Port Bus Switch
logo
STMicroelectronics
B5S16861 STMICROELECTRONICS-B5S16861 Datasheet
189Kb / 10P
   20-BIT TWO PORT BUS SWITCH
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com