Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM811TE Datasheet(PDF) 8 Page - Union Semiconductor, Inc.

Part # UM811TE
Description  Voltage Monitors with Manual Reset Input
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNIONSEMI [Union Semiconductor, Inc.]
Direct Link  http://www.union-ic.com
Logo UNIONSEMI - Union Semiconductor, Inc.

UM811TE Datasheet(HTML) 8 Page - Union Semiconductor, Inc.

Back Button UM811TE Datasheet HTML 4Page - Union Semiconductor, Inc. UM811TE Datasheet HTML 5Page - Union Semiconductor, Inc. UM811TE Datasheet HTML 6Page - Union Semiconductor, Inc. UM811TE Datasheet HTML 7Page - Union Semiconductor, Inc. UM811TE Datasheet HTML 8Page - Union Semiconductor, Inc. UM811TE Datasheet HTML 9Page - Union Semiconductor, Inc. UM811TE Datasheet HTML 10Page - Union Semiconductor, Inc. UM811TE Datasheet HTML 11Page - Union Semiconductor, Inc. UM811TE Datasheet HTML 12Page - Union Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
________________________________________________________________________
http://www.union-ic.com Rev.01 Jan.2015
8/14
UM805/811/812
high.
If a brownout condition occurs (VCC dips below the reset threshold), RESET
_____________
goes low. Any time
VCC goes below the reset threshold, the internal timer resets to zero, and RESET
_____________
goes low. The
internal timer starts after VCC returns above the reset threshold, and RESET
_____________
remains low for the
reset timeout period.
The manual reset input (MR
_______
) can also initiate a reset. See the Manual Reset Input section.
The UM812 has an active-high RESET output that is the inverse of the UM805/811’s RESET
_____________
output. The UM805 uses an open-drain output, and the UM811/812 have a push-pull output stage.
Connect a pull-up resistor on the UM805’s RESET
_____________
output to any supply between 0 and 6V.
Manual Reset Input
Many μP-based products require manual reset capability, allowing the operator, a test technician, or
external logic circuitry to initiate a reset. A logic low on MR
_______
asserts reset. Reset remains asserted
while MR
_______
is low, and for the Reset Active Timeout Period (tRP) after MR
_______
returns high. This input
has an internal 20kΩ pull-up resistor, so it can be left open if it is not used. MR
_______
can be driven with
TTL or CMOS-logic levels, or with open-drain/collector outputs. Connect a normally open
momentary switch from MR
_______
to GND to create a manual-reset function; external debounce
circuitry is not required. If MR
_______
is driven from long cables or if the device is used in a noisy
environment, connecting a 0.1μF capacitor from MR
_______
to ground provides additional noise
immunity.
Reset Threshold Accuracy
The UM805/811/812 are ideal for systems using a 5V±5% or 3V±5% power supply with ICs
specified for 5V±10% or 3V±10%, respectively. They are designed to meet worst-case
specifications over temperature. The reset is guaranteed to assert after the power supply falls out of
regulation, but before power drops below the minimum specified operating voltage range for the
system ICs. The thresholds are pre-trimmed and exhibit tight distribution, reducing the range over
which an undesirable reset may occur.


Similar Part No. - UM811TE

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UM81 NXP-UM81 Datasheet
102Kb / 4P
   TUNING INDICATOR
8.8.1956
logo
Union Semiconductor, In...
UM810AAP UNIONSEMI-UM810AAP Datasheet
322Kb / 15P
   3-Pin Microprocessor Reset Circuits
UM810AAP UNIONSEMI-UM810AAP Datasheet
408Kb / 14P
   3-Pin Microprocessor Reset Circuits
UM810AAS UNIONSEMI-UM810AAS Datasheet
322Kb / 15P
   3-Pin Microprocessor Reset Circuits
UM810AAS UNIONSEMI-UM810AAS Datasheet
408Kb / 14P
   3-Pin Microprocessor Reset Circuits
More results

Similar Description - UM811TE

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UIC812 UTC-UIC812 Datasheet
218Kb / 5P
   4-PIN VOLTAGE MONITORS WITH MANUAL RESET INPUT
logo
Global Mixed-mode Techn...
G632 GMT-G632 Datasheet
34Kb / 1P
   4-Pin P Voltage Monitors with Manual Reset Input
logo
Maxim Integrated Produc...
MAX812LEUS-T MAXIM-MAX812LEUS-T Datasheet
144Kb / 8P
   4-Pin μP Voltage Monitors with Manual Reset Input
Rev 4; 12/05
logo
List of Unclassifed Man...
G692 ETC-G692 Datasheet
171Kb / 7P
   4-Pin UP Voltage Monitors with Manual Reset Input
logo
Fitipower Integrated Te...
FP6811 FITIPOWER-FP6811 Datasheet
581Kb / 12P
   Microprocessor Voltage Monitors with Manual Reset
logo
Maxim Integrated Produc...
MAX811REUS-T MAXIM-MAX811REUS-T Datasheet
144Kb / 8P
   4-Pin μP Voltage Monitors with Manual Reset Input
Rev 4; 12/05
MAX812LEUS MAXIM-MAX812LEUS Datasheet
144Kb / 8P
   4-Pin uP Voltage Monitors with Manual Reset Input
Rev 4; 12/05
logo
Tiger Electronic Co.,Lt...
MAX811 TGS-MAX811 Datasheet
1Mb / 8P
   4-Pin 關P Voltage Monitors with Manual Reset Input
logo
Maxim Integrated Produc...
MAX811 MAXIM-MAX811 Datasheet
185Kb / 8P
   4-Pin 關P Voltage Monitors with Manual Reset Input
Rev 4; 12/05
logo
Unisonic Technologies
83CXXX UTC-83CXXX_11 Datasheet
152Kb / 5P
   4-PIN 關P VOLTAGE MONITORS WITH MANUAL RESET INPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com