Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BLM15EG221SZ1 Datasheet(PDF) 2 Page - Murata Manufacturing Co., Ltd.

Part # BLM15EG221SZ1
Description  Operating Temperature Range
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

BLM15EG221SZ1 Datasheet(HTML) 2 Page - Murata Manufacturing Co., Ltd.

  BLM15EG221SZ1 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. BLM15EG221SZ1 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. BLM15EG221SZ1 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Product Search Data Sheet
BLM15EG221SZ1#
“#” indicates a package specification code.
Specifications
Shape
SMD
Size Code (in mm)
1005
Size Code (in inch)
0402
Length
1.0mm
Length Tolerance
±0.05mm
Width
0.5mm
Width Tolerance
±0.05mm
Thickness
0.5mm
Thickness Tolerance
±0.05mm
Rated Current
700.0mA
Operating Temperature Range
-
55
to
125
Mass(typ.)
0.001g
Number of Circuit
1
DC Resistance(max.)
0.28Ω
Impedance (at 100MHz)
220Ω
Impedance (at 100MHz) Tolerance
±25%
Impedance (at 1GHz)
270Ω
Impedance (at 1GHz) Tolerance
(Typ.)
2 of 3
Atten ti o n
1.T his datasheet is downloaded from the website of Murata Manufacturing Co., Ltd. T herefore, it’s specifications are subject to change or our products in it may be discontinued
without advance notice. Please check with our sales representatives or product engineers before ordering.
2.T his datasheet has only typical specifications because there is no space for detailed specifications.
T herefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
URL : http://www.murata.com/
Last
updated 2016/07/07


Similar Part No. - BLM15EG221SZ1

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
BLM15EG221SZ1 MURATA1-BLM15EG221SZ1 Datasheet
278Kb / 3P
   Excellent high frequency impedance characteristics with 0402 (EIA) size.
Last updated06/30/2022
BLM15EG221SZ1B MURATA1-BLM15EG221SZ1B Datasheet
278Kb / 3P
   Excellent high frequency impedance characteristics with 0402 (EIA) size.
Last updated06/30/2022
BLM15EG221SZ1D MURATA1-BLM15EG221SZ1D Datasheet
278Kb / 3P
   Excellent high frequency impedance characteristics with 0402 (EIA) size.
Last updated06/30/2022
BLM15EG221SZ1J MURATA1-BLM15EG221SZ1J Datasheet
278Kb / 3P
   Excellent high frequency impedance characteristics with 0402 (EIA) size.
Last updated06/30/2022
BLM15EG221SZ1 MURATA1-BLM15EG221SZ1_V01 Datasheet
278Kb / 3P
   Excellent high frequency impedance characteristics with 0402 (EIA) size.
Last updated06/30/2022
More results

Similar Description - BLM15EG221SZ1

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GRM0115C1ER30CE01 MURATA-GRM0115C1ER30CE01 Datasheet
48Kb / 1P
   Operating temperature range
GRM0115C1ER40BE01 MURATA-GRM0115C1ER40BE01 Datasheet
48Kb / 1P
   Operating temperature range
GRM0115C1ER60BE01 MURATA-GRM0115C1ER60BE01 Datasheet
48Kb / 1P
   Operating temperature range
GRM0115C1ER80BE01 MURATA-GRM0115C1ER80BE01 Datasheet
48Kb / 1P
   Operating temperature range
GRM0115C1E9R5CE01 MURATA-GRM0115C1E9R5CE01 Datasheet
48Kb / 1P
   Operating temperature range
GRM0222C1E2R3BDAE MURATA-GRM0222C1E2R3BDAE Datasheet
50Kb / 1P
   Operating temperature range
GRM0222C1E2R6BDAE MURATA-GRM0222C1E2R6BDAE Datasheet
50Kb / 1P
   Operating temperature range
GRM0222C1E2R6WDAE MURATA-GRM0222C1E2R6WDAE Datasheet
50Kb / 1P
   Operating temperature range
GRM0222C1E3R4BDAE MURATA-GRM0222C1E3R4BDAE Datasheet
50Kb / 1P
   Operating temperature range
GRM0222C1E3R7WDAE MURATA-GRM0222C1E3R7WDAE Datasheet
50Kb / 1P
   Operating temperature range
GRM0222C1E330GA02 MURATA-GRM0222C1E330GA02 Datasheet
92Kb / 2P
   Operating temperature range
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com