Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM812SE Datasheet(PDF) 5 Page - Union Semiconductor, Inc.

Part # UM812SE
Description  Voltage Monitors with Manual Reset Input
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNIONSEMI [Union Semiconductor, Inc.]
Direct Link  http://www.union-ic.com
Logo UNIONSEMI - Union Semiconductor, Inc.

UM812SE Datasheet(HTML) 5 Page - Union Semiconductor, Inc.

  UM812SE Datasheet HTML 1Page - Union Semiconductor, Inc. UM812SE Datasheet HTML 2Page - Union Semiconductor, Inc. UM812SE Datasheet HTML 3Page - Union Semiconductor, Inc. UM812SE Datasheet HTML 4Page - Union Semiconductor, Inc. UM812SE Datasheet HTML 5Page - Union Semiconductor, Inc. UM812SE Datasheet HTML 6Page - Union Semiconductor, Inc. UM812SE Datasheet HTML 7Page - Union Semiconductor, Inc. UM812SE Datasheet HTML 8Page - Union Semiconductor, Inc. UM812SE Datasheet HTML 9Page - Union Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
________________________________________________________________________
http://www.union-ic.com Rev.01 Jan.2015
5/14
UM805/811/812
Electrical Characteristics (Continued)
(VCC = 5V for L/M/J versions, VCC = 3.3V for T/S versions, VCC = 3V for R version, and VCC =
2.5V for Z version, TA = -40°C to +85°C, unless otherwise noted. Typical values are at TA = +25°C.)
(Note 2)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VOH
RESET Output
Voltage
ISOURCE=150μA, 1.8V<VCC<VTH(MIN)
UM812LE/ME/JE/TE/SE/RE/ZE
0.8×VCC
V
VOL
ISINK=1.2mA
UM812TE/SE/RE/ZE
0.3
ISINK=3.2mA
UM812LE/ME/JE
0.4
VOH
RESET
____________
Output
Voltage
ISOURCE=500μA, VCC>VTH(MAX)
UM811TE/SE/RE/ZE
0.8×VCC
V
ISOURCE=800μA, VCC>VTH(MAX)
UM811LE/ME/JE
VCC-1.5
VOL
ISINK=1.2mA, VCC=VTH(MIN)
UM805/811TE/SE/RE/ZE
0.3
ISINK=3.2mA, VCC=VTH(MIN)
UM805/811LE/ME/JE
0.4
ISINK=50μA, VCC>1.0V
0.3
Note 2: Production testing done at TA = +25°C; limits over temperature guaranteed by design only.
Note 3: RESET
_____________
output for UM805/811; RESET output for UM812.
Note 4: “Glitches” of 100ns or less typically will not generate a reset pulse.


Similar Part No. - UM812SE

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UM81 NXP-UM81 Datasheet
102Kb / 4P
   TUNING INDICATOR
8.8.1956
logo
Union Semiconductor, In...
UM810AAP UNIONSEMI-UM810AAP Datasheet
322Kb / 15P
   3-Pin Microprocessor Reset Circuits
UM810AAP UNIONSEMI-UM810AAP Datasheet
408Kb / 14P
   3-Pin Microprocessor Reset Circuits
UM810AAS UNIONSEMI-UM810AAS Datasheet
322Kb / 15P
   3-Pin Microprocessor Reset Circuits
UM810AAS UNIONSEMI-UM810AAS Datasheet
408Kb / 14P
   3-Pin Microprocessor Reset Circuits
More results

Similar Description - UM812SE

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UIC812 UTC-UIC812 Datasheet
218Kb / 5P
   4-PIN VOLTAGE MONITORS WITH MANUAL RESET INPUT
logo
Global Mixed-mode Techn...
G632 GMT-G632 Datasheet
34Kb / 1P
   4-Pin P Voltage Monitors with Manual Reset Input
logo
Maxim Integrated Produc...
MAX812LEUS-T MAXIM-MAX812LEUS-T Datasheet
144Kb / 8P
   4-Pin μP Voltage Monitors with Manual Reset Input
Rev 4; 12/05
logo
List of Unclassifed Man...
G692 ETC-G692 Datasheet
171Kb / 7P
   4-Pin UP Voltage Monitors with Manual Reset Input
logo
Fitipower Integrated Te...
FP6811 FITIPOWER-FP6811 Datasheet
581Kb / 12P
   Microprocessor Voltage Monitors with Manual Reset
logo
Maxim Integrated Produc...
MAX811REUS-T MAXIM-MAX811REUS-T Datasheet
144Kb / 8P
   4-Pin μP Voltage Monitors with Manual Reset Input
Rev 4; 12/05
MAX812LEUS MAXIM-MAX812LEUS Datasheet
144Kb / 8P
   4-Pin uP Voltage Monitors with Manual Reset Input
Rev 4; 12/05
logo
Tiger Electronic Co.,Lt...
MAX811 TGS-MAX811 Datasheet
1Mb / 8P
   4-Pin 關P Voltage Monitors with Manual Reset Input
logo
Maxim Integrated Produc...
MAX811 MAXIM-MAX811 Datasheet
185Kb / 8P
   4-Pin 關P Voltage Monitors with Manual Reset Input
Rev 4; 12/05
logo
Unisonic Technologies
83CXXX UTC-83CXXX_11 Datasheet
152Kb / 5P
   4-PIN 關P VOLTAGE MONITORS WITH MANUAL RESET INPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com