Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RA30H2127M Datasheet(PDF) 4 Page - Mitsubishi Electric Semiconductor

Part # RA30H2127M
Description  210-270MHz 30W 12.5V MOBILE RADIO
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

RA30H2127M Datasheet(HTML) 4 Page - Mitsubishi Electric Semiconductor

  RA30H2127M Datasheet HTML 1Page - Mitsubishi Electric Semiconductor RA30H2127M Datasheet HTML 2Page - Mitsubishi Electric Semiconductor RA30H2127M Datasheet HTML 3Page - Mitsubishi Electric Semiconductor RA30H2127M Datasheet HTML 4Page - Mitsubishi Electric Semiconductor RA30H2127M Datasheet HTML 5Page - Mitsubishi Electric Semiconductor RA30H2127M Datasheet HTML 6Page - Mitsubishi Electric Semiconductor RA30H2127M Datasheet HTML 7Page - Mitsubishi Electric Semiconductor RA30H2127M Datasheet HTML 8Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MITSUBISHI RF POWER MODULE
RA30H 2127 M
RA30H2127M
MITSUBISHI ELECTRIC
23 Dec 2002
4/9
ELECTROSTATIC SENSITIVE DEVICE
OBSERVE HANDLING PRECAUTIONS
TYPICAL PERFORMANCE (Tcase=+25°C, ZG=ZL=50Ω, unless otherwise specified)
OUTPUT POWER and DRAIN CURRENT
versus DRAIN VOLTAGE
OUTPUT POWER and DRAIN CURRENT
OUTPUT POWER and DRAIN CURRENT
versus GATE VOLTAGE
versus GATE VOLTAGE
OUTPUT POWER and DRAIN CURRENT
versus GATE VOLTAGE
0
10
20
30
40
50
60
2
2.5
3
3.5
4
4.5
5
GATE VOLTAGE VGG(V)
0
2
4
6
8
10
12
Pout
f=210MHz,
VDD=12.5V,
VGG =5V
IDD
0
10
20
30
40
50
60
70
80
90
2
4
6
8
10
12
14
16
DRAIN VOLTAGE VDD(V)
0
2
4
6
8
10
12
14
16
18
Pout
f=270MHz,
VDD=12.5V,
VGG=5V
IDD
0
10
20
30
40
50
60
2
2.5
3
3.5
4
4.5
5
GATE VOLTAGE VGG(V)
0
2
4
6
8
10
12
Pout
f=240MHz,
VDD=12.5V,
VGG=5V
IDD
0
10
20
30
40
50
60
2
2.5
3
3.5
4
4.5
5
GATE VOLTAGE VGG(V)
0
2
4
6
8
10
12
Pout
f=270MHz,
VDD=12.5V,
VGG =5V
IDD


Similar Part No. - RA30H2127M

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RA30H2127M MITSUBISHI-RA30H2127M Datasheet
223Kb / 8P
   RoHS Compliance , 210-270MHz 30W 12.5V, 2 Stage Amp. For MOBILE RADIO
RA30H2127M MITSUBISHI-RA30H2127M Datasheet
90Kb / 9P
   210-270MHz 30W 12.5V, 2 Stage Amp. For MOBILE RADIO
RA30H2127M-101 MITSUBISHI-RA30H2127M-101 Datasheet
223Kb / 8P
   RoHS Compliance , 210-270MHz 30W 12.5V, 2 Stage Amp. For MOBILE RADIO
RA30H2127M-101 MITSUBISHI-RA30H2127M-101 Datasheet
90Kb / 9P
   210-270MHz 30W 12.5V, 2 Stage Amp. For MOBILE RADIO
RA30H2127M-101 MITSUBISHI-RA30H2127M-101 Datasheet
171Kb / 9P
   Broadband Frequency Range
More results

Similar Description - RA30H2127M

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RA30H2127M MITSUBISHI-RA30H2127M_10 Datasheet
90Kb / 9P
   210-270MHz 30W 12.5V, 2 Stage Amp. For MOBILE RADIO
M68706 MITSUBISHI-M68706 Datasheet
85Kb / 2P
   250-270MHz, 12.5V, 30W, FM MOBILE RADIO
RA30H2127M MITSUBISHI-RA30H2127M_06 Datasheet
223Kb / 8P
   RoHS Compliance , 210-270MHz 30W 12.5V, 2 Stage Amp. For MOBILE RADIO
RA30H4452M MITSUBISHI-RA30H4452M Datasheet
94Kb / 9P
   440-520MHz 30W 12.5V MOBILE RADIO
RA30H4047M MITSUBISHI-RA30H4047M Datasheet
67Kb / 9P
   400-470MHz 30W 12.5V MOBILE RADIO
RA30H0608M MITSUBISHI-RA30H0608M Datasheet
57Kb / 9P
   68-88MHz 30W 12.5V MOBILE RADIO
RA30H4452M MITSUBISHI-RA30H4452M_10 Datasheet
72Kb / 8P
   440-520MHz 30W 12.5V MOBILE RADIO
RA30H1317M MITSUBISHI-RA30H1317M Datasheet
65Kb / 9P
   135-175MHz 30W 12.5V MOBILE RADIO
M57710-A MITSUBISHI-M57710-A Datasheet
123Kb / 3P
   156-160MHz 12.5V,30W,FM MOBILE RADIO????
M57729H MITSUBISHI-M57729H Datasheet
87Kb / 2P
   450-470MHz 12.5V,30W,FM MOBILE RADIO?????????
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com