Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM807RCE Datasheet(PDF) 5 Page - Union Semiconductor, Inc.

Part # UM807RCE
Description  Reset Circuits with Long Manual Reset Setup Period
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNIONSEMI [Union Semiconductor, Inc.]
Direct Link  http://www.union-ic.com
Logo UNIONSEMI - Union Semiconductor, Inc.

UM807RCE Datasheet(HTML) 5 Page - Union Semiconductor, Inc.

  UM807RCE Datasheet HTML 1Page - Union Semiconductor, Inc. UM807RCE Datasheet HTML 2Page - Union Semiconductor, Inc. UM807RCE Datasheet HTML 3Page - Union Semiconductor, Inc. UM807RCE Datasheet HTML 4Page - Union Semiconductor, Inc. UM807RCE Datasheet HTML 5Page - Union Semiconductor, Inc. UM807RCE Datasheet HTML 6Page - Union Semiconductor, Inc. UM807RCE Datasheet HTML 7Page - Union Semiconductor, Inc. UM807RCE Datasheet HTML 8Page - Union Semiconductor, Inc. UM807RCE Datasheet HTML 9Page - Union Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
________________________________________________________________________
http://www.union-ic.com Rev.01 Jan.2015
5/17
UM807/821/822
Electrical Characteristics
(VCC = 5V for L/M/J versions, VCC = 3.3V for T/S versions, VCC = 3V for R version, and VCC =
2.5V for Z version, TA = -40°C to +85°C, unless otherwise noted. Typical values are at TA = +25°C.)
(Note 2)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VCC
Supply Voltage
Range
1.0
5.5
V
ICC
Supply Current
2.0
5.0
μA
VTH+
Reset Threshold
L version
TA=+25℃
4.56
4.63
4.70
V
TA=-40℃ to + 85℃
4.50
4.75
M version
TA=+25℃
4.31
4.38
4.45
TA=-40℃ to + 85℃
4.25
4.50
J version
TA=+25℃
3.93
4.00
4.06
TA=-40℃ to + 85℃
3.89
4.10
T version
TA=+25℃
3.04
3.08
3.11
TA=-40℃ to + 85℃
3.00
3.15
S version
TA=+25℃
2.89
2.93
2.96
TA=-40℃ to + 85℃
2.85
3.00
R version
TA=+25℃
2.59
2.63
2.66
TA=-40℃ to + 85℃
2.55
2.70
Z version
TA=+25℃
2.28
2.32
2.35
TA=-40℃ to + 85℃
2.25
2.38
Reset Threshold
Tempco
150
ppm/°C
tRD
VCC to Reset Delay
(Note 3)
10
μs
tRP
Reset Active
Timeout Period
140
240
560
ms
tMR
MR
______
Minimum
Pulse Width
A
6.04
10.08
14.11
s
B
4.03
6.72
9.41
C
1.01
1.68
2.35
tPW
RESET Pulse
Width
140
240
560
ms
MR
______
Glitch
Immunity
(Note 4)
100
ns
VIH
MR
______
Input
Threshold
VCC > VTH(MAX)
UM807/821/822L_E/M_E/J_E
2.3
V
VIL
0.8
VIH
VCC > VTH(MAX)
UM807/821/822T_E/S_E/R_E/Z_E
0.7×VCC
VIL
0.25×VCC
MR
______
Pull-Up
Resistance
10
20
30


Similar Part No. - UM807RCE

ManufacturerPart #DatasheetDescription
logo
Union Semiconductor, In...
UM803 UNIONSEMI-UM803 Datasheet
332Kb / 11P
   3-Pin Microprocessor Reset Circuits
UM803JP UNIONSEMI-UM803JP Datasheet
332Kb / 11P
   3-Pin Microprocessor Reset Circuits
UM803JS UNIONSEMI-UM803JS Datasheet
332Kb / 11P
   3-Pin Microprocessor Reset Circuits
UM803LP UNIONSEMI-UM803LP Datasheet
332Kb / 11P
   3-Pin Microprocessor Reset Circuits
UM803LS UNIONSEMI-UM803LS Datasheet
332Kb / 11P
   3-Pin Microprocessor Reset Circuits
More results

Similar Description - UM807RCE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6443 MAXIM-MAX6443_10 Datasheet
164Kb / 13P
   uP Reset Circuits with Long Manual Reset Setup Period
Rev 3; 6/10
MAX6443 MAXIM-MAX6443 Datasheet
261Kb / 13P
   關P Reset Circuits with Long Manual Reset Setup Period
Rev 1; 1/03
logo
Silicon Standard Corp.
SS811 SSC-SS811 Datasheet
320Kb / 8P
   Reset Circuits with Manual Reset Input
logo
Analog Intergrations Co...
AIC811 AIC-AIC811 Datasheet
421Kb / 8P
   Reset Circuits with Manual Reset Input
logo
Sangdest Microelectroni...
SSR811 SMC-SSR811 Datasheet
277Kb / 10P
   Reset Circuits with Manual Reset Input
logo
EM Microelectronic - MA...
EM6325 EMMICRO-EM6325 Datasheet
230Kb / 8P
   Reset Circuit with Manual Reset
logo
Maxim Integrated Produc...
MAX6711L MAXIM-MAX6711L_05 Datasheet
279Kb / 8P
   4-Pin SC70 Microprocessor Reset Circuits with Manual Reset Input
Rev 1; 12/05
MAX6711L MAXIM-MAX6711L Datasheet
145Kb / 8P
   4-Pin SC70 Microprocessor Reset Circuits with Manual Reset Input
Rev 0; 1/00
MAX6711T MAXIM-MAX6711T Datasheet
153Kb / 8P
   4-Pin SC70 Microprocessor Reset Circuits with Manual Reset Input
Rev 0; 1/00
MAX6803 MAXIM-MAX6803_05 Datasheet
554Kb / 8P
   4-Pin, Low-Power uP Reset Circuits with Manual Reset
19-1946; Rev 2; 12/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com