Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM821RAE Datasheet(PDF) 11 Page - Union Semiconductor, Inc.

Part # UM821RAE
Description  Reset Circuits with Long Manual Reset Setup Period
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNIONSEMI [Union Semiconductor, Inc.]
Direct Link  http://www.union-ic.com
Logo UNIONSEMI - Union Semiconductor, Inc.

UM821RAE Datasheet(HTML) 11 Page - Union Semiconductor, Inc.

Back Button UM821RAE Datasheet HTML 7Page - Union Semiconductor, Inc. UM821RAE Datasheet HTML 8Page - Union Semiconductor, Inc. UM821RAE Datasheet HTML 9Page - Union Semiconductor, Inc. UM821RAE Datasheet HTML 10Page - Union Semiconductor, Inc. UM821RAE Datasheet HTML 11Page - Union Semiconductor, Inc. UM821RAE Datasheet HTML 12Page - Union Semiconductor, Inc. UM821RAE Datasheet HTML 13Page - Union Semiconductor, Inc. UM821RAE Datasheet HTML 14Page - Union Semiconductor, Inc. UM821RAE Datasheet HTML 15Page - Union Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
________________________________________________________________________
http://www.union-ic.com Rev.01 Jan.2015
11/17
UM807/821/822
Figure 4. RESET
____________
Valid to VCC = Ground Circuit
Interfacing to μPs with Bidirectional Reset Pins
μPs with bidirectional reset pins (such as the Motorola68HC11 series) can contend with the
UM821/822 reset outputs. If, for example, the UM821 RESET
______________
output is asserted high and the μP
wants to pull it low, indeterminate logic levels may result. To correct such cases, connect a 4.7kΩ
resistor between the UM821 RESET
______________
(or UM822 RESET) output and the μP reset I/O (Figure 5).
Buffer the reset output to other system components.
BUFFER
VCC
VCC
UM821
RESET
GND
4.7k
VCC
µP
RESET
GND
Buffered RESET
to Other System
Components
Figure 5. Interfacing to μPs with Bidirectional Reset I/O
UM821


Similar Part No. - UM821RAE

ManufacturerPart #DatasheetDescription
logo
ShenZhen XinDeYi Electr...
UM8220N8 XINDEYI-UM8220N8 Datasheet
947Kb / 7P
   Dual N-Channel E nhancement Mode F ield E ffect Transistor
logo
List of Unclassifed Man...
UM8237A-5 ETC-UM8237A-5 Datasheet
282Kb / 1P
   CMOS CLOCK GENERATOR & DRIVER
UM8237AE-5 ETC-UM8237AE-5 Datasheet
282Kb / 1P
   CMOS CLOCK GENERATOR & DRIVER
logo
UMC Corporation
UM82450 UMC-UM82450 Datasheet
1Mb / 16P
   Asynchronous Communication Element(ACE)
UM82450L UMC-UM82450L Datasheet
1Mb / 16P
   Asynchronous Communication Element(ACE)
More results

Similar Description - UM821RAE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6443 MAXIM-MAX6443_10 Datasheet
164Kb / 13P
   uP Reset Circuits with Long Manual Reset Setup Period
Rev 3; 6/10
MAX6443 MAXIM-MAX6443 Datasheet
261Kb / 13P
   關P Reset Circuits with Long Manual Reset Setup Period
Rev 1; 1/03
logo
Silicon Standard Corp.
SS811 SSC-SS811 Datasheet
320Kb / 8P
   Reset Circuits with Manual Reset Input
logo
Analog Intergrations Co...
AIC811 AIC-AIC811 Datasheet
421Kb / 8P
   Reset Circuits with Manual Reset Input
logo
Sangdest Microelectroni...
SSR811 SMC-SSR811 Datasheet
277Kb / 10P
   Reset Circuits with Manual Reset Input
logo
EM Microelectronic - MA...
EM6325 EMMICRO-EM6325 Datasheet
230Kb / 8P
   Reset Circuit with Manual Reset
logo
Maxim Integrated Produc...
MAX6711L MAXIM-MAX6711L_05 Datasheet
279Kb / 8P
   4-Pin SC70 Microprocessor Reset Circuits with Manual Reset Input
Rev 1; 12/05
MAX6711L MAXIM-MAX6711L Datasheet
145Kb / 8P
   4-Pin SC70 Microprocessor Reset Circuits with Manual Reset Input
Rev 0; 1/00
MAX6711T MAXIM-MAX6711T Datasheet
153Kb / 8P
   4-Pin SC70 Microprocessor Reset Circuits with Manual Reset Input
Rev 0; 1/00
MAX6803 MAXIM-MAX6803_05 Datasheet
554Kb / 8P
   4-Pin, Low-Power uP Reset Circuits with Manual Reset
19-1946; Rev 2; 12/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com