Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

251B00T253A1NB Datasheet(PDF) 2 Page - CTS Corporation

Part # 251B00T253A1NB
Description  Long Life 9mm Carbon Composition Rotary Potentiometer
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

251B00T253A1NB Datasheet(HTML) 2 Page - CTS Corporation

  251B00T253A1NB Datasheet HTML 1Page - CTS Corporation 251B00T253A1NB Datasheet HTML 2Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
EFFECTIVE
ELECTRICAL ANGLE
RESISTANCE CODE
EXAMPLES
SHAFT TRIM
B 12
F
103
B
1
N
B
TERMINAL STYLE
B- PC terminal
CODE RESISTANCE
103
10 K
253
25 K
503
50 K
104
100 K
F - 5.00 mm dia., Flatted
Ordering Information
SPECIALS
1 - Without bushing
B- Bushing (No thread)
251
2 - 2
© 2010 CTS Corporation. All rights reserved. Information subject to change.
05/19/10
CTS Electrocomponents
www.ctscorp.com
A- ± 10%
B- ± 20%
RESIST TOL
C- ± 30%
3- Linear (60°)
5- Linear (110°)
1- Linear (40°)
9- Linear (280°)
"T" Shaft Trim, Bushing Mount
"F" Shaft Trim, Bushing Mount
Slotted Rotor, Snap-in Mount
DIMENSION:
mm
INCH
DIMENSION:
mm
INCH
DIMENSION:
mm
INCH
MOUNTING SURFACE
TERMINAL HOLE DETAIL
3.96
.156
Ø
.142
3.6
.146
3.7
Ø
.043
1.1 +0.2
-0.0
-.000
+.008
(3)
2.5±0.05
.0985±.002
.197±.002
5.0±0.05
.173
4.4
6.2
.244
4.9
.193
5.8
.228
0.8
.031
.197
5.0
2.5
.0985
.031
0.8
(3)
-0.1
+0.0
+.000
-.004
.394
10.0
.079
2.0
.136
3.45
C .020
0.5
5.1
.201
5.0
.197
0.5
.020
0.3
.012
.146
3.7
Ø7.0
.276
.020
0.5
±0.10
±.004
+0.05
-0.10
+.002
-.004
REF.
5.00
7.0
+0.05
-0.10
.193
6.2
.244
.173
4.4
4.9
5.8
.228
.197
5.0
2.0
(3)
+.000
-.004
2.5
.0985
.031
0.8 +0.0
-0.1
.079
0.8
.031
.394
10.0
5.1
0.5
.020
.197
.201
5.0
.138
3.50 ±0.10
±.004
.012
0.3
.146
3.7
.020
0.5
C
0.5
.020
Ø7.0
.276
.276
.197 -.004
-.002
.142
3.6
Ø
TERMINAL HOLE DETAIL
MOUNTING SURFACE
.043 +.008
-.000
Ø
+0.2
-0.0
1.1
REF.
3.7
.146
(3)
.0985±.002
5.0±0.05
.197±.002
1.0
1.8
+0.0
7.2
9.60
7.40
HOLE PLACEMENT DETAIL VIEW
9.5
.374
.291
7.40
11.1
.437
3.20
.126
8.20
.322
4.9
.193
.061
1.56
0.3
.012
.159
4.05
.118
3.0
37°(2)
1.2(3)
.047
Ø
.122
3.1
1.0
.039
10.6
.417
.098
2.5 (2)
5.0
.197
0.8
.031
-0.1 (3)
-.004
+.000
10.3
.406
.335
8.5
0.5
.020 (2)
(2)
.020
0.5
(2)
.071
1.8
.071
.039
.012
0.3
.291
4.0
.157
Ø
Ø .051±.004
1.30±0.1 (3)
.283
.378
FROM POT. MOUNTING SIDE.
2.5±0.05
CL
CL
CL
CL
SHAFT LENGTH “L”
MOLDED SHAFT LENGTH
MOLDED SLOTTED ROTOR
12 - 12 mm
15 - 15 mm
00 - Slotted rotor
T - 3.96 mm dia., Flatted
N - No center tap
T - 4° tap at center
RESIST TAP
0 - Slotted rotor
Notes:
Without bushing for slotted rotor.
Bushing (No thread) for shaft.


Similar Part No. - 251B00T253A1NB

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
251B000252A1N1 CTS-251B000252A1N1 Datasheet
68Kb / 2P
   Long life, 9mm diameter, composition element, variable resistor
251B000252A1NB CTS-251B000252A1NB Datasheet
68Kb / 2P
   Long life, 9mm diameter, composition element, variable resistor
251B000252A1T1 CTS-251B000252A1T1 Datasheet
68Kb / 2P
   Long life, 9mm diameter, composition element, variable resistor
251B000252A1TB CTS-251B000252A1TB Datasheet
68Kb / 2P
   Long life, 9mm diameter, composition element, variable resistor
251B000252A2N1 CTS-251B000252A2N1 Datasheet
68Kb / 2P
   Long life, 9mm diameter, composition element, variable resistor
More results

Similar Description - 251B00T253A1NB

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
250U20F102B1NA CTS-250U20F102B1NA_16 Datasheet
249Kb / 3P
   Commercial 9mm Carbon Composition Rotary Potentiometer
290T220R103B11 CTS-290T220R103B11 Datasheet
285Kb / 2P
   Long Life 24mm Diameter Carbon Composition Rotary Potentiometer
logo
Sharma Electro Componen...
WS19 SHARMA-WS19 Datasheet
1,002Kb / 2P
   Carbon Composition Potentiometer
logo
CTS Corporation
296XB252B2N CTS-296XB252B2N Datasheet
395Kb / 2P
   Commercial 12mm Diameter Carbon Composition Rotary Potentiometer
251 CTS-251 Datasheet
68Kb / 2P
   Long life, 9mm diameter, composition element, variable resistor
logo
Bi technologies
P09X BITECH-P09X_14 Datasheet
162Kb / 6P
   9mm Rotary Potentiometer
logo
TOCOSAMERICA, INC.
TP96N93 TOCOS-TP96N93 Datasheet
491Kb / 2P
   Long Life 9mm Square, Single-Turn, Carbon Panel Controls
logo
Sharma Electro Componen...
WS-2A SHARMA-WS-2A Datasheet
787Kb / 1P
   WS Series Hot-Molded Carbon Composition Potentiometer
logo
CTS Corporation
201XR CTS-201XR Datasheet
2Mb / 2P
   Commercial 15 mmDiameter Carbon Composition Trimmer Potentiometer
270T220R103B1A1 CTS-270T220R103B1A1 Datasheet
234Kb / 9P
   Industrial 16mm Diameter Carbon Composition Ratary Potentiometer
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com