Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74408943470 Datasheet(PDF) 6 Page - Union Semiconductor, Inc.

Part # 74408943470
Description  Hysteretic Buck High Brightness LED Driver with Internal Switch
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNIONSEMI [Union Semiconductor, Inc.]
Direct Link  http://www.union-ic.com
Logo UNIONSEMI - Union Semiconductor, Inc.

74408943470 Datasheet(HTML) 6 Page - Union Semiconductor, Inc.

Back Button 74408943470 Datasheet HTML 2Page - Union Semiconductor, Inc. 74408943470 Datasheet HTML 3Page - Union Semiconductor, Inc. 74408943470 Datasheet HTML 4Page - Union Semiconductor, Inc. 74408943470 Datasheet HTML 5Page - Union Semiconductor, Inc. 74408943470 Datasheet HTML 6Page - Union Semiconductor, Inc. 74408943470 Datasheet HTML 7Page - Union Semiconductor, Inc. 74408943470 Datasheet HTML 8Page - Union Semiconductor, Inc. 74408943470 Datasheet HTML 9Page - Union Semiconductor, Inc. 74408943470 Datasheet HTML 10Page - Union Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
________________________________________________________________________
http://www.union-ic.com Rev.04 Apr.2016
6/14
UM1351
Typical Operating Characteristics
70
75
80
85
90
95
100
0
5
10
15
20
25
30
VIN (V)
Efficiency vs. Vin
(Rs=0.33Ω, L=100μH)
1LED
2LED
3LED
4LED
5LED
6LED
7LED
8LED
70
75
80
85
90
95
100
0
5
10
15
20
25
30
VIN (V)
Efficiency vs. Vin
(Rs=0.15
Ω, L=47μH)
1LED
2LED
3LED
4LED
5LED
6LED
7LED
8LED
0
100
200
300
400
500
600
700
800
0
5
10
15
20
25
30
35
VIN (V)
Operating Frequency vs. Vin
(Rs=0.15
Ω, L=47μH)
1LED
2LED
3LED
4LED
5LED
6LED
7LED
8LED
350
370
390
410
430
450
470
490
510
0
5
10
15
20
25
30
35
VIN (V)
Quiescent Current vs. Vin
0
5
10
15
20
25
30
35
40
0
5
10
15
20
25
30
35
VIN (V)
Shutdown Current vs. Vin
0
50
100
150
200
250
300
350
0
10
20
30
40
50
60
70
80
90
100
Duty Cycle (%)
LED Current vs. VSET Duty Cycle
(Vin=16V, 3 LEDs, 100
μH, Rs=0.33Ω)
PWM=100Hz
Efficiency vs. VIN
(Rs=0.33
Ω, L1=100µH)
Efficiency vs. VIN
(Rs=0.15
Ω, L1=47µH)
Operating Frequency vs. VIN
(Rs=0.15
Ω, L1=47µH)
Quiescent Current vs. VIN
Shutdown Current vs. VIN
LED Current vs. VSET Duty Cycle
(VIN=16V, 3 LEDs, 100µH, Rs=0.33Ω)
1LED
2LED
3LED
4LED
5LED
6LED
7LED
8LED
1LED
2LED
3LED
4LED
5LED
6LED
7LED
8LED
1LED
2LED
3LED
4LED
5LED
6LED
7LED
8LED
PWM=100Hz


Similar Part No. - 74408943470

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
74408943470 WURTH-74408943470 Datasheet
265Kb / 3P
   POWER CHOKE WE-SPC 4838
More results

Similar Description - 74408943470

ManufacturerPart #DatasheetDescription
logo
Union Semiconductor, In...
UM1360 UNIONSEMI-UM1360_16 Datasheet
603Kb / 13P
   Hysteretic Buck High Brightness LED Driver with Internal Switch
UM1361S UNIONSEMI-UM1361S Datasheet
480Kb / 13P
   Hysteretic Buck High Brightness LED Driver with Internal Switch
UM1360 UNIONSEMI-UM1360 Datasheet
855Kb / 14P
   Hysteretic Buck High Brightness LED Driver with Internal Switch
UM1361S UNIONSEMI-UM1361S_16 Datasheet
488Kb / 13P
   Hysteretic Buck High Brightness LED Driver with Internal Switch
UM1351 UNIONSEMI-UM1351 Datasheet
849Kb / 14P
   Hysteretic Buck High Brightness LED Driver with Internal Switch
logo
E-CMOS Corporation
EC4304 E-CMOS-EC4304 Datasheet
600Kb / 13P
   1A, Hysteretic, High Brightness LED Driver with Internal Switch
EC4304C E-CMOS-EC4304C Datasheet
591Kb / 8P
   1.5A, Hysteretic, High Brightness LED Driver with Internal Switch
logo
SHANGHAI BELLING CO., L...
BL9580 BELLING-BL9580 Datasheet
350Kb / 17P
   High Brightness LED Driver with Internal Switch
BL9582 BELLING-BL9582 Datasheet
309Kb / 16P
   High Brightness LED Driver with Internal Switch
BL9581 BELLING-BL9581 Datasheet
325Kb / 16P
   High Brightness LED Driver with Internal Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com