Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RJP65S06DWS-80 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # RJP65S06DWS-80
Description  Inverter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RJP65S06DWS-80 Datasheet(HTML) 3 Page - Renesas Technology Corp

  RJP65S06DWS-80 Datasheet HTML 1Page - Renesas Technology Corp RJP65S06DWS-80 Datasheet HTML 2Page - Renesas Technology Corp RJP65S06DWS-80 Datasheet HTML 3Page - Renesas Technology Corp RJP65S06DWS-80 Datasheet HTML 4Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
RJP65S06DWA / RJP65S06DWS
R07DS0823EJ0400 Rev.4.00
Page 3 of 3
Nov. 06, 2015
Die Dimension
Unit: mm
Illustration
Part of white
Part of dotted line
Part of gray
Note 1.
Note 2.
The back of the chip is processed with Au evaporation.
Note 3.
Recognition, target and any other patterns which are not related to
Diode operation, may be changed without notice.
Definition
Al pattern
Bonding area
Final passivation
7.8
6.46
1.31
5.09
Emitter bonding pad (3)
Emitter bonding pad (2)
Emitter bonding pad (1)
Gate
bonding
pad
Ordering Information
Orderable Part Number
Shipment form
RJP65S06DWA-80#W0
Unsawn wafer
RJP65S06DWS-80#W0
Sawn wafer


Similar Part No. - RJP65S06DWS-80

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJP65S06DWA RENESAS-RJP65S06DWA Datasheet
62Kb / 4P
   650V - 100A - IGBT Application: Inverter
RJP65S06DWA-80W0 RENESAS-RJP65S06DWA-80W0 Datasheet
62Kb / 4P
   650V - 100A - IGBT Application: Inverter
RJP65S06DWT RENESAS-RJP65S06DWT Datasheet
62Kb / 4P
   650V - 100A - IGBT Application: Inverter
RJP65S06DWT-80X0 RENESAS-RJP65S06DWT-80X0 Datasheet
62Kb / 4P
   650V - 100A - IGBT Application: Inverter
RJP65S06DWT RENESAS-RJP65S06DWT_15 Datasheet
64Kb / 4P
   650V - 100A - IGBT Application: Inverter
More results

Similar Description - RJP65S06DWS-80

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC1GU04 PHILIPS-74LVC1GU04 Datasheet
96Kb / 15P
   Inverter
2004 Sep 21
logo
Sumida Corporation
CIUH7D45 SUMIDA-CIUH7D45 Datasheet
160Kb / 1P
   INVERTER
logo
Toshiba Semiconductor
TC7S04FTE85LF TOSHIBA-TC7S04FTE85LF Datasheet
183Kb / 7P
   Inverter
logo
Unisonic Technologies
U74AHCT3G04 UTC-U74AHCT3G04 Datasheet
193Kb / 5P
   INVERTER
logo
NXP Semiconductors
74HC3G04 NXP-74HC3G04 Datasheet
91Kb / 13P
   Inverter
Rev. 03-2 July 2008
logo
Toshiba Semiconductor
TC7SZ04AFE TOSHIBA-TC7SZ04AFE_07 Datasheet
153Kb / 5P
   Inverter
TC7SU04F TOSHIBA-TC7SU04F_01 Datasheet
225Kb / 6P
   INVERTER
TC7S04F TOSHIBA-TC7S04F_01 Datasheet
229Kb / 6P
   INVERTER
TC7SZ04AFS TOSHIBA-TC7SZ04AFS Datasheet
166Kb / 6P
   INVERTER
logo
Renesas Technology Corp
RJP65D05DWA RENESAS-RJP65D05DWA Datasheet
157Kb / 4P
   Inverter
RJP65M04DWA RENESAS-RJP65M04DWA_15 Datasheet
147Kb / 4P
   Inverter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com