Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5530 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5530
Description  Geode??CS5530 I/O Companion Multi-Function South Bridge
Download  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5530 Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button CS5530 Datasheet HTML 2Page - National Semiconductor (TI) CS5530 Datasheet HTML 3Page - National Semiconductor (TI) CS5530 Datasheet HTML 4Page - National Semiconductor (TI) CS5530 Datasheet HTML 5Page - National Semiconductor (TI) CS5530 Datasheet HTML 6Page - National Semiconductor (TI) CS5530 Datasheet HTML 7Page - National Semiconductor (TI) CS5530 Datasheet HTML 8Page - National Semiconductor (TI) CS5530 Datasheet HTML 9Page - National Semiconductor (TI) CS5530 Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 241 page
background image
www.national.com
6
Revision 4.1
1.0
Architecture Overview
The Geode CS5530 can be described as providing the
functional blocks shown in Figure 1-1.
• PCI bus master/slave interface
• ISA bus interface
• AT compatibility logic
• IDE controllers
• Power management
-GPIO interfaces
- Traps, Events, Timers
• Joystick/Game Port interface
• Virtual audio support hardware
• Video display, which includes MPEG accelerator,
RAMDAC, and video ports
•USB controllers
For CPU interface connection refer to Figure 1-5 on page
11.
1.1
PCI BUS INTERFACE
The CS5530 provides a PCI bus interface that is both a
slave for PCI cycles initiated by the CPU or other PCI
master devices, and a non-preemptable master for DMA
transfer cycles. The chip also is a standard PCI master for
the IDE controllers and audio I/O logic. The CS5530 sup-
ports positive decode for configurable memory and I/O
regions and implements a subtractive decode option for
unclaimed PCI accesses. The CS5530 also generates
address and data parity and performs parity checking.
The CS5530 does not include the PCI bus arbiter, it is
locatedinthe processor.
Configuration registers are accessed through the PCI
interface using the PCI Bus Type 1 configuration mecha-
nism as described in the PCI 2.1 Specification.
Figure 1-1. Internal Block Diagram
X-Bus
ISA Bus
PCI Bus
USB
PCI to X-Bus / X-Bus to PCI Bridge
PCI to USB Macro
Active Decode
Address Mapper
Audio/Codec/MPU
Interface
Pwr Mgmt, Traps,
Events, and Timers
IDE
Interface
Display Interface
MPEG, DOT Clock
CSC and SCL
RGB/FP Interface
AT Compatibility Logic
ISA Bus Interface
AT Ports, ISA Megacells
Display
PCI Configuration
Registers
Graphics
and Video
from CPU
X-Bus Arbiter
CS5530 Support
GPIOs
IDE
AC97 Codec
Ultra DMA/33
(e.g., LM4548)
Joystick / Game Port
Joystick
PC97317 SIO
GPCS
Geode™ CS9210
Graphics Companion


Similar Part No. - CS5530

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS5530 CIRRUS-CS5530 Datasheet
286Kb / 36P
   24-bit ADC with Ultra-low-noise Amplifier
CS5530 CIRRUS-CS5530 Datasheet
277Kb / 36P
   24-bit ADC with Ultra-low-noise Amplifier
CS5530-IS CIRRUS-CS5530-IS Datasheet
286Kb / 36P
   24-bit ADC with Ultra-low-noise Amplifier
CS5530-IS CIRRUS-CS5530-IS Datasheet
277Kb / 36P
   24-bit ADC with Ultra-low-noise Amplifier
CS5530-ISZ CIRRUS-CS5530-ISZ Datasheet
286Kb / 36P
   24-bit ADC with Ultra-low-noise Amplifier
More results

Similar Description - CS5530

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CS5535 NSC-CS5535 Datasheet
3Mb / 555P
   Geode??CS5535 I/O Companion Multi-Function South Bridge
CS5530A NSC-CS5530A Datasheet
4Mb / 259P
   Geode CS5530A I/O Companion Multi-Function South Bridge
logo
Integrated Circuit Syst...
MK1491-06 ICST-MK1491-06 Datasheet
88Kb / 6P
   CS5530 Geode??Clock Source
logo
Integrated Silicon Solu...
IS31IO7325 ISSI-IS31IO7325 Datasheet
368Kb / 15P
   MULTI-FUNCTION I/O DRIVER
IS31IO7328 ISSI-IS31IO7328 Datasheet
380Kb / 15P
   MULTI-FUNCTION I/O DRIVER
logo
Advanced Micro Devices
CS5530A AMD-CS5530A Datasheet
2Mb / 259P
   AMD Geode CS5530A Companion Device
logo
Microchip Technology
ECE1117 MICROCHIP-ECE1117 Datasheet
1Mb / 83P
   Multi-Function BC-Link/SMBus Companion Device
07/14/15
logo
Intel Corporation
GW80314GSSL7NK INTEL-GW80314GSSL7NK Datasheet
1Mb / 88P
   Intel짰 GW80314 I/O Companion Chip
logo
National Semiconductor ...
CS9210 NSC-CS9210 Datasheet
776Kb / 39P
   Geode??CS9210 Graphics Companion DSTN Controller
logo
Contec Co., Ltd
AIO-160802L-LPE CONTEC-AIO-160802L-LPE Datasheet
503Kb / 5P
   PCI Express-compliant Multi-function Analog I/O
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com