Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5530 Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5530
Description  Geode??CS5530 I/O Companion Multi-Function South Bridge
Download  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5530 Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button CS5530 Datasheet HTML 7Page - National Semiconductor (TI) CS5530 Datasheet HTML 8Page - National Semiconductor (TI) CS5530 Datasheet HTML 9Page - National Semiconductor (TI) CS5530 Datasheet HTML 10Page - National Semiconductor (TI) CS5530 Datasheet HTML 11Page - National Semiconductor (TI) CS5530 Datasheet HTML 12Page - National Semiconductor (TI) CS5530 Datasheet HTML 13Page - National Semiconductor (TI) CS5530 Datasheet HTML 14Page - National Semiconductor (TI) CS5530 Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 241 page
background image
Revision 4.1
11
www.national.com
Architecture Overview (Continued)
1.10 PROCESSOR SUPPORT
The traditional south bridge functionality included in the
CS5530 I/O companion chip has been designed to sup-
port the GXLV processor. When combined with the GXLV
processor, the CS5530 provides a bridge which supports
a standard ISA bus and system ROM. As part of the video
subsystem, the CS5530 provides MPEG video accelera-
tion and a digital RGB interface, to allow direct connection
to TFT LCD panels. This chip also integrates a gamma
RAM and three DACs, allowing for direct connection of a
CRT monitor. Figure 1-5 shows a typical system block dia-
gram.
For detailed information regarding processor signal con-
nections refer to Section 3.1 “Processor Interface” on
page 41.
Figure 1-5. System Block Diagram
YUV Port
(Video)
RGB Port
PCI Interface
Memory
Memory Data Bus
PCI Bus
Geode™ CS5530
I/O Companion
Graphics Data
Video Data
Analog RGB
Digital RGB
CRT
TFT
Flat Panel
USB
(2 Ports)
AC97
Codec
Speakers
CD
ROM
Audio
Micro-
phone
GPIOs
Port
(Graphics)
Geode™ GXLV
IDE Devices
SuperI/O
BIOS
ISA Bus
Ultra DMA/33 IDE Bus
Memory
Serial
Packet
DC-DC
&
Battery
Clocks
or TV
NTSC/PAL
Encoder
Processor


Similar Part No. - CS5530

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS5530 CIRRUS-CS5530 Datasheet
286Kb / 36P
   24-bit ADC with Ultra-low-noise Amplifier
CS5530 CIRRUS-CS5530 Datasheet
277Kb / 36P
   24-bit ADC with Ultra-low-noise Amplifier
CS5530-IS CIRRUS-CS5530-IS Datasheet
286Kb / 36P
   24-bit ADC with Ultra-low-noise Amplifier
CS5530-IS CIRRUS-CS5530-IS Datasheet
277Kb / 36P
   24-bit ADC with Ultra-low-noise Amplifier
CS5530-ISZ CIRRUS-CS5530-ISZ Datasheet
286Kb / 36P
   24-bit ADC with Ultra-low-noise Amplifier
More results

Similar Description - CS5530

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CS5535 NSC-CS5535 Datasheet
3Mb / 555P
   Geode??CS5535 I/O Companion Multi-Function South Bridge
CS5530A NSC-CS5530A Datasheet
4Mb / 259P
   Geode CS5530A I/O Companion Multi-Function South Bridge
logo
Integrated Circuit Syst...
MK1491-06 ICST-MK1491-06 Datasheet
88Kb / 6P
   CS5530 Geode??Clock Source
logo
Integrated Silicon Solu...
IS31IO7325 ISSI-IS31IO7325 Datasheet
368Kb / 15P
   MULTI-FUNCTION I/O DRIVER
IS31IO7328 ISSI-IS31IO7328 Datasheet
380Kb / 15P
   MULTI-FUNCTION I/O DRIVER
logo
Advanced Micro Devices
CS5530A AMD-CS5530A Datasheet
2Mb / 259P
   AMD Geode CS5530A Companion Device
logo
Microchip Technology
ECE1117 MICROCHIP-ECE1117 Datasheet
1Mb / 83P
   Multi-Function BC-Link/SMBus Companion Device
07/14/15
logo
Intel Corporation
GW80314GSSL7NK INTEL-GW80314GSSL7NK Datasheet
1Mb / 88P
   Intel짰 GW80314 I/O Companion Chip
logo
National Semiconductor ...
CS9210 NSC-CS9210 Datasheet
776Kb / 39P
   Geode??CS9210 Graphics Companion DSTN Controller
logo
Contec Co., Ltd
AIO-160802L-LPE CONTEC-AIO-160802L-LPE Datasheet
503Kb / 5P
   PCI Express-compliant Multi-function Analog I/O
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com