Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7447714680 Datasheet(PDF) 8 Page - Union Semiconductor, Inc.

Part # 7447714680
Description  Hysteretic Buck High Brightness LED Driver with Internal Switch
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNIONSEMI [Union Semiconductor, Inc.]
Direct Link  http://www.union-ic.com
Logo UNIONSEMI - Union Semiconductor, Inc.

7447714680 Datasheet(HTML) 8 Page - Union Semiconductor, Inc.

Back Button 7447714680 Datasheet HTML 4Page - Union Semiconductor, Inc. 7447714680 Datasheet HTML 5Page - Union Semiconductor, Inc. 7447714680 Datasheet HTML 6Page - Union Semiconductor, Inc. 7447714680 Datasheet HTML 7Page - Union Semiconductor, Inc. 7447714680 Datasheet HTML 8Page - Union Semiconductor, Inc. 7447714680 Datasheet HTML 9Page - Union Semiconductor, Inc. 7447714680 Datasheet HTML 10Page - Union Semiconductor, Inc. 7447714680 Datasheet HTML 11Page - Union Semiconductor, Inc. 7447714680 Datasheet HTML 12Page - Union Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
________________________________________________________________________
http://www.union-ic.com Rev.05 Apr.2016
8/13
UM1360
Typical Operating Characteristics (Continued)
LX
ILED
5V/div
100mA/div
VSET
ILED
2V/div
500mA/div
PWM
ILED
5V/div
100mA/div
Steady State Waveforms
(VIN=16V, 3 LEDs, L1=100μH, Rs=0.33Ω)
Start Up Waveforms
Dimming Waveforms
(PWM=50%, VIN=16V, 3 LEDs, L1=100μH, Rs=0.33Ω)
2μs/div
1ms/div
100% Duty Cycle Mode
(VIN=10V, 3 LEDs, L1=100μH, Rs=0.33Ω)
2V/div
200mA/div
1ms/div
LX
ILED
10μs/div
500kHz/div
Hopping Switching Frequency Waveform
Spectrum of the UM1360
(VIN=16V, 3 LEDs, L1=100µH, IOUT=1A)
20dB/div
0Hz
0dB
500kHz/div
Fixed Switching Frequency
Waveform Spectrum of Competitor
(VIN=16V, 3 LEDs, L1=100µH, IOUT=1A)
20dB/div
0Hz
0dB


Similar Part No. - 7447714680

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
7447714680 WURTH-7447714680 Datasheet
249Kb / 3P
   POWER INDUCTOR WE-PD 1050
DATE : 2011-02-17
More results

Similar Description - 7447714680

ManufacturerPart #DatasheetDescription
logo
Union Semiconductor, In...
UM1361S UNIONSEMI-UM1361S Datasheet
480Kb / 13P
   Hysteretic Buck High Brightness LED Driver with Internal Switch
UM1360 UNIONSEMI-UM1360 Datasheet
855Kb / 14P
   Hysteretic Buck High Brightness LED Driver with Internal Switch
UM1351 UNIONSEMI-UM1351_16 Datasheet
467Kb / 14P
   Hysteretic Buck High Brightness LED Driver with Internal Switch
UM1361S UNIONSEMI-UM1361S_16 Datasheet
488Kb / 13P
   Hysteretic Buck High Brightness LED Driver with Internal Switch
UM1351 UNIONSEMI-UM1351 Datasheet
849Kb / 14P
   Hysteretic Buck High Brightness LED Driver with Internal Switch
logo
E-CMOS Corporation
EC4304 E-CMOS-EC4304 Datasheet
600Kb / 13P
   1A, Hysteretic, High Brightness LED Driver with Internal Switch
EC4304C E-CMOS-EC4304C Datasheet
591Kb / 8P
   1.5A, Hysteretic, High Brightness LED Driver with Internal Switch
logo
SHANGHAI BELLING CO., L...
BL9580 BELLING-BL9580 Datasheet
350Kb / 17P
   High Brightness LED Driver with Internal Switch
BL9582 BELLING-BL9582 Datasheet
309Kb / 16P
   High Brightness LED Driver with Internal Switch
BL9581 BELLING-BL9581 Datasheet
325Kb / 16P
   High Brightness LED Driver with Internal Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com