Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM809XP Datasheet(PDF) 5 Page - Union Semiconductor, Inc.

Part # UM809XP
Description  3-Pin Microprocessor Reset Circuits
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNIONSEMI [Union Semiconductor, Inc.]
Direct Link  http://www.union-ic.com
Logo UNIONSEMI - Union Semiconductor, Inc.

UM809XP Datasheet(HTML) 5 Page - Union Semiconductor, Inc.

  UM809XP Datasheet HTML 1Page - Union Semiconductor, Inc. UM809XP Datasheet HTML 2Page - Union Semiconductor, Inc. UM809XP Datasheet HTML 3Page - Union Semiconductor, Inc. UM809XP Datasheet HTML 4Page - Union Semiconductor, Inc. UM809XP Datasheet HTML 5Page - Union Semiconductor, Inc. UM809XP Datasheet HTML 6Page - Union Semiconductor, Inc. UM809XP Datasheet HTML 7Page - Union Semiconductor, Inc. UM809XP Datasheet HTML 8Page - Union Semiconductor, Inc. UM809XP Datasheet HTML 9Page - Union Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
________________________________________________________________________
http://www.union-ic.com Rev.06 Apr.2015
5/14
UM809/810
Figure 3. Supply Current vs Supply Voltage
Figure 4. Supply Current vs Supply Voltage
Figure 5. Power-Down Reset Delay vs
Figure 6. Power-Down Reset Delay vs
Temperature and Overdrive(UM8xxR/S/T)
Temperature and Overdrive(UM8xxL/M/J)
Figure 7. Power-Up Reset Timeout vs
Figure 8. Normalized Reset Threshold vs
Temperature
Temperature
-40
-20
0
20
40
60
85
0
40
20
60
80
100
VOD=10mV
TEMPERATURE(
oC)
VOD=VTH-VCC
VOD=20mV
VOD=100mV
VOD=200mV
-40
-20
0
20
40
60
85
0
40
20
60
80
100
VOD=10mV
TEMPERATURE(
oC)
VOD=VTH-VCC
VOD=20mV
VOD=100mV
VOD=200mV
120
140
-40
-20
0
20
40
60
85
225
235
230
240
245
250
TEMPERATURE(
oC)
UM8XXL/M/J
UM8XXR/S/T
-40
-20
0
20
40
60
85
0.997
0.999
0.998
1.000
1.001
1.002
TEMPERATURE(
oC)
1.003
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
3.0
3.2
3.4
3.6
UM810SS Vth=2.93V
UM810RS Vth=2.63V
UM810MS Vth=4.38V
UM810TS Vth=3.08V
SUPPLY VOLTAGE(uA)
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
3.0
3.2
3.4
3.6
3.8
UM809LS Vth=4.63V
UM809RS Vth=2.63V
UM809RP Vth=2.63V
UM809SP Vth=2.93V
SUPPLY VOLTAGE(V)


Similar Part No. - UM809XP

ManufacturerPart #DatasheetDescription
logo
Union Semiconductor, In...
UM809XP UNIONSEMI-UM809XP Datasheet
322Kb / 15P
   3-Pin Microprocessor Reset Circuits
More results

Similar Description - UM809XP

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM809 NSC-LM809 Datasheet
184Kb / 8P
   3-Pin Microprocessor Reset Circuits
logo
Union Semiconductor, In...
UM803 UNIONSEMI-UM803 Datasheet
332Kb / 11P
   3-Pin Microprocessor Reset Circuits
logo
ACE Technology Co., LTD...
ACE803ND ACE-ACE803ND Datasheet
926Kb / 9P
   3-Pin Microprocessor Reset Circuits
VER 1.1
logo
Maxim Integrated Produc...
MAX803 MAXIM-MAX803 Datasheet
870Kb / 8P
   3-Pin Microprocessor Reset Circuits
Rev 11; 10/17
logo
BCD Semiconductor Manuf...
AZ809,810 BCDSEMI-AZ809,810 Datasheet
572Kb / 9P
   3-PIN MICROPROCESSOR RESET CIRCUITS
logo
Maxim Integrated Produc...
MAX803L MAXIM-MAX803L_10 Datasheet
145Kb / 8P
   3-Pin Microprocessor Reset Circuits
Rev 7; 2/10
logo
Diodes Incorporated
APX809 DIODES-APX809_09 Datasheet
128Kb / 9P
   3-PIN MICROPROCESSOR RESET CIRCUITS
APX809/810 Rev. 4
logo
Maxim Integrated Produc...
MAX809MEUR MAXIM-MAX809MEUR Datasheet
162Kb / 8P
   3-Pin Microprocessor Reset Circuits
Rev 5; 1/01
MAX809SEUR-T MAXIM-MAX809SEUR-T Datasheet
194Kb / 8P
   3-Pin Microprocessor Reset Circuits
Rev 8; 12/12
logo
Analog Intergrations Co...
AIC809 AIC-AIC809 Datasheet
414Kb / 8P
   3-PIN MICROPROCESSOR RESET CIRCUITS
logo
Union Semiconductor, In...
UM809 UNIONSEMI-UM809 Datasheet
322Kb / 15P
   3-Pin Microprocessor Reset Circuits
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com