Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPA573CT Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # UPA573CT
Description  P-CHANNEL MOSFET FOR SWITCHING
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPA573CT Datasheet(HTML) 5 Page - Renesas Technology Corp

  UPA573CT Datasheet HTML 1Page - Renesas Technology Corp UPA573CT Datasheet HTML 2Page - Renesas Technology Corp UPA573CT Datasheet HTML 3Page - Renesas Technology Corp UPA573CT Datasheet HTML 4Page - Renesas Technology Corp UPA573CT Datasheet HTML 5Page - Renesas Technology Corp UPA573CT Datasheet HTML 6Page - Renesas Technology Corp UPA573CT Datasheet HTML 7Page - Renesas Technology Corp UPA573CT Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
µPA573CT
R07DS1280EJ0200 Rev.2.00
Page 5 of 6
Jul 08, 2015
SOURCE TO DRAIN DIODE FORWARD VOLTAGE
FORWARD BIAS SAFE OPERATING AREA
0.001
0.01
0.1
1
0
–0.4
–0.2
–0.8
–0.6
–1.2
–1
VF(S-D) – Source to Drain Voltage - V
–0.01
–0.1
–1
–1
–10
–100
ID(pulse)= –200mA
DC Power
Dissipation Limited
ID(DC)= –100mA
10ms
100ms
TA=25°C
Single Pulse
TA – Ambient Temperature -
C


Similar Part No. - UPA573CT

ManufacturerPart #DatasheetDescription
logo
NEC
UPA573T NEC-UPA573T Datasheet
63Kb / 6P
   P-CHANNEL MOS FET 5-PIN 2 CIRCUITS FOR SWITCHING
logo
Renesas Technology Corp
UPA573T RENESAS-UPA573T Datasheet
211Kb / 7P
   MOS FIELD EFFECT TRANSISTOR
1996
More results

Similar Description - UPA573CT

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPA603CT RENESAS-UPA603CT Datasheet
197Kb / 8P
   P-CHANNEL MOSFET FOR SWITCHING
UPA503CT RENESAS-UPA503CT Datasheet
197Kb / 8P
   P-CHANNEL MOSFET FOR SWITCHING
2SJ210C RENESAS-2SJ210C Datasheet
162Kb / 8P
   P-CHANNEL MOSFET FOR SWITCHING
2SJ358C RENESAS-2SJ358C Datasheet
209Kb / 8P
   P-CHANNEL MOSFET FOR SWITCHING
2SJ356C RENESAS-2SJ356C Datasheet
246Kb / 8P
   P-CHANNEL MOSFET FOR SWITCHING
logo
Panasonic Semiconductor
MTM761230LBF PANASONIC-MTM761230LBF Datasheet
429Kb / 7P
   Silicon P-channel MOSFET For Switching
MTM231230L PANASONIC-MTM231230L Datasheet
388Kb / 7P
   Silicon P-channel MOSFET For Switching
logo
Renesas Technology Corp
PA2592T1H RENESAS-PA2592T1H_15 Datasheet
324Kb / 13P
   N- AND P-CHANNEL MOSFET FOR SWITCHING
logo
NEC
UPA2714GR NEC-UPA2714GR Datasheet
89Kb / 8P
   SWITCHING P-CHANNEL POWER MOSFET
logo
Renesas Technology Corp
NP83P06PDG RENESAS-NP83P06PDG_15 Datasheet
299Kb / 9P
   SWITCHING P-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com