Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C1825H393KBGAGTU Datasheet(PDF) 4 Page - Kemet Corporation

Part # C1825H393KBGAGTU
Description  Surface Mount Multilayer Ceramic Chip Capacitors
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C1825H393KBGAGTU Datasheet(HTML) 4 Page - Kemet Corporation

  C1825H393KBGAGTU Datasheet HTML 1Page - Kemet Corporation C1825H393KBGAGTU Datasheet HTML 2Page - Kemet Corporation C1825H393KBGAGTU Datasheet HTML 3Page - Kemet Corporation C1825H393KBGAGTU Datasheet HTML 4Page - Kemet Corporation C1825H393KBGAGTU Datasheet HTML 5Page - Kemet Corporation C1825H393KBGAGTU Datasheet HTML 6Page - Kemet Corporation C1825H393KBGAGTU Datasheet HTML 7Page - Kemet Corporation C1825H393KBGAGTU Datasheet HTML 8Page - Kemet Corporation C1825H393KBGAGTU Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
C1069_C0G_HV_HT_200C • 3/24/2016 4
Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
HV-HT Series, High Voltage, High Temperature 200°C, C0G Dielectric, 500 – 2,000 VDC (Industrial Grade)
Dimensions – Millimeters (Inches)
L
B
W
S
T
EIA
Size
Code
Metric
Size
Code
L
Length
W
Width
T
Thickness
B
Bandwidth
S
Separation
Minimum
Mounting
Technique
0805
2012
2.00 (.079) ± 0.20 (.008) 1.25 (.049) ± 0.20 (.008)
See Table 2 for
Thickness
0.50 (0.02) ± 0.25 (.010)
0.75 (.030)
"Solder Wave or
Solder Reflow"
1206
3216
3.20 (.126) ± 0.20 (.008) 1.60 (.063) ± 0.20 (.008)
0.50 (0.02) ± 0.25 (.010)
N/A
1210
3225
3.20 (.126) ± 0.20 (.008) 2.50 (.098) ± 0.20 (.008)
0.50 (0.02) ± 0.25 (.010)
Solder Reflow Only
1808
4520
4.70 (.185) ± 0.50 (.020) 2.00 (.079) ± 0.20 (.008)
0.60 (.024) ± 0.35 (.014)
1812
4532
4.50 (.177) ± 0.30 (.012) 3.20 (.126) ± 0.30 (.012)
0.60 (.024) ± 0.35 (.014)
1825
4564
4.50 (.177) ± 0.30 (.012) 6.40 (.252) ± 0.40 (.016)
0.60 (.024) ± 0.35 (.014)
2220
5650
5.70 (.224) ± 0.40 (.016) 5.00 (.197) ± 0.40 (.016)
0.60 (.024) ± 0.35 (.014)
2225
5664
5.60 (.220) ± 0.40 (.016) 6.40 (.248) ± 0.40 (.016)
0.60 (.024) ± 0.35 (.014)
2824
7260
7.10 (.280) ± 0.40 (.016) 6.10 (.240) ± 0.40 (.016)
1.27 (.050) ± 0.40 (.016)
3040
7610
7.60 (.300) ± 0.40 (.016) 10.20 (.402) ± 0.40 (.016)
1.27 (.050) ± 0.40 (.016)
3640
9210
9.10 (.358) ± 0.40 (.016) 10.20 (.402) ± 0.40 (.016)
1.27 (.050) ± 0.40 (.016)
4540
-
11.40 (.449) ± 0.40 (.016) 10.20 (.402) ± 0.40 (.016)
1.27 (.050) ± 0.40 (.016)


Similar Part No. - C1825H393KBGAGTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C1825H562JDGACTU KEMET-C1825H562JDGACTU Datasheet
72Kb / 1P
   Capacitor, Ceramic, SMD, MLCC, High Temp, Ultra-Stable, Low Loss, 5600 pF, /-5% Tol, 1000 V, C0G, 1825
More results

Similar Description - C1825H393KBGAGTU

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VJ0805A391JXAAT VISHAY-VJ0805A391JXAAT Datasheet
78Kb / 6P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 23-Sep-09
logo
Kemet Corporation
03029BX222ZJZC7189 KEMET-03029BX222ZJZC7189 Datasheet
482Kb / 4P
   Surface Mount Multilayer Ceramic Chip Capacitors
C1206C104J3JACTU KEMET-C1206C104J3JACTU Datasheet
1Mb / 20P
   Surface Mount Multilayer Ceramic Chip Capacitors
logo
Vishay Siliconix
VJ1206A102JXCAT VISHAY-VJ1206A102JXCAT Datasheet
168Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 06-May-13
VJ0402A100KXXPW1BC VISHAY-VJ0402A100KXXPW1BC Datasheet
199Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 27-Mar-13
VJ0805Y104KXAAT VISHAY-VJ0805Y104KXAAT Datasheet
168Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 06-May-13
logo
Kemet Corporation
C1210R225K3RACT050 KEMET-C1210R225K3RACT050 Datasheet
1Mb / 22P
   Surface Mount Multilayer Ceramic Chip Capacitors
logo
Vishay Siliconix
CDR-MIL-PRF-55681 VISHAY-CDR-MIL-PRF-55681_17 Datasheet
118Kb / 12P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 25-Jul-17
logo
Kemet Corporation
C1206C104J3GACAUTO KEMET-C1206C104J3GACAUTO Datasheet
1Mb / 19P
   Surface Mount Multilayer Ceramic Chip Capacitors
logo
Vishay Siliconix
VJ0805Y683KXXCW1BC VISHAY-VJ0805Y683KXXCW1BC Datasheet
187Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 07-Nov-13
VJ0805Y102KXAAC31 VISHAY-VJ0805Y102KXAAC31 Datasheet
178Kb / 21P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 04-May-12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com