Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

448XB1252BDN Datasheet(PDF) 3 Page - CTS Corporation

Part # 448XB1252BDN
Description  Commercial Linear Motion Carbon Composition Slide Potentiometer
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

448XB1252BDN Datasheet(HTML) 3 Page - CTS Corporation

  448XB1252BDN Datasheet HTML 1Page - CTS Corporation 448XB1252BDN Datasheet HTML 2Page - CTS Corporation 448XB1252BDN Datasheet HTML 3Page - CTS Corporation 448XB1252BDN Datasheet HTML 4Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
DIMENSION:
mm
INCH
DIMENSION:
mm
INCH
DIMENSION:
mm
INCH
TYPE 448X MONO
TYPE 448X DUAL
TYPE 448X MONO W/SPST SWITCH
1.00±0.08(3)
A
B
3.45
1.85
3.55
Ø1.50±0.10 (3)HL'S.
1.00
3.45
A
1
2
3
1
2
3
5.00
-0.08
4.00
9.50
1.00
16.80
.039
.136
.059±.004
+0
.157 -.003
.197
.661
+.000
+.000
-.003
.071
+0
1.80 -0.08
.374
.039
.020
0.50
.039±.003
.136
0.13
.073
.005
.140
.016±.002
0.40±0.04(3)
3
2
1
S
T
C
CIRCUIT
.364
9.25
3.55
.140
1.85
.073
2
1
A
B
C
5
4
CTS
6
3
.020
0.50
.157
4.00
.059±.004
Ø1.50±0.10 (6)HL'S.
0.40±0.04(6)
.016±.002
.039±.003
1.00±0.08(6)
.661
.197
5.00
16.80
.005
0.13
.039
1.00
.374
9.50
.116
2.95
.039
1.00
.364
.240
6.10
1
2
9.25
4
5
.136
3.45
B
A
6
3
5
1
4
2
6
3
-0.08
+.000
-.003
-0.08
-.003
+.000
+0
1.80
.071
+0
CIRCUIT
-0.08
+0.00
3.00±0.25
SWITCH
10.50
2
9.20
2.40
B
A
1.85
3.55
1.00
1
4
9.20
1.00±0.08
Ø1.50±0.10 (5)HL'S.
C
B
A
3.80
5
CTS
SWITCH
CLOSED
0.5
SWITCH
TRAVEL
OPEN
CIRCUIT
4
1
2
3
5
-0.08
+0.00
9.5 REF
6.67±0.50
SWITCH CLOSED
7.93±0.50
SWITCH OPEN
0.40±0.04
ACTUATOR CENTERLINE
3
16.8
1.00
5.0
.118±.010
-.003
+0
4.00
.157
.197
.661
.150
.039±.003
.362
(5)
.140
.073
.016±.002
.374
.071 -.003
+0
.312±.020
.263±.020
1.80
.039
.039
.059±.004
.094
.362
.413
MODEL
DIMENSIONS
L (Travel)
A
B
C
448X-20MS 20/ .787
27.50/1.083 47.20/1.859
49.20/1.937
448X-30MS 30/ 1.181 37.50/1.476 57.20/2.272
59.20/2.331
MODEL
DIMENSIONS
L (Travel)
A
B
C
448X-20D
20/ .787
27.60/1.087 40.30/1.587
42.40/1.669
448X-30D
30/ 1.181 37.60/1.481 50.30/1.981
52.40/2.063
448X-45D
45/ 1.772 52.60/2.071 65.30/2.571
67.40/2.654
MODEL
DIMENSIONS
L (Travel)
A
B
448X-10M
10/ .394
24.50/ .965
26.60/1.047
448X-15M
15/ .591
29.50/1.161 31.60/1.244
448X-20M
20/ .787
34.50/1.359 36.60/1.441
448X-30M
30/ 1.181 44.50/1.752 46.60/1.835
448X-45M
45/ 1.772 59.50/2.343 61.60/2.425
448X-60M
60/ 2.362 74.50/2.934 76.60/3.016
.020
3 - 4
CTS Electrocomponents
www.ctscorp.com
07/29/15
© 2015 CTS Corporation. All rights reserved. Information subject to change.


Similar Part No. - 448XB1252BDN

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
448XB1102AAC CTS-448XB1102AAC Datasheet
110Kb / 4P
   Linear motion 0.2 watt composition slide control
448XB1102AAN CTS-448XB1102AAN Datasheet
110Kb / 4P
   Linear motion 0.2 watt composition slide control
448XB1102ADC CTS-448XB1102ADC Datasheet
110Kb / 4P
   Linear motion 0.2 watt composition slide control
448XB1102ADN CTS-448XB1102ADN Datasheet
110Kb / 4P
   Linear motion 0.2 watt composition slide control
448XB1102BAC CTS-448XB1102BAC Datasheet
110Kb / 4P
   Linear motion 0.2 watt composition slide control
More results

Similar Description - 448XB1252BDN

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
442TA2T103BDN CTS-442TA2T103BDN Datasheet
199Kb / 2P
   Commercial Linear Motion Carbon Composition Slide Potentiometer
250U20F102B1NA CTS-250U20F102B1NA_16 Datasheet
249Kb / 3P
   Commercial 9mm Carbon Composition Rotary Potentiometer
logo
Sharma Electro Componen...
WS19 SHARMA-WS19 Datasheet
1,002Kb / 2P
   Carbon Composition Potentiometer
logo
CTS Corporation
201XR CTS-201XR Datasheet
2Mb / 2P
   Commercial 15 mmDiameter Carbon Composition Trimmer Potentiometer
296XB252B2N CTS-296XB252B2N Datasheet
395Kb / 2P
   Commercial 12mm Diameter Carbon Composition Rotary Potentiometer
448 CTS-448 Datasheet
110Kb / 4P
   Linear motion 0.2 watt composition slide control
442 CTS-442 Datasheet
292Kb / 2P
   Linear Motion 1/4 Watt Composition Slide Controls
logo
Sharma Electro Componen...
WS-2A SHARMA-WS-2A Datasheet
787Kb / 1P
   WS Series Hot-Molded Carbon Composition Potentiometer
logo
CTS Corporation
251B12F103B1NB CTS-251B12F103B1NB Datasheet
269Kb / 2P
   Long Life 9mm Carbon Composition Rotary Potentiometer
logo
Bourns Electronic Solut...
3048 BOURNS-3048 Datasheet
76Kb / 1P
   Linear Motion Potentiometer
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com