Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C0805H393MBGAGTU Datasheet(PDF) 6 Page - Kemet Corporation

Part # C0805H393MBGAGTU
Description  Surface Mount Multilayer Ceramic Chip Capacitors
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C0805H393MBGAGTU Datasheet(HTML) 6 Page - Kemet Corporation

Back Button C0805H393MBGAGTU Datasheet HTML 2Page - Kemet Corporation C0805H393MBGAGTU Datasheet HTML 3Page - Kemet Corporation C0805H393MBGAGTU Datasheet HTML 4Page - Kemet Corporation C0805H393MBGAGTU Datasheet HTML 5Page - Kemet Corporation C0805H393MBGAGTU Datasheet HTML 6Page - Kemet Corporation C0805H393MBGAGTU Datasheet HTML 7Page - Kemet Corporation C0805H393MBGAGTU Datasheet HTML 8Page - Kemet Corporation C0805H393MBGAGTU Datasheet HTML 9Page - Kemet Corporation C0805H393MBGAGTU Datasheet HTML 10Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
C1069_C0G_HV_HT_200C • 3/24/2016 6
Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
HV-HT Series, High Voltage, High Temperature 200°C, C0G Dielectric, 500 – 2,000 VDC (Industrial Grade)
Table 1A – Capacitance Range/Selection Waterfall (0805 – 1808 Case Sizes)
*Capacitance range Includes E24 decade values only. (i.e., 10, 11, 12, 13, 15, 16, 18, 20, 22, 24, 27, 30, 33, 36, 39, 43, 47, 51, 56, 62, 68, 75, 82 and 91)
KEMET reserves the right to substitute product with an improved temperature characteristic, tighter capacitance tolerance and/or higher voltage capability within
the same form factor (configuration and dimensions).
These products are protected under US Patents 7,172,985 and 7,670,981, other patents pending, and any foreign counterparts..
Capacitance
Cap
Code
Case Size/Series
C0805H
C1206H
C1210H
C1808H
Voltage Code
C
B
D
C
B
D
F
G
C
B
D
F
G
C
B
D
F
G
Rated Voltage (VDC)
Capacitance
Tolerance
Product Availability and Chip Thickness Codes
See Table 2 for Chip Thickness Dimensions
1.0 - 9.1 pF*
109 - 919*
B C D
DG DG DG
LB
LB
LB
LB
LB
10 pF - 47pF*
100 - 470*
F G J K M DG DG DG ED
ED
ED
ED
ED
FM FM FM FM FM
LB
LB
LB
LB
LB
51 pF
510
F G J K M DG DG DG ED
ED
ED
ED
ED
FM FM FM FM FM
LB
LB
LB
LB
LB
56 pF
560
F G J K M DG DG DG ED
ED
ED
ED
ED
FM FM FM FM FM
LB
LB
LB
LB
LB
62 pF
620
F G J K M DG DG DG ED
ED
ED
ED
ED
FM FM FM FM FM
LB
LB
LB
LB
LB
68 pF
680
F G J K M DG DG DG ED
ED
ED
ED
ED
FM FM FM FM FM
LB
LB
LB
LB
LB
75 pF
750
F G J K M DG DG DG ED
ED
ED
ED
EF
FM FM FM FM FM
LB
LB
LB
LB
LB
82 pF
820
F G J K M DG DG DG ED
ED
ED
ED
EF
FM FM FM FM FM
LB
LB
LB
LB
LB
91 pF
910
F G J K M DG DG DG ED
ED
ED
ED
EF
FM FM FM FM FM
LB
LB
LB
LB
LB
100 pF
101
F G J K M DG DG DG ED
ED
ED
ED
EF
FM FM FM FM FM
LB
LB
LB
LB
LB
110 pF
111
F G J K M DG DG DG ED
ED
ED
ED
EG FM FM FM FM FM
LB
LB
LB
LB
LB
120 pF
121
F G J K M DG DG DG ED
ED
ED
ED
EG
FG
FG
FG
FM FM
LA
LA
LA
LA
LB
130 pF
131
F G J K M DG DG DG ED
ED
ED
ED
EG
FG
FG
FG
FM FM
LA
LA
LA
LA
LB
150 pF
151
F G J K M DG DG DG ED
ED
ED
EF
EG
FG
FG
FG
FM FM
LA
LA
LA
LA
LB
160 pF
161
F G J K M DG DG DG ED
ED
ED
EF
EG
FG
FG
FG
FM FM
LA
LA
LA
LA
LC
180 pF
181
F G J K M DG DG DG ED
ED
ED
EF
EG
FG
FG
FG
FM FM
LA
LA
LA
LA
LC
200 pF
201
F G J K M DG DG DG ED
ED ED
EF
EG
FG
FG
FG
FM FM
LA
LA
LA
LA
LC
220 pF
221
F G J K M DG DG DG ED
ED
ED
EG
EG
FG
FG
FG
FM FM
LA
LA
LA
LA
LC
240 pF
241
F G J K M DG DG DG ED
ED
ED
EG
EG
FG
FG
FG
FM FM
LA
LA
LA
LB
LC
270 pF
271
F G J K M DG DG DG ED
ED
ED
EG
EG
FG
FG
FG
FK
FK
LA
LA
LA
LB
LC
300 pF
301
F G J K M DG DG
ED
ED
EF
EG
FG
FG
FG
FK
FK
LA
LA
LA
LB
LC
330 pF
331
F G J K M DG DG
ED
ED
EF
EG
FG
FG
FG
FK
FK
LA
LA
LA
LB
LC
360 pF
361
F G J K M DG DG
ED
ED
EF
EG
FG
FG
FG
FK
FS
LA
LA
LA
LB
LA
390 pF
391
F G J K M DG DG
ED
ED
EF
EG
FG
FG
FG
FK
FS
LA
LA
LA
LB
LA
430 pF
431
F G J K M DG DG
ED
ED
EF
EG
FG
FM FM
FS
FS
LA
LB
LB
LC
LA
470 pF
471
F G J K M DG DG
ED
ED
EG
EG
FG
FM FM
FS
FS
LA
LB
LB
LC
LA
510 pF
511
F G J K M DG DG
ED
ED
EG
EG
FG
FM FM
FS
FS
LA
LB
LB
LC
LB
560 pF
561
F G J K M DG DG
ED
ED
EG
EG
FG
FM FM
FS
FS
LA
LB
LB
LC
LB
620 pF
621
F G J K M DG
ED
ED
EG
FG
FM FM
FS
FS
LA
LB
LB
LA
LC
680 pF
681
F G J K M DG
ED
ED
EG
FG
FM FM
FS
FS
LB
LB
LB
LA
LC
750 pF
751
F G J K M DG
ED
EF
EG
FG
FM FM FM
LB
LB
LB
LA
820 pF
821
F G J K M DG
ED
EF
EG
FG
FM FM FM
LB
LB
LB
LA
910 pF
911
F G J K M
ED
EF
EG
FM FM FM
FY
LB
LB
LB
LA
1,000 pF
102
F G J K M
ED
EF
EG
FM FM FM
FY
LB
LB
LB
LB
1,100 pF
112
F G J K M
EF
EG
FM
FK
FK
FS
LC
LC
LC
LB
1,200 pF
122
F G J K M
EF
EG
FM
FK
FK
FS
LC
LC
LC
LC
1,300 pF
132
F G J K M
EF
EG
FM
FS
FS
LC
LC
LC
LC
1,500 pF
152
F G J K M
EF
EG
FK
FS
FS
LC
LC
LC
LC
1,600 pF
162
F G J K M
EF
EG
FK
FS
FS
LC
LC
LC
1,800 pF
182
F G J K M
EF
EG
FK
FS
FS
LC
LC
LC
2,000 pF
202
F G J K M
EG
FK
FL
FS
LC
LA
LB
2,200 pF
222
F G J K M
EG
FK
FL
FS
LC
LA
LB
2,400 pF
242
F G J K M
EG
FS
FL
FS
LC
LA
LB
2,700 pF
272
F G J K M
EG
FS
FL
FS
LC
LA
LC
3,000 pF
302
F G J K M
FS
FL
LA
LA
3,300 pF
332
F G J K M
FS
FM
LA
LA
3,600 pF
362
F G J K M
FL
FM
LA
LB
3,900 pF
392
F G J K M
FL
FY
LA
LB
4,300 pF
432
F G J K M
FM
FY
LA
LC
4,700 pF
472
F G J K M
FM
FY
LA
LC
Capacitance
Cap
Code
Rated Voltage (VDC)
Voltage Code
C
B
D
C
B
D
F
G
C
B
D
F
G
C
B
D
F
G
Case Size/Series
C0805H
C1206H
C1210H
C1808H


Similar Part No. - C0805H393MBGAGTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0805H333J3GACT1K0 KEMET-C0805H333J3GACT1K0 Datasheet
70Kb / 1P
   Ceramic, 200C, 200C-(CxxxxH), 0.033 uF, 5%, 25 V, 0805, C0G, SMD, MLCC, High Temperature, Ultra-Stable, Low Loss
C0805H333J3GACTU KEMET-C0805H333J3GACTU Datasheet
71Kb / 1P
   Capacitor, Ceramic, SMD, MLCC, High Temp, Ultra-Stable, Low Loss, 0.033 uF, /-5% Tol, 25 V, C0G, 0805 (2012 metric)
More results

Similar Description - C0805H393MBGAGTU

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VJ0805A391JXAAT VISHAY-VJ0805A391JXAAT Datasheet
78Kb / 6P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 23-Sep-09
logo
Kemet Corporation
03029BX222ZJZC7189 KEMET-03029BX222ZJZC7189 Datasheet
482Kb / 4P
   Surface Mount Multilayer Ceramic Chip Capacitors
C1206C104J3JACTU KEMET-C1206C104J3JACTU Datasheet
1Mb / 20P
   Surface Mount Multilayer Ceramic Chip Capacitors
logo
Vishay Siliconix
VJ1206A102JXCAT VISHAY-VJ1206A102JXCAT Datasheet
168Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 06-May-13
VJ0402A100KXXPW1BC VISHAY-VJ0402A100KXXPW1BC Datasheet
199Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 27-Mar-13
VJ0805Y104KXAAT VISHAY-VJ0805Y104KXAAT Datasheet
168Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 06-May-13
logo
Kemet Corporation
C1210R225K3RACT050 KEMET-C1210R225K3RACT050 Datasheet
1Mb / 22P
   Surface Mount Multilayer Ceramic Chip Capacitors
logo
Vishay Siliconix
CDR-MIL-PRF-55681 VISHAY-CDR-MIL-PRF-55681_17 Datasheet
118Kb / 12P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 25-Jul-17
logo
Kemet Corporation
C1206C104J3GACAUTO KEMET-C1206C104J3GACAUTO Datasheet
1Mb / 19P
   Surface Mount Multilayer Ceramic Chip Capacitors
logo
Vishay Siliconix
VJ0805Y683KXXCW1BC VISHAY-VJ0805Y683KXXCW1BC Datasheet
187Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 07-Nov-13
VJ0805Y102KXAAC31 VISHAY-VJ0805Y102KXAAC31 Datasheet
178Kb / 21P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 04-May-12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com