Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NHQ035B Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # NHQ035B
Description  INTELLIGENT POWER DEVICE
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

NHQ035B Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button NHQ035B Datasheet HTML 4Page - Renesas Technology Corp NHQ035B Datasheet HTML 5Page - Renesas Technology Corp NHQ035B Datasheet HTML 6Page - Renesas Technology Corp NHQ035B Datasheet HTML 7Page - Renesas Technology Corp NHQ035B Datasheet HTML 8Page - Renesas Technology Corp NHQ035B Datasheet HTML 9Page - Renesas Technology Corp NHQ035B Datasheet HTML 10Page - Renesas Technology Corp NHQ035B Datasheet HTML 11Page - Renesas Technology Corp NHQ035B Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 42 page
background image
µ
PD166028T1K Datasheet
3. Specification
R07DS1162EJ0200 Rev.2.00
Page 8 of 40
May 22, 2015
Protection function
Tch=-40 to 150°C, Vcc=7 to 18V, unless otherwise specified
Parameter
Symbol
Min
Typ
Max
Unit
Test Condition
Over current detection
current
IL(SC)
35
50
A
VCC=13.5V, Von=5V, Tch=25°C
Current limitation under
power limitation toggling
IL(CL)
20
A
VCC=13.5V
Current limitation under
absolute thermal toggling
IL(TT)
8
A
VCC=13.5V
Current limitation trigger
threshold during turn-on
Von(CL1)
2.0
V
VCC=13.5V
Current limitation trigger
threshold during on-state
Von(CL2)
0.8
V
VCC=13.5V
Absolute thermal
shutdown temperature
aTth
150
°C
Thermal hysteresis for
absolute thermal toggling
aTth,hys
20
°C
Power limitation thermal
shutdown temperature
dTth
60
°C
Power limitation restart
temperature
dTth,rest
art
30
°C
Output clamp at inductive
load switch off
Von,clam
p
30
40
V
VCC=13.5V, IL=40mA, Tch=25°C
Output current while GND
disconnection
IL(GND)
1
mA
IIN=0A, ISEN=0A, IGND=0A, IIS=0A
Output voltage drop at
reverse battery condition
Vds(rev)
0.9
V
Tch=25°C
VCC=-13.5V,
RL=5.4Ω
0.7
Tch=150°C
Remark) All voltages refer to ground pin of the device


Similar Part No. - NHQ035B

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NHQ030A RENESAS-NHQ030A Datasheet
956Kb / 41P
   INTELLIGENT POWER DEVICE
NHQ030B RENESAS-NHQ030B Datasheet
956Kb / 41P
   INTELLIGENT POWER DEVICE
NHQ030C RENESAS-NHQ030C Datasheet
956Kb / 41P
   INTELLIGENT POWER DEVICE
More results

Similar Description - NHQ035B

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD166034T1U RENESAS-UPD166034T1U Datasheet
804Kb / 41P
   INTELLIGENT POWER DEVICE
RAA2900014H12HPD RENESAS-RAA2900014H12HPD Datasheet
592Kb / 19P
   INTELLIGENT POWER DEVICE
UPD166011T1J RENESAS-UPD166011T1J Datasheet
211Kb / 28P
   INTELLIGENT POWER DEVICE
UPD166035GR RENESAS-UPD166035GR Datasheet
534Kb / 17P
   INTELLIGENT POWER DEVICE
RAA2900034H12HPD RENESAS-RAA2900034H12HPD Datasheet
572Kb / 19P
   INTELLIGENT POWER DEVICE
Feb. 28, 2020
UPD166030T1K RENESAS-UPD166030T1K Datasheet
838Kb / 42P
   INTELLIGENT POWER DEVICE
UPD166025T1J RENESAS-UPD166025T1J Datasheet
954Kb / 41P
   INTELLIGENT POWER DEVICE
RAA2900024H12HPD RENESAS-RAA2900024H12HPD Datasheet
486Kb / 19P
   INTELLIGENT POWER DEVICE
UPD166023T1J RENESAS-UPD166023T1J Datasheet
954Kb / 41P
   INTELLIGENT POWER DEVICE
UPD166032T1U RENESAS-UPD166032T1U Datasheet
789Kb / 41P
   INTELLIGENT POWER DEVICE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com