Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NHQ070B Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # NHQ070B
Description  INTELLIGENT POWER DEVICE
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

NHQ070B Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button NHQ070B Datasheet HTML 5Page - Renesas Technology Corp NHQ070B Datasheet HTML 6Page - Renesas Technology Corp NHQ070B Datasheet HTML 7Page - Renesas Technology Corp NHQ070B Datasheet HTML 8Page - Renesas Technology Corp NHQ070B Datasheet HTML 9Page - Renesas Technology Corp NHQ070B Datasheet HTML 10Page - Renesas Technology Corp NHQ070B Datasheet HTML 11Page - Renesas Technology Corp NHQ070B Datasheet HTML 12Page - Renesas Technology Corp NHQ070B Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 42 page
background image
µ
PD166029T1J Datasheet
3. Specification
R07DS1163EJ0200 Rev.2.00
Page 9 of 40
May 22, 2015
Diagnosis function
Tch=-40 to 150°C, Vcc=7 to 18V, VIN=4.5V, VSEN=4.5V, unless otherwise specified
Parameter
Symbol
Min
Typ
Max
Unit
Test Condition
Current sense ratio
KILIS
1120
1400
1680
IL=1.0A
980
1400
1820
IL=0.2A
Current sense drift depend
on temperature
dKILIS
-15
15
%
VCC=13.5V, Tch,start=25°C,
RL=7.7Ω
Sense current offset
current
Iis,offset
2
µ
A
IL<10mA
Sense current leakage
current
Iis,dis
1
µ
A
VIN=0V, VSEN=0V
Sense current under fault
condition
Iis,fault
3
9.5
mA
VCC=13.5V, RIS=0.67kΩ
3.5
9
VCC=13.5V, RIS=1kΩ
3.5
5.5
VCC=13.5V, RIS=2kΩ
Minimum output current for
current sense output
IL(CSE)
10
45
mA
IIS>5µA
Open load detection
threshold at off-state
VOUT(OL)
2.0
5.0
V
VIN=0V, Tch=-40~105°C
OUT terminal current at
Open load condition
IOUT(OL)
-1.0
µ
A
VIN =0V
Open load detection delay
after input negative slope
tdop
300
µ
s
VIN=4.5V to 0V, VOUT>VOUT(OL)
Remark) All voltages refer to ground pin of the device


Similar Part No. - NHQ070B

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NHQ006A RENESAS-NHQ006A Datasheet
789Kb / 41P
   INTELLIGENT POWER DEVICE
NHQ006B RENESAS-NHQ006B Datasheet
789Kb / 41P
   INTELLIGENT POWER DEVICE
NHQ006C RENESAS-NHQ006C Datasheet
789Kb / 41P
   INTELLIGENT POWER DEVICE
NHQ008A RENESAS-NHQ008A Datasheet
804Kb / 41P
   INTELLIGENT POWER DEVICE
NHQ008B RENESAS-NHQ008B Datasheet
804Kb / 41P
   INTELLIGENT POWER DEVICE
More results

Similar Description - NHQ070B

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD166034T1U RENESAS-UPD166034T1U Datasheet
804Kb / 41P
   INTELLIGENT POWER DEVICE
RAA2900014H12HPD RENESAS-RAA2900014H12HPD Datasheet
592Kb / 19P
   INTELLIGENT POWER DEVICE
UPD166011T1J RENESAS-UPD166011T1J Datasheet
211Kb / 28P
   INTELLIGENT POWER DEVICE
UPD166035GR RENESAS-UPD166035GR Datasheet
534Kb / 17P
   INTELLIGENT POWER DEVICE
RAA2900034H12HPD RENESAS-RAA2900034H12HPD Datasheet
572Kb / 19P
   INTELLIGENT POWER DEVICE
Feb. 28, 2020
UPD166030T1K RENESAS-UPD166030T1K Datasheet
838Kb / 42P
   INTELLIGENT POWER DEVICE
UPD166028T1K RENESAS-UPD166028T1K Datasheet
841Kb / 42P
   INTELLIGENT POWER DEVICE
UPD166025T1J RENESAS-UPD166025T1J Datasheet
954Kb / 41P
   INTELLIGENT POWER DEVICE
RAA2900024H12HPD RENESAS-RAA2900024H12HPD Datasheet
486Kb / 19P
   INTELLIGENT POWER DEVICE
UPD166023T1J RENESAS-UPD166023T1J Datasheet
954Kb / 41P
   INTELLIGENT POWER DEVICE
UPD166032T1U RENESAS-UPD166032T1U Datasheet
789Kb / 41P
   INTELLIGENT POWER DEVICE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com