Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM1431S-24 Datasheet(PDF) 11 Page - Union Semiconductor, Inc.

Part # UM1431S-24
Description  30V Input, 100mA Current Limit, Micropower Linear Regulator
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNIONSEMI [Union Semiconductor, Inc.]
Direct Link  http://www.union-ic.com
Logo UNIONSEMI - Union Semiconductor, Inc.

UM1431S-24 Datasheet(HTML) 11 Page - Union Semiconductor, Inc.

Back Button UM1431S-24 Datasheet HTML 7Page - Union Semiconductor, Inc. UM1431S-24 Datasheet HTML 8Page - Union Semiconductor, Inc. UM1431S-24 Datasheet HTML 9Page - Union Semiconductor, Inc. UM1431S-24 Datasheet HTML 10Page - Union Semiconductor, Inc. UM1431S-24 Datasheet HTML 11Page - Union Semiconductor, Inc. UM1431S-24 Datasheet HTML 12Page - Union Semiconductor, Inc. UM1431S-24 Datasheet HTML 13Page - Union Semiconductor, Inc. UM1431S-24 Datasheet HTML 14Page - Union Semiconductor, Inc. UM1431S-24 Datasheet HTML 15Page - Union Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
________________________________________________________________________
http://www.union-ic.com Rev.01 Apr.2016
11/19
UM1431/1441
Electrical Characteristics
VIN=VOUT+1V, CIN=1μF, COUT=10μF, TA=25°C.
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
VIN
Input Voltage Range
3.6
30
V
VOUT
Output Voltage Range
2.0
6.0
V
IQ
Operating Quiescent
Current
IOUT=0mA, VIN=30V
5.8
8.0
μA
VIN=30V, IOUT=30mA
70
ISHDN
Shutdown Leakage
Current
VIN=30V
2.2
3.0
μA
IOUT
Output Current
30
mA
Output Voltage
Accuracy
IOUT=30mA, TA=+25°C
-3
+3
%
ΔV
DO
Dropout Voltage
IOUT=30mA
250
350
mV
ILIMT
Output Current Limit
VIN≥2.5V
100
mA
t
Startup Time Response
150
μs
VIL
Enable Input Low
Voltage
0.7
V
VIH
Enable Input High
Voltage
2.0
V
TC
Output Voltage
Temperature
Coefficient
IOUT=10mA
150
ppm/°C
Line Regulation
VOUT+1V≤VIN≤30V
(3.6V≤VIN)
IOUT=10mA
0.05
%/V
Load Regulation
VIN=VOUT+1V (3.6V≤VIN)
1μA≤IOUT≤30mA
15
mV
Output Voltage Noise
10Hz to 100kHz
CIN=1μF, IOUT=100mA
VOUT=2.0V
450
μV
RMS
PSRR
Power Supply Ripple
Rejection
VIN=VOUT+1V
IOUT=100mA
(3.6V≤VIN)
f=100Hz
55
dB
f=1kHz
45
f=10kHz
35


Similar Part No. - UM1431S-24

ManufacturerPart #DatasheetDescription
logo
Union Semiconductor, In...
UM1430 UNIONSEMI-UM1430 Datasheet
660Kb / 19P
   18V Input, 100mA Current Limited, Micropower Linear Regulator
UM1430B-20 UNIONSEMI-UM1430B-20 Datasheet
660Kb / 19P
   18V Input, 100mA Current Limited, Micropower Linear Regulator
UM1430B-21 UNIONSEMI-UM1430B-21 Datasheet
660Kb / 19P
   18V Input, 100mA Current Limited, Micropower Linear Regulator
UM1430B-22 UNIONSEMI-UM1430B-22 Datasheet
660Kb / 19P
   18V Input, 100mA Current Limited, Micropower Linear Regulator
UM1430B-23 UNIONSEMI-UM1430B-23 Datasheet
660Kb / 19P
   18V Input, 100mA Current Limited, Micropower Linear Regulator
More results

Similar Description - UM1431S-24

ManufacturerPart #DatasheetDescription
logo
Union Semiconductor, In...
UM1430 UNIONSEMI-UM1430 Datasheet
660Kb / 19P
   18V Input, 100mA Current Limited, Micropower Linear Regulator
logo
Linear Technology
LT3050 LINER-LT3050_15 Datasheet
405Kb / 26P
   100mA, Linear Regulator with Precision Current Limit and Diagnostic Outputs
LT3050 LINER-LT3050_10 Datasheet
400Kb / 26P
   100mA, Linear Regulator with Precision Current Limit and Diagnostic Outputs
logo
Cherry Semiconductor Co...
CS8221 CHERRY-CS8221 Datasheet
149Kb / 6P
   Micropower 5V, 100mA Low Dropout Linear Regulator
logo
Shenzhen Huazhimei Semi...
HM7533HB HMSEMI-HM7533HB Datasheet
233Kb / 2P
   High Input Micropower Linear Regulator
HM7550HB HMSEMI-HM7550HB Datasheet
222Kb / 2P
   High Input Micropower Linear Regulator
HM7530HB HMSEMI-HM7530HB Datasheet
194Kb / 2P
   High Input Micropower Linear Regulator
logo
Linear Technology
LT3050 LINER-LT3050 Datasheet
350Kb / 20P
   100mA, Low Noise Linear Regulator With Precision Current Limit And Diagnostic Functions
logo
Maxim Integrated Produc...
MAX4785 MAXIM-MAX4785_V01 Datasheet
659Kb / 10P
   50mA/100mA Current-Limit Switches
2005
MAX4785 MAXIM-MAX4785 Datasheet
266Kb / 10P
   50mA/100mA Current-Limit Switches
Rev 1; 4/03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com