Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RTL8201BL Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # RTL8201BL
Description  REALTEK SINGLE CHIP SINGLE PORT 10/100M FAST ETHERNET PHYCEIVER RTL8201BL
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RTL8201BL Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button RTL8201BL Datasheet HTML 2Page - List of Unclassifed Manufacturers RTL8201BL Datasheet HTML 3Page - List of Unclassifed Manufacturers RTL8201BL Datasheet HTML 4Page - List of Unclassifed Manufacturers RTL8201BL Datasheet HTML 5Page - List of Unclassifed Manufacturers RTL8201BL Datasheet HTML 6Page - List of Unclassifed Manufacturers RTL8201BL Datasheet HTML 7Page - List of Unclassifed Manufacturers RTL8201BL Datasheet HTML 8Page - List of Unclassifed Manufacturers RTL8201BL Datasheet HTML 9Page - List of Unclassifed Manufacturers RTL8201BL Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
RTL8201BL
2002-03-29
Rev.1.2
6
5.3 Clock Interface
Symbol
Type
Pin No.
Description
X2
O
47
25MHz Crystal Output: This pin provides the 25MHz crystal output. It
must be left open when X1 is driven with an external 25MHz oscillator.
X1
I
46
25MHz Crystal Input: This pin provides the 25MHz crystal input. If a
25MHz oscillator is used, connect X1 to the oscillator’s output. Refer to
section 8.3 to obtain clock source specifications.
5.4 100Mbps Network Interface
Symbol
Type
Pin No.
Description
TPTX+
TPTX-
O
O
34
33
Transmit Output: Differential pair shared by 100Base-TX, 100Base-FX and
10Base-T modes. When configured as 100Base-TX, output is an MLT-3
encoded waveform. When configured as 100Base-FX, the output is
pseudo-ECL level.
RTSET
I
28
Transmit Bias Resistor Connection: This pin should be pulled to GND by
a 5.9KΩ (1%) resistor to define driving current for transmit DAC. The
resistance value may be changed, depending on experimental results of the
RTL8201BL.
TPRX+
TPRX-
I
I
31
30
Receive Input: Differential pair shared by 100Base-TX, 100Base-FX, and
10Base-T modes.
5.5 Device Configuration Interface
Symbol
Type
Pin No.
Description
ISOLATE
I
43
Set high to isolate the RTL8201BL from the MAC. This will also isolate the
MDC/MDIO management interface. In this mode, the power consumption is
minimum. This pin can be directly connected to GND or VCC.
RPTR
I
40
Set high to put the RTL8201BL into repeater mode. This pin can be directly
connected to GND or VCC.
SPEED
LI
39
This pin is latched to input during a power on or reset condition. Set high to
put the RTL8201BL into 100Mbps operation. This pin can be directly connected
to GND or VCC.
DUPLEX
LI
38
This pin is latched to input during a power on or reset condition. Set high to
enable full duplex. This pin can be directly connected to GND or VCC.
ANE
LI
37
This pin is latched to input during a power on or reset condition. Set high to
enable Auto-negotiation mode, set low to force mode. This pin can be directly
connected to GND or VCC.
LDPS
I
41
Set high to put the RTL8201BL into LDPS mode. This pin can be directly
connected to GND or VCC. Refer to Section 7.7 for more information.
MII/SNIB/
RTT3(test)
LI/O
44
This pin is latched to input during a power on or reset condition. Pull high to
set the RTL8201BL into MII mode operation. Set low for SNI mode. This pin
can be directly connected to GND or VCC. In test mode, this pin is an output pin and
redefined as RTT3


Similar Part No. - RTL8201BL

ManufacturerPart #DatasheetDescription
logo
Realtek Semiconductor C...
RTL8201CL REALTEK-RTL8201CL Datasheet
597Kb / 39P
   SINGLE-CHIP/SINGLE-PORT 10/100M FAST ETHERNET PHYCEIVER
Rev. 1.24 04 November 2005
RTL8201CL-LF REALTEK-RTL8201CL-LF Datasheet
597Kb / 39P
   SINGLE-CHIP/SINGLE-PORT 10/100M FAST ETHERNET PHYCEIVER
Rev. 1.24 04 November 2005
RTL8201CL-VD REALTEK-RTL8201CL-VD Datasheet
597Kb / 39P
   SINGLE-CHIP/SINGLE-PORT 10/100M FAST ETHERNET PHYCEIVER
Rev. 1.24 04 November 2005
RTL8201CL-VD-LF REALTEK-RTL8201CL-VD-LF Datasheet
597Kb / 39P
   SINGLE-CHIP/SINGLE-PORT 10/100M FAST ETHERNET PHYCEIVER
Rev. 1.24 04 November 2005
logo
List of Unclassifed Man...
RTL8201CP ETC1-RTL8201CP Datasheet
543Kb / 38P
   SINGLE-CHIP/SINGLE-PORT 10/100M FAST ETHERNET PHYCEIVER (With Auto Crossover)
More results

Similar Description - RTL8201BL

ManufacturerPart #DatasheetDescription
logo
Realtek Semiconductor C...
RTL8201CL REALTEK-RTL8201CL Datasheet
597Kb / 39P
   SINGLE-CHIP/SINGLE-PORT 10/100M FAST ETHERNET PHYCEIVER
Rev. 1.24 04 November 2005
RTL8201CP REALTEK-RTL8201CP Datasheet
438Kb / 37P
   SINGLE-CHIP/SINGLE-PORT 10/100M FAST ETHERNET PHYCEIVER
RTL8201F-VB-CG REALTEK-RTL8201F-VB-CG Datasheet
908Kb / 66P
   SINGLE-CHIP/PORT 10/100M ETHERNET PHYCEIVER
logo
List of Unclassifed Man...
RTL8201CP ETC1-RTL8201CP Datasheet
543Kb / 38P
   SINGLE-CHIP/SINGLE-PORT 10/100M FAST ETHERNET PHYCEIVER (With Auto Crossover)
logo
Realtek Semiconductor C...
RTL8201DL-GR REALTEK-RTL8201DL-GR_07 Datasheet
616Kb / 41P
   SINGLE-CHIP/PORT 10/100 FAST ETHERNET PHYCEIVER WITH AUTO MDIX
RTL8201N-GR REALTEK-RTL8201N-GR Datasheet
620Kb / 40P
   SINGLE-CHIP/PORT 10/100 FAST ETHERNET PHYCEIVER WITH AUTO MDIX
RTL8201N-GR_07 REALTEK-RTL8201N-GR_07_09 Datasheet
699Kb / 46P
   SINGLE-CHIP/PORT 10/100 FAST ETHERNET PHYCEIVER WITH AUTO MDIX
RTL8201DL-GR REALTEK-RTL8201DL-GR Datasheet
580Kb / 42P
   SINGLE-CHIP/PORT 10/100 FAST ETHERNET PHYCEIVER WITH AUTO MDIX
RTL8201N-GR REALTEK-RTL8201N-GR_07 Datasheet
616Kb / 39P
   SINGLE-CHIP/PORT 10/100 FAST ETHERNET PHYCEIVER WITH AUTO MDIX
logo
List of Unclassifed Man...
RTL8208 ETC-RTL8208 Datasheet
546Kb / 40P
   REALTEK SINGLE CHIP OCTAL 10/100 MBPS FAST ETHERNET TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com