Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM1665S Datasheet(PDF) 5 Page - Union Semiconductor, Inc.

Part # UM1665S
Description  Low Power DC/DC Boost Converter
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNIONSEMI [Union Semiconductor, Inc.]
Direct Link  http://www.union-ic.com
Logo UNIONSEMI - Union Semiconductor, Inc.

UM1665S Datasheet(HTML) 5 Page - Union Semiconductor, Inc.

  UM1665S Datasheet HTML 1Page - Union Semiconductor, Inc. UM1665S Datasheet HTML 2Page - Union Semiconductor, Inc. UM1665S Datasheet HTML 3Page - Union Semiconductor, Inc. UM1665S Datasheet HTML 4Page - Union Semiconductor, Inc. UM1665S Datasheet HTML 5Page - Union Semiconductor, Inc. UM1665S Datasheet HTML 6Page - Union Semiconductor, Inc. UM1665S Datasheet HTML 7Page - Union Semiconductor, Inc. UM1665S Datasheet HTML 8Page - Union Semiconductor, Inc. UM1665S Datasheet HTML 9Page - Union Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
________________________________________________________________________
http://www.union-ic.com Rev.05 Mar.2016
5/15
UM1665
Operation
The UM1665 features a constant off-time control scheme. Operation can be best understood by
referring to the function block diagram. The converter monitors the output voltage, and as soon as
the feedback voltage falls below the reference voltage of typically 1.233V, the internal switch
turns on and the current ramps up. The switch turns off as soon as the inductor current reaches the
internally set peak current of typically 400mA. The second criteria that turns off the switch is the
maximum on-time of 6µs (typical). This is just to limit the maximum on-time of the converter to
cover for extreme conditions. As the switch is turned off the external Schottky diode is forward
biased delivering the current to the output. The switch remains off for a minimum of 400ns
(typical), or until the feedback voltage drops below the reference voltage again. Using this PFM
peak current control scheme the converter operates in discontinuous conduction mode (DCM)
where the switching frequency depends on the output current, which results in very high
efficiency over the entire load current range.
Peak Current Control
The internal switch turns on until the inductor current reaches the typical dc current limit (ILIM) of
400mA. There is approximately a 100ns delay from the time the current limit is reached and when
the internal logic actually turns off the switch. During this 100ns delay, the peak inductor current
will increase. This increase demands a larger saturation current rating for the inductor. This
saturation current can be approximated by the following equation:
ns
100
L
V
I
I
IN
LIM
)
TYP
(
P EAK
It means higher input voltage and lower inductor value lead to greater SW peak current.
Soft-Start
All inductive step-up converters exhibit high inrush current during start-up if no special
precaution is made. This can cause voltage drops at the input rail during start up and may result in
an unwanted or early system shut down. The UM1665 limits this inrush current by increasing the
current limit in two steps from ILIM/4 for 256 cycles to ILIM/2 for the next 256 cycles, and then full
current limit.
Enable
Pulling the enable pin (EN) to ground shuts down the device reducing the shutdown current to
1µA (typical). Since there is a conductive path from the input to the output through the inductor
and Schottky diode, the output voltage is equal to the input voltage during shutdown. The enable
pin needs to be terminated and should not be left floating. Using a small external transistor
disconnects the input from the output during shutdown as shown in the figure below.


Similar Part No. - UM1665S

ManufacturerPart #DatasheetDescription
logo
Union Semiconductor, In...
UM1660 UNIONSEMI-UM1660 Datasheet
546Kb / 15P
   Low Power DC/DC Boost Converter
UM1660DA UNIONSEMI-UM1660DA Datasheet
546Kb / 15P
   Low Power DC/DC Boost Converter
UM1660S UNIONSEMI-UM1660S Datasheet
546Kb / 15P
   Low Power DC/DC Boost Converter
UM1661 UNIONSEMI-UM1661 Datasheet
197Kb / 8P
   High Efficiency Low Noise PFM Step-Up DC/DC Converter
UM1661 UNIONSEMI-UM1661_16 Datasheet
213Kb / 8P
   High Efficiency Low Noise PFM Step-Up DC/DC Converter
More results

Similar Description - UM1665S

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME5131 AME-AME5131 Datasheet
169Kb / 11P
   Low Power DC/DC Boost Converter
logo
Union Semiconductor, In...
UM1660 UNIONSEMI-UM1660 Datasheet
546Kb / 15P
   Low Power DC/DC Boost Converter
logo
Analog Microelectronics
AME5170 AME-AME5170 Datasheet
86Kb / 13P
   Low Cost Micro Power Boost DC/DC Converter
logo
Fitipower Integrated Te...
FP6795 FITIPOWER-FP6795 Datasheet
574Kb / 9P
   Low-Noise Boost DC-DC Converter
FP6790 FITIPOWER-FP6790 Datasheet
414Kb / 8P
   Low-Noise Boost DC-DC Converter
logo
Global Mixed-mode Techn...
G5125 GMT-G5125 Datasheet
493Kb / 1P
   Micro-Power Boost DC/DC Converter
G5135 GMT-G5135 Datasheet
114Kb / 1P
   Micro-Power Boost DC/DC Converter
logo
Texas Instruments
TPS61040-Q1 TI-TPS61040-Q1 Datasheet
288Kb / 18P
[Old version datasheet]   LOW POWER DC/DC BOOST CONVERTER IN SOT-23 PACKAGE
TPS61040 TI-TPS61040 Datasheet
299Kb / 18P
[Old version datasheet]   LOW POWER DC/DC BOOST CONVERTER IN SOT-23 PACKAGE
TPS61040-Q1 TI1-TPS61040-Q1_16 Datasheet
1,013Kb / 27P
[Old version datasheet]   Low-Power DC-DC Boost Converter in SOT-23 Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com