Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM1665DA Datasheet(PDF) 7 Page - Union Semiconductor, Inc.

Part # UM1665DA
Description  Low Power DC/DC Boost Converter
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNIONSEMI [Union Semiconductor, Inc.]
Direct Link  http://www.union-ic.com
Logo UNIONSEMI - Union Semiconductor, Inc.

UM1665DA Datasheet(HTML) 7 Page - Union Semiconductor, Inc.

Back Button UM1665DA Datasheet HTML 3Page - Union Semiconductor, Inc. UM1665DA Datasheet HTML 4Page - Union Semiconductor, Inc. UM1665DA Datasheet HTML 5Page - Union Semiconductor, Inc. UM1665DA Datasheet HTML 6Page - Union Semiconductor, Inc. UM1665DA Datasheet HTML 7Page - Union Semiconductor, Inc. UM1665DA Datasheet HTML 8Page - Union Semiconductor, Inc. UM1665DA Datasheet HTML 9Page - Union Semiconductor, Inc. UM1665DA Datasheet HTML 10Page - Union Semiconductor, Inc. UM1665DA Datasheet HTML 11Page - Union Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
________________________________________________________________________
http://www.union-ic.com Rev.05 Mar.2016
7/15
UM1665
EN
GND
FB
SW
VIN
UM1665
L1
10µH
CIN
4.7µF
RS
D1
PWM
50 Hz to 10kHz
D2
30V
(Optional)
82
Ω
VIN=2.0-6.0V
COUT
1µF
Figure 4. White LED Supply with Adjustable Brightness Control
Using a PWM Signal on the Enable Pin
We also can adjust the white LED brightness using an analog signal on the feedback pin (see
figure 5 below). Add a DC voltage to the FB pin, and adjust the LED current by change the DC
voltage, which control the brightness. The LED current is calculated as:
2
S
1
ADJ
2
1
FB
RS
R
R
R
V
R
R
V
I
EN
GND
FB
SW
VIN
UM1665
L1
10µH
CIN
4.7µF
Rs
D1
D2
30V
(Optional)
COUT*
100nF
R2
R1
*A smaller output capacitor value for COUT causes a larger LED ripple.
VIN=2.0-6.0V
VADJ
VFB
Figure 5. White LED Supply with Adjustable Brightness Control
Using an Analog Signal on the Feedback Pin


Similar Part No. - UM1665DA

ManufacturerPart #DatasheetDescription
logo
Union Semiconductor, In...
UM1660 UNIONSEMI-UM1660 Datasheet
546Kb / 15P
   Low Power DC/DC Boost Converter
UM1660DA UNIONSEMI-UM1660DA Datasheet
546Kb / 15P
   Low Power DC/DC Boost Converter
UM1660S UNIONSEMI-UM1660S Datasheet
546Kb / 15P
   Low Power DC/DC Boost Converter
UM1661 UNIONSEMI-UM1661 Datasheet
197Kb / 8P
   High Efficiency Low Noise PFM Step-Up DC/DC Converter
UM1661 UNIONSEMI-UM1661_16 Datasheet
213Kb / 8P
   High Efficiency Low Noise PFM Step-Up DC/DC Converter
More results

Similar Description - UM1665DA

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME5131 AME-AME5131 Datasheet
169Kb / 11P
   Low Power DC/DC Boost Converter
logo
Union Semiconductor, In...
UM1660 UNIONSEMI-UM1660 Datasheet
546Kb / 15P
   Low Power DC/DC Boost Converter
logo
Analog Microelectronics
AME5170 AME-AME5170 Datasheet
86Kb / 13P
   Low Cost Micro Power Boost DC/DC Converter
logo
Fitipower Integrated Te...
FP6795 FITIPOWER-FP6795 Datasheet
574Kb / 9P
   Low-Noise Boost DC-DC Converter
FP6790 FITIPOWER-FP6790 Datasheet
414Kb / 8P
   Low-Noise Boost DC-DC Converter
logo
Global Mixed-mode Techn...
G5125 GMT-G5125 Datasheet
493Kb / 1P
   Micro-Power Boost DC/DC Converter
G5135 GMT-G5135 Datasheet
114Kb / 1P
   Micro-Power Boost DC/DC Converter
logo
Texas Instruments
TPS61040-Q1 TI-TPS61040-Q1 Datasheet
288Kb / 18P
[Old version datasheet]   LOW POWER DC/DC BOOST CONVERTER IN SOT-23 PACKAGE
TPS61040 TI-TPS61040 Datasheet
299Kb / 18P
[Old version datasheet]   LOW POWER DC/DC BOOST CONVERTER IN SOT-23 PACKAGE
TPS61040-Q1 TI1-TPS61040-Q1_16 Datasheet
1,013Kb / 27P
[Old version datasheet]   Low-Power DC-DC Boost Converter in SOT-23 Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com