Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NSHU551B-E Datasheet(PDF) 3 Page - NICHIA CORPORATION

Part # NSHU551B-E
Description  SPECIFICATIONS FOR UV LED
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NSHU551B-E Datasheet(HTML) 3 Page - NICHIA CORPORATION

  NSHU551B-E Datasheet HTML 1Page - NICHIA CORPORATION NSHU551B-E Datasheet HTML 2Page - NICHIA CORPORATION NSHU551B-E Datasheet HTML 3Page - NICHIA CORPORATION NSHU551B-E Datasheet HTML 4Page - NICHIA CORPORATION NSHU551B-E Datasheet HTML 5Page - NICHIA CORPORATION NSHU551B-E Datasheet HTML 6Page - NICHIA CORPORATION NSHU551B-E Datasheet HTML 7Page - NICHIA CORPORATION NSHU551B-E Datasheet HTML 8Page - NICHIA CORPORATION NSHU551B-E Datasheet HTML 9Page - NICHIA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
NICHIA STS-DA1-2755C <Cat.No.131107>
2
RANKS
Item
Rank
Min
Max
Unit
Forward Voltage
-
2.9
4.0
V
8
6.8
9.6
7
4.8
6.8
Radiant Flux
6
3.4
4.8
mW
Peak Wavelength
Ua
360
370
nm
* Ranking at TA=25°C.
* Forward Voltage Tolerance: ±0.05V
* Radiant Flux Tolerance: ±10%
* Peak Wavelength Tolerance: ±3nm
* LEDs from the above ranks will be shipped.
The rank combination ratio per shipment will be decided by Nichia.


Similar Part No. - NSHU551B-E

ManufacturerPart #DatasheetDescription
logo
NICHIA CORPORATION
NSHU551B NICHIA-NSHU551B Datasheet
555Kb / 12P
   SPECIFICATIONS FOR NICHIA UV LED
More results

Similar Description - NSHU551B-E

ManufacturerPart #DatasheetDescription
logo
NICHIA CORPORATION
NSSU100C-E NICHIA-NSSU100C-E Datasheet
307Kb / 17P
   SPECIFICATIONS FOR UV LED
NSHU551A-E NICHIA-NSHU551A-E Datasheet
223Kb / 15P
   SPECIFICATIONS FOR UV LED
NCSU034B-E NICHIA-NCSU034B-E Datasheet
452Kb / 18P
   SPECIFICATIONS FOR UV LED
NCSU034B NICHIA-NCSU034B Datasheet
292Kb / 17P
   SPECIFICATIONS FOR UV LED
NVSU233B NICHIA-NVSU233B Datasheet
676Kb / 28P
   SPECIFICATIONS FOR UV LED
NSSU123 NICHIA-NSSU123 Datasheet
300Kb / 16P
   SPECIFICATIONS FOR UV LED
NSSU123T NICHIA-NSSU123T Datasheet
283Kb / 17P
   SPECIFICATIONS FOR UV LED
NCSU275 NICHIA-NCSU275 Datasheet
372Kb / 24P
   SPECIFICATIONS FOR UV LED
NC4U134A NICHIA-NC4U134A_13 Datasheet
322Kb / 18P
   SPECIFICATIONS FOR UV LED
NCSU033C NICHIA-NCSU033C Datasheet
466Kb / 18P
   SPECIFICATIONS FOR UV LED
NCSU033B-E NICHIA-NCSU033B-E Datasheet
452Kb / 18P
   SPECIFICATIONS FOR UV LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com