Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM1770Y-19 Datasheet(PDF) 5 Page - Union Semiconductor, Inc.

Part # UM1770Y-19
Description  500mA, Micropower, VLDO Linear Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNIONSEMI [Union Semiconductor, Inc.]
Direct Link  http://www.union-ic.com
Logo UNIONSEMI - Union Semiconductor, Inc.

UM1770Y-19 Datasheet(HTML) 5 Page - Union Semiconductor, Inc.

  UM1770Y-19 Datasheet HTML 1Page - Union Semiconductor, Inc. UM1770Y-19 Datasheet HTML 2Page - Union Semiconductor, Inc. UM1770Y-19 Datasheet HTML 3Page - Union Semiconductor, Inc. UM1770Y-19 Datasheet HTML 4Page - Union Semiconductor, Inc. UM1770Y-19 Datasheet HTML 5Page - Union Semiconductor, Inc. UM1770Y-19 Datasheet HTML 6Page - Union Semiconductor, Inc. UM1770Y-19 Datasheet HTML 7Page - Union Semiconductor, Inc. UM1770Y-19 Datasheet HTML 8Page - Union Semiconductor, Inc. UM1770Y-19 Datasheet HTML 9Page - Union Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
________________________________________________________________________
http://www.union-ic.com Rev.05 Jan.2015
5/13
UM1770
Absolute Maximum Ratings (Note 1)
Symbol
Parameter
Value
Unit
VIN
Supply Voltage on IN Pin
-0.3 to +7.5
V
V
SHDN
___________
Voltage on SHDN
___________
Pin
-0.3 to +7.5
V
VOUT
Voltage on OUT Pin
-0.3 to +7.5
V
VFB
Voltage on FB Pin
-0.3 to +7.5
V
TJ
Operating Junction Temperature (Notes 2, 3)
-40 to +125
°C
TSTG
Storage Temperature Range
-65 to +150
°C
TL
Lead Temperature for Soldering 10 seconds
+300
°C
PD
(Notes 4)
Power Dissipation@25°C
DFN6 2.0×2.0
0.9
W
SOT89-5
1.5
θ
JA
Package Thermal Resistance
DFN6 2.0×2.0
110
°C/W
SOT89-5
66
Note 1: Absolute Maximum Ratings are those values beyond which the life of a device may be
impaired.
Note 2: The UM1770 is tested and specified under pulse load conditions such that TJ≈TA.
Specifications over the –40℃ to 125℃ operating junction temperature range are assured
by design, characterization and correlation with statistical process controls.
Note 3: This IC includes over-temperature protection that is intended to protect the device during
momentary overload conditions. Junction temperature will exceed 125℃ when
over-temperature protection is active. Continuous operation above the specified
maximum operating junction temperature may impair device reliability.
Note 4: The maximum allowable power dissipation of any TA (ambient temperature) is PDMAX =
(TJMAX - TA)/θJA. Exceeding the maximum allowable power dissipation will result in
excessive die temperature and the regulator will go into thermal shutdown.


Similar Part No. - UM1770Y-19

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
UM1770 STMICROELECTRONICS-UM1770 Datasheet
629Kb / 56P
   BlueNRG profile application interface
More results

Similar Description - UM1770Y-19

ManufacturerPart #DatasheetDescription
logo
Union Semiconductor, In...
UM17735 UNIONSEMI-UM17735 Datasheet
219Kb / 7P
   500mA, Micropower, VLDO Linear Regulator
logo
ACE Technology Co., LTD...
ACE533J ACE-ACE533J Datasheet
853Kb / 11P
   500mA, Micropower, VLDO Linear Regulator
VER 1.2
logo
Linear Technology
LTC3025-1 LINER-LTC3025-1 Datasheet
188Kb / 12P
   500mA Micropower VLDO Linear Regulators
LTC3025-2 LINER-LTC3025-2_15 Datasheet
255Kb / 14P
   500mA Micropower VLDO Linear Regulators
LTC3025-4 LINER-LTC3025-4_15 Datasheet
255Kb / 14P
   500mA Micropower VLDO Linear Regulators
LTC3025-3 LINER-LTC3025-3_15 Datasheet
255Kb / 14P
   500mA Micropower VLDO Linear Regulators
LTC3025-1 LINER-LTC3025-1_15 Datasheet
255Kb / 14P
   500mA Micropower VLDO Linear Regulators
LTC3025 LINER-LTC3025_15 Datasheet
183Kb / 12P
   300mA Micropower VLDO Linear Regulator
logo
Union Semiconductor, In...
UM36550S UNIONSEMI-UM36550S Datasheet
379Kb / 10P
   300mA, Micropower, VLDO Linear Regulator
UM16528 UNIONSEMI-UM16528_16 Datasheet
236Kb / 7P
   300mA, Micropower, VLDO Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com